Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI-1566 Datasheet (PDF) - Holt Integrated Circuits

HI-1566 Datasheet PDF - Holt Integrated Circuits
Part # HI-1566
Download  HI-1566 Download

File Size   159.4 Kbytes
Page   9 Pages
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits
Description 5V Monolithic Dual Transceivers

HI-1566 Datasheet (PDF)

Go To PDF Page Download Datasheet
HI-1566 Datasheet PDF - Holt Integrated Circuits

Part # HI-1566
Download  HI-1566 Click to download

File Size   159.4 Kbytes
Page   9 Pages
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits
Description 5V Monolithic Dual Transceivers

HI-1566 Datasheet (HTML) - Holt Integrated Circuits

HI-1566 Datasheet HTML 1Page - Holt Integrated Circuits HI-1566 Datasheet HTML 2Page - Holt Integrated Circuits HI-1566 Datasheet HTML 3Page - Holt Integrated Circuits HI-1566 Datasheet HTML 4Page - Holt Integrated Circuits HI-1566 Datasheet HTML 5Page - Holt Integrated Circuits HI-1566 Datasheet HTML 6Page - Holt Integrated Circuits HI-1566 Datasheet HTML 7Page - Holt Integrated Circuits HI-1566 Datasheet HTML 8Page - Holt Integrated Circuits HI-1566 Datasheet HTML 9Page - Holt Integrated Circuits

HI-1566 Product details

DESCRIPTION
The HI-1565 and HI-1566 are low power CMOS dual transceivers designed to meet the requirements of MILSTD-1553 and MIL-STD-1760 specifications.
The transmitter section of each bus takes complementary CMOS / TTL data and converts it to differential voltages suitable for driving the bus isolation transformer. Separate transmitter inhibit control signals are provided for each transmitter. Manchester II bi-phase

FEATURES
● Compliant to MIL-STD-1553A & B, MIL-STD-1760,ARINC 708A
● CMOS technology for low standby power
● Smallest footprint available in 44-pin plastic chip-scale package with integral heatsink
● Less than 1.0W maximum power dissipation
● BUS pins ESD protected to greater than 8KV
● Also available in DIP and small outline (ESOIC) package options
● Industrial and extended temperature ranges
● Industry standard pin configurations




Similar Part No. - HI-1566

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-1566 HOLTIC-HI-1566 Datasheet
97Kb / 10P
   5V Monolithic Dual Transceivers
HI-1566 HOLTIC-HI-1566 Datasheet
88Kb / 10P
   MIL-STD-1553 / 1760 5V Monolithic Dual Transceivers
More results


Similar Description - HI-1566

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-1567 HOLTIC-HI-1567_16 Datasheet
83Kb / 11P
   5V Monolithic Dual Transceivers
HI-1567 HOLTIC-HI-1567 Datasheet
216Kb / 7P
   5V MONOLITHIC DUAL TRANSCEIVERS
HI-1565 HOLTIC-HI-1565_09 Datasheet
97Kb / 10P
   5V Monolithic Dual Transceivers
HI-1567 HOLTIC-HI-1567_03 Datasheet
106Kb / 9P
   5V MONOLITHIC DUAL TRANSCEIVERS
HI-1567 HOLTIC-HI-1567_09 Datasheet
85Kb / 10P
   5V Monolithic Dual Transceivers
HI-1567 HOLTIC-HI-1567_06 Datasheet
157Kb / 9P
   5V Monolithic Dual Transceivers
HI-1567 HOLTIC-HI-1567_13 Datasheet
83Kb / 10P
   MIL-STD-1553 / 1760 5V Monolithic Dual Transceivers
HI-1565 HOLTIC-HI-1565_13 Datasheet
88Kb / 10P
   MIL-STD-1553 / 1760 5V Monolithic Dual Transceivers
HI-1579 HOLTIC-HI-1579_16 Datasheet
84Kb / 11P
   3.3V Monolithic Dual Transceivers
HI-1579A HOLTIC-HI-1579A Datasheet
69Kb / 9P
   3.3V Monolithic Dual Transceivers
More results




About Holt Integrated Circuits


Holt Integrated Circuits is a semiconductor company that designs and manufactures integrated circuits (ICs) for the avionics and military markets. The company specializes in data bus communication ICs and offers a wide range of products for the ARINC 429, MIL-STD-1553, ARINC 825 (CAN), ARINC 717, and other data bus protocols.

Holt's products are used in a variety of avionics and military applications, including flight management systems, engine control systems, and communication equipment. They are known for their rugged and reliable products that are designed to operate in harsh environments.

The company was founded in 1983 and is headquartered in Mission Viejo, California, USA. Holt has a strong commitment to research and development, and is dedicated to providing high-quality and reliable products to their customers. In addition to their standard products, Holt also provides customized solutions to meet specific customer requirements.

Overall, Holt Integrated Circuits is a trusted and reputable supplier of data bus communication ICs for the avionics and military markets, with a strong reputation for quality and customer service.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com