Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCD5091H Datasheet (PDF) - NXP Semiconductors

PCD5091H Datasheet PDF - NXP Semiconductors
Part # PCD5091H
Download  PCD5091H Download

File Size   128.87 Kbytes
Page   16 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description DECT baseband controller

PCD5091H Datasheet (PDF)

Go To PDF Page Download Datasheet
PCD5091H Datasheet PDF - NXP Semiconductors

Part # PCD5091H
Download  PCD5091H Click to download

File Size   128.87 Kbytes
Page   16 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description DECT baseband controller

PCD5091H Datasheet (HTML) - NXP Semiconductors

Back Button PCD5091H Datasheet HTML 1Page - NXP Semiconductors PCD5091H Datasheet HTML 2Page - NXP Semiconductors PCD5091H Datasheet HTML 3Page - NXP Semiconductors PCD5091H Datasheet HTML 4Page - NXP Semiconductors PCD5091H Datasheet HTML 5Page - NXP Semiconductors PCD5091H Datasheet HTML 6Page - NXP Semiconductors PCD5091H Datasheet HTML 7Page - NXP Semiconductors PCD5091H Datasheet HTML 8Page - NXP Semiconductors PCD5091H Datasheet HTML 9Page - NXP Semiconductors PCD5091H Datasheet HTML 10Page - NXP Semiconductors Next Button 

PCD5091H Product details

GENERAL DESCRIPTION
The PCD5091 is designed for GAP-compliant handsets with speaker-phone option. It has an embedded 80C51 microcontroller with twice the performance of the classic architecture, 64 kbytes of PROM program memory and 3 kbytes of data memory on-chip. In addition there is 1 kbyte of on-chip data memory that is shared with on-chip Burst Mode Logic (BML) and DSP, the System Data RAM (SDR).

FEATURES
• 80C51 ports P0, P1, P2 and P3 available for interfacing to display, keyboard, I2C-bus, interrupt sources and/or external memory. Integrated 64 kbyte ROM, 3 kbytes of data memory and 1 kbyte SDR-RAM. External program memory is addressable up to 128 kbytes
• +2.7 to +5 V port (P0 to P3) interface
• TDMA frame (de)multiplexing. Transmission or reception can be programmed for any slot
• Ciphering, scrambling, CRC checking/generation and protected B-fields
• Speech and data buffering space for six handsets
• Local call and B-field loop-back
• Two interrupt lines for BML and DSP to interrupt 80C51
• On-chip, three-channel time-multiplexed 8-bit Analog-to-Digital Converter (ADC) for RSSI measurement, one for battery voltage measurement and one channel available for other purposes
• On-chip 8-bit Digital-to-Analog Converter (DAC) for electronic potentiometer function
• Phase error measurement and phase error correction by hardware
• DACs and ADCs for dynamic earpiece and dynamic or electret microphone
• On-chip reference voltage
• On-chip supply for electret microphone
• Very low ohmic buzzer output
• Serial interface to external ADPCM CODEC (PCD5032) or 8 kHz u-law samples
• Speech switch for Digital Telephone Answering Machine (DTAM) connected to SPI interface
• IOM-2 interface (Siemens registered trademark)
• Serial interface to synthesizer for frequency programming
• Programmable polarity and timing of radio-control signals
• GMSK pulse shaper
• Easy interfacing with radio circuits, operating at other supply voltage (RF supply pin with level shifter for RF signals)
• On-chip comparator for use as data-slicer
• Low power oscillator with integrated frequency adjustment
• QFP100 and LQFP100 packages
• Power-on-reset
• Programmable power-down modes
• Low supply voltage (2.7 to 3.6 V)
• CMOS technology.




Similar Part No. - PCD5091H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCD50912H PHILIPS-PCD50912H Datasheet
93Kb / 16P
   The PCD50912 is designed for GAP compatible DECT handsets
1998 Apr 27
More results


Similar Description - PCD5091H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCD5092 PHILIPS-PCD5092 Datasheet
85Kb / 16P
   DECT baseband controller
1997 Jul 21
PCD5095 PHILIPS-PCD5095 Datasheet
83Kb / 16P
   DECT baseband controller
1997 Nov 19
PCD5094 PHILIPS-PCD5094 Datasheet
85Kb / 16P
   DECT baseband controller
1997 Jul 21
PCD5093 PHILIPS-PCD5093 Datasheet
85Kb / 16P
   DECT baseband controller
1997 Jul 21
PCD5090 PHILIPS-PCD5090 Datasheet
95Kb / 16P
   DECT baseband controllers
1996 Oct 17
logo
National Semiconductor ...
SC14408 NSC-SC14408 Datasheet
95Kb / 5P
   Complete Baseband Processor for DECT Handsets
SC14404 NSC-SC14404 Datasheet
175Kb / 6P
   Complete Baseband Processor for DECT Handsets
SC14402 NSC-SC14402 Datasheet
78Kb / 7P
   Complete Baseband Processor for DECT Handsets
SC14422 NSC-SC14422 Datasheet
82Kb / 7P
   Complete Baseband Processor for DECT Base Stations
SC14405 NSC-SC14405 Datasheet
118Kb / 5P
   Complete Baseband Processor for DECT Handsets with onchip Flash and LCD controller
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com