Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI3CH800 Datasheet (PDF) - Pericom Semiconductor Corporation

PI3CH800 Datasheet PDF - Pericom Semiconductor Corporation
Part # PI3CH800
Download  PI3CH800 Download

File Size   579.33 Kbytes
Page   8 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description LOW Voltage, 5?? 8-Channel 2-Port NanoSwitch?

PI3CH800 Datasheet (PDF)

Go To PDF Page Download Datasheet
PI3CH800 Datasheet PDF - Pericom Semiconductor Corporation

Part # PI3CH800
Download  PI3CH800 Click to download

File Size   579.33 Kbytes
Page   8 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description LOW Voltage, 5?? 8-Channel 2-Port NanoSwitch?

PI3CH800 Datasheet (HTML) - Pericom Semiconductor Corporation

PI3CH800 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3CH800 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3CH800 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3CH800 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3CH800 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3CH800 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3CH800 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3CH800 Datasheet HTML 8Page - Pericom Semiconductor Corporation

PI3CH800 Product details

Description
The PI3CH800 is a low voltage, 8-channel switch designed with a fast enable. The switch creates no additional propagational delay or additional ground bounce noise.
The PI3CH800 device has an active LOW enable. It is very useful in switching signals that have high bandwidth (500 MHz).

Features
• Near-Zero propagation delay
• 5-ohm switches connect inputs to outputs
• High signal passing bandwidth (500 MHz)
• Beyond Rail-to-Rail switching
• 5V I/O Tolerant with 3.3V supply in OFF and ON state
• 2.5V and 3.3V supply voltage operation
• Hot insertion capable
• Industrial operating temperature: –40ºC to +85ºC
• 2kV ESD protection (human body model)
• Latch-up performance: >250mA per JESD17
• Packaging (Pb-free & Green available):
    – 20-pin 150-mil wide plastic QSOP (Q)
    – 20-pin 173-mil wide plastic TSSOP (L)

Applications
• High Bandwidth Data Switching
• Hot-Docking
• Analog Signal Switching
• Differential Signal Switching




Similar Part No. - PI3CH800

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3CH800LEX PERICOM-PI3CH800LEX Datasheet
669Kb / 8P
   8-Bit Bus Switch, Enable Low 1.8V/2.5V/3.3V, High-Bandwidth, Hot Plug
PI3CH800QE PERICOM-PI3CH800QE Datasheet
669Kb / 8P
   8-Bit Bus Switch, Enable Low 1.8V/2.5V/3.3V, High-Bandwidth, Hot Plug
PI3CH800QEX PERICOM-PI3CH800QEX Datasheet
669Kb / 8P
   8-Bit Bus Switch, Enable Low 1.8V/2.5V/3.3V, High-Bandwidth, Hot Plug
PI3CH800ZHEX PERICOM-PI3CH800ZHEX Datasheet
669Kb / 8P
   8-Bit Bus Switch, Enable Low 1.8V/2.5V/3.3V, High-Bandwidth, Hot Plug
PI3CH800 PERICOM-PI3CH800_15 Datasheet
669Kb / 8P
   8-Bit Bus Switch, Enable Low 1.8V/2.5V/3.3V, High-Bandwidth, Hot Plug
More results


Similar Description - PI3CH800

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3CH200 PERICOM-PI3CH200 Datasheet
640Kb / 8P
   Low Voltage, 5廓, 2-Channel 2-Port NanoSwitch?
PI3CH401 PERICOM-PI3CH401 Datasheet
376Kb / 8P
   Low Voltage, 5廓, 4-Channel 2-Port NanoSwitch?
PI3CH400 PERICOM-PI3CH400 Datasheet
579Kb / 8P
   Low Voltage, 5廓, 4-Channel 2-Port NanoSwitch?
PI3CH1000 PERICOM-PI3CH1000 Datasheet
571Kb / 8P
   Low Voltage, 5-Ohm, 10-Channel 2-Port NanoSwitch?
PI3B3245 PERICOM-PI3B3245 Datasheet
191Kb / 5P
   3.3V, Hot Insertion 8-Bit, 2-Port, NanoSwitch
PI3B3244 PERICOM-PI3B3244 Datasheet
186Kb / 5P
   3.3V, Hot Insertion, 8-Bit, 2-Port NanoSwitch
PI3B3245 PERICOM-PI3B3245_10 Datasheet
672Kb / 5P
   3.3V, Hot Insertion, 8-Bit, 2-Port NanoSwitch
PI3B3244 PERICOM-PI3B3244_10 Datasheet
616Kb / 4P
   3.3V, Hot Insertion, 8-Bit, 2-Port NanoSwitch
PI3B16245 PERICOM-PI3B16245 Datasheet
147Kb / 3P
   3.3V, 16-Bit, 2-Port NanoSwitch?
PI3B34X245 PERICOM-PI3B34X245 Datasheet
122Kb / 4P
   3.3V, 32-Bit, 2-Port NanoSwitch
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com