Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCF8575CTS Datasheet (PDF) - NXP Semiconductors

PCF8575CTS Datasheet PDF - NXP Semiconductors
Part # PCF8575CTS
Download  PCF8575CTS Download

File Size   107.55 Kbytes
Page   24 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Remote 16-bit I/O expander for I2C-bus

PCF8575CTS Datasheet (PDF)

Go To PDF Page Download Datasheet
PCF8575CTS Datasheet PDF - NXP Semiconductors

Part # PCF8575CTS
Download  PCF8575CTS Click to download

File Size   107.55 Kbytes
Page   24 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Remote 16-bit I/O expander for I2C-bus

PCF8575CTS Datasheet (HTML) - NXP Semiconductors

Back Button PCF8575CTS Datasheet HTML 1Page - NXP Semiconductors PCF8575CTS Datasheet HTML 2Page - NXP Semiconductors PCF8575CTS Datasheet HTML 3Page - NXP Semiconductors PCF8575CTS Datasheet HTML 4Page - NXP Semiconductors PCF8575CTS Datasheet HTML 5Page - NXP Semiconductors PCF8575CTS Datasheet HTML 6Page - NXP Semiconductors PCF8575CTS Datasheet HTML 7Page - NXP Semiconductors PCF8575CTS Datasheet HTML 8Page - NXP Semiconductors PCF8575CTS Datasheet HTML 9Page - NXP Semiconductors PCF8575CTS Datasheet HTML 10Page - NXP Semiconductors Next Button 

PCF8575CTS Product details

2 GENERAL DESCRIPTION

The device is a silicon CMOS circuit. It provides general purpose remote I/O expansion for most microcontroller families via the two-line bidirectional bus (I2C-bus).

The device consists of a 16-bit quasi-bidirectional port and an I2C-bus interface. The PCF8575C has a low current consumption and includes latched outputs with high current drive capability for directly driving LEDs.



FEATURES

• Operating supply voltage from 4.5 to 5.5 V

• Low standby current consumption of 10µA maximum

• I2C-bus to parallel port expander

• 400 kbits/s FAST I2C-bus

• Open-drain interrupt output

• 16-bit remote I/O port for the I2C-bus

• Compatible with most microcontrollers

• Latched outputs with high current drive capability for directly driving LEDs

• Address by 3 hardware address pins for use of up to 8 devices

• SSOP24 package.




Similar Part No. - PCF8575CTS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCF8575C TI-PCF8575C Datasheet
667Kb / 26P
[Old version datasheet]   REMOTE 16-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT
logo
NXP Semiconductors
PCF8575C NXP-PCF8575C Datasheet
727Kb / 8P
   Smart, simple solutions for the 12 most common design concerns
August 2011
logo
Texas Instruments
PCF8575C TI1-PCF8575C Datasheet
1Mb / 38P
[Old version datasheet]   SMBus Low-Power I/O Expander
PCF8575CDB TI-PCF8575CDB Datasheet
667Kb / 26P
[Old version datasheet]   REMOTE 16-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT
PCF8575CDB TI1-PCF8575CDB Datasheet
1Mb / 38P
[Old version datasheet]   SMBus Low-Power I/O Expander
More results


Similar Description - PCF8575CTS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF8575 PHILIPS-PCF8575 Datasheet
105Kb / 24P
   Remote 16-bit I/O expander for I2C-bus
1999 Apr 07
PCA8575 PHILIPS-PCA8575 Datasheet
179Kb / 30P
   Remote 16-bit I/O expander for I2C-bus with interrupt
Rev. 01-30 November 2006
logo
ON Semiconductor
PCA9655EDWR2G ONSEMI-PCA9655EDWR2G Datasheet
215Kb / 20P
   Remote 16-bit I/O Expander for I2C Bus with Interrupt
May, 2012 ??Rev. 1
logo
NXP Semiconductors
PCA8575 NXP-PCA8575 Datasheet
190Kb / 30P
   Remote 16-bit I/O expander for I2C-bus with interrupt
Rev. 02-21 March 2007
logo
Texas Instruments
PCF8574 TI-PCF8574_07 Datasheet
943Kb / 23P
[Old version datasheet]   REMOTE 8-BIT I/O EXPANDER FOR I2C BUS
PCF8574 TI1-PCF8574_15 Datasheet
1Mb / 36P
[Old version datasheet]   Remote 8-Bit I/O Expander for I2C Bus
PCF8574A TI-PCF8574A_05 Datasheet
771Kb / 21P
[Old version datasheet]   REMOTE 8-BIT I/O EXPANDER FOR I2C BUS
logo
List of Unclassifed Man...
HLF8574 ETC-HLF8574 Datasheet
1Mb / 12P
   Remote 8-bit I/O expander for I2C-bus
logo
NXP Semiconductors
PCF8574 PHILIPS-PCF8574 Datasheet
156Kb / 24P
   Remote 8-bit I/O expander for I2C-bus
1997 Apr 02
logo
Texas Instruments
PCF8574 TI-PCF8574_10 Datasheet
959Kb / 26P
[Old version datasheet]   REMOTE 8-BIT I/O EXPANDER FOR I2C BUS
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com