Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SOT223 Datasheet (PDF) - Zetex Semiconductors

SOT223 Datasheet PDF - Zetex Semiconductors
Part # SOT223
Download  SOT223 Download

File Size   218.28 Kbytes
Page   1 Pages
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors
Description Thermal Resistance and Derating Information

SOT223 Datasheet (PDF)

Go To PDF Page Download Datasheet
SOT223 Datasheet PDF - Zetex Semiconductors

Part # SOT223
Download  SOT223 Click to download

File Size   218.28 Kbytes
Page   1 Pages
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors
Description Thermal Resistance and Derating Information

SOT223 Datasheet (HTML) - Zetex Semiconductors

SOT223 Datasheet HTML 1Page - Zetex Semiconductors

SOT223 Product details

SOT223 3W devices

θj-c=12°C/W Typical
θj-a=41.7°C/W

Maximum Mounted on a FR4 p.c.b. of 50mm x 50mm (2"x2")
connected using 25mm x 0.5mm copper wire




Similar Part No. - SOT223

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
SOT223 WILLOW-SOT223 Datasheet
248Kb / 2P
   SMT-Precision-R-Networks
logo
Diodes Incorporated
SOT223 DIODES-SOT223 Datasheet
188Kb / 14P
   SUGGESTED PAD LAYOUT
SOT223 DIODES-SOT223 Datasheet
404Kb / 27P
   SUGGESTED PAD LAYOUT
logo
Global Mixed-mode Techn...
SOT223 GMT-SOT223 Datasheet
127Kb / 1P
   Package Outline
logo
Rohm
SOT223-5 ROHM-SOT223-5 Datasheet
36Kb / 2P
   LSI Assembly
More results


Similar Description - SOT223

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
SM8 ZETEX-SM8 Datasheet
76Kb / 1P
   Thermal Resistance and Derating Information
SOD323 ZETEX-SOD323 Datasheet
93Kb / 1P
   Thermal Resistance and Derating Information
SOT23 ZETEX-SOT23 Datasheet
199Kb / 1P
   Thermal Resistance and Derating Information
SOT323 ZETEX-SOT323 Datasheet
106Kb / 1P
   Thermal Resistance and Derating Information
MSOP8 ZETEX-MSOP8 Datasheet
95Kb / 1P
   Thermal Resistance and Derating Information
SOT89 ZETEX-SOT89 Datasheet
67Kb / 1P
   Thermal Resistance and Derating Information
SOT23-6 ZETEX-SOT23-6 Datasheet
75Kb / 1P
   Thermal Resistance and Derating Information
logo
SunLED Corporation
XSM2DG983W SUNLED-XSM2DG983W Datasheet
226Kb / 3P
   Low power consumption and thermal resistance
XSM2CRK983W SUNLED-XSM2CRK983W Datasheet
233Kb / 3P
   Low power consumption and thermal resistance
logo
Integrated Technology F...
TCS050T ITF-TCS050T Datasheet
106Kb / 1P
   Low thermal resistance
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com