Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B82476-A1474-M Datasheet (PDF) - EPCOS

B82476-A1474-M Datasheet PDF - EPCOS
Part # B82476-A1474-M
Download  B82476-A1474-M Download

File Size   58.24 Kbytes
Page   3 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description Rated inductance 10 to 1000 mH Rated current 300 to 3800 mA

B82476-A1474-M Datasheet (PDF)

Go To PDF Page Download Datasheet
B82476-A1474-M Datasheet PDF - EPCOS

Part # B82476-A1474-M
Download  B82476-A1474-M Click to download

File Size   58.24 Kbytes
Page   3 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description Rated inductance 10 to 1000 mH Rated current 300 to 3800 mA

B82476-A1474-M Datasheet (HTML) - EPCOS

B82476-A1474-M Datasheet HTML 1Page - EPCOS B82476-A1474-M Datasheet HTML 2Page - EPCOS B82476-A1474-M Datasheet HTML 3Page - EPCOS

B82476-A1474-M Product details

Rated inductance 10 to 1000mH

Rated current 300 to 3800 mA



Construction

■Ferrite core

■Winding: enamel copper wire

■Plastic terminal carrier

■Winding soldered to terminals



Features

■Very high rated current

■Low dc resistance

■Suitable for reflow soldering (IR and vapor phase)



Applications

■Filtering of supply voltages

■Coupling / decoupling

■DC/DC converters

■Automotive electronics




Similar Part No. - B82476-A1474-M

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82476 EPCOS-B82476 Datasheet
40Kb / 3P
   SMT-Power-Inductors
B82476A1 EPCOS-B82476A1 Datasheet
163Kb / 7P
   SMT power inductors
B82476A1102M000 EPCOS-B82476A1102M000 Datasheet
163Kb / 7P
   SMT power inductors
B82476A1102M000 EPCOS-B82476A1102M000 Datasheet
552Kb / 7P
   SMT power inductors
B82476A1103M000 EPCOS-B82476A1103M000 Datasheet
163Kb / 7P
   SMT power inductors
More results


Similar Description - B82476-A1474-M

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82478-A1103-M EPCOS-B82478-A1103-M_1 Datasheet
59Kb / 3P
   Rated inductance 10 to 1000 mH Rated current 400 to 3500 mA
B82432-T EPCOS-B82432-T Datasheet
56Kb / 2P
   Size 1812 (EIA) or 4532 (IEC) Rated inductance 1,0 to 1000 mH Rated current 60 to 1300 mA
B82432-A1102-K EPCOS-B82432-A1102-K Datasheet
102Kb / 6P
   Size 1812 (EIA) or 4532 (IEC) Rated inductance 1,0 to 1000 mH Rated current 55 to 600 mA
B82412-A3100-M EPCOS-B82412-A3100-M Datasheet
107Kb / 6P
   Size 1210 (EIA) or 3225 (IEC) Rated inductance 0,010 to 10 mH Rated current 90 to 700 mA
B82141A EPCOS-B82141A Datasheet
229Kb / 10P
   SBC choke (Small Bobbin Core) Rated current 55 to 725 mA Rated inductance 1 to 1000
B82422-A3829-M EPCOS-B82422-A3829-M Datasheet
106Kb / 6P
   Size 1210 (EIA) or 3225 (IEC) Rated inductance 0,0082 to 100 mH Rated current 65 to 700 mA
B82422-T3100 EPCOS-B82422-T3100 Datasheet
110Kb / 6P
   Size 1210 (EIA) or 3225 (IEC) Rated inductance 0,010 to 330 mH Rated current 40 to 450 mA
B82472-G4 EPCOS-B82472-G4 Datasheet
505Kb / 4P
   Size 7x7 mm Rated inductance 1 mH .. 1000 mH
B82464G4682M EPCOS-B82464G4682M Datasheet
45Kb / 3P
   Size 10x10 mm Rated inductance 0,82 mH .. 1000 mH
B82422-H1102-K100 EPCOS-B82422-H1102-K100 Datasheet
68Kb / 5P
   High-current version Size 1210 (EIA) or 3225 (IEC) Rated inductance 1 to 100 mH Rated current 90 to 650 mA
More results




About EPCOS


EPCOS AG (now TDK Electronics AG) was a German company that specialized in the design and manufacture of electronic components, including capacitors, inductors, and EMI filters.

The company was founded in 1919 and had its headquarters in Munich, Germany.

EPCOS was known for its high-quality products and innovative solutions, and it had a strong reputation in the electronics industry.

In 2009, EPCOS became a subsidiary of TDK Corporation, a multinational electronics company based in Japan.

Today, EPCOS operates as TDK Electronics and continues to provide a wide range of electronic components and solutions for use in a variety of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com