Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3D3522M-20 Datasheet (PDF) - Data Delay Devices, Inc.

3D3522M-20 Datasheet PDF - Data Delay Devices, Inc.
Part # 3D3522M-20
Download  3D3522M-20 Download

File Size   257.67 Kbytes
Page   4 Pages
Manufacturer  DATADELAY [Data Delay Devices, Inc.]
Direct Link  http://www.datadelay.com
Logo DATADELAY - Data Delay Devices, Inc.
Description MONOLITHIC MANCHESTER DECODER

3D3522M-20 Datasheet (PDF)

Go To PDF Page Download Datasheet
3D3522M-20 Datasheet PDF - Data Delay Devices, Inc.

Part # 3D3522M-20
Download  3D3522M-20 Click to download

File Size   257.67 Kbytes
Page   4 Pages
Manufacturer  DATADELAY [Data Delay Devices, Inc.]
Direct Link  http://www.datadelay.com
Logo DATADELAY - Data Delay Devices, Inc.
Description MONOLITHIC MANCHESTER DECODER

3D3522M-20 Datasheet (HTML) - Data Delay Devices, Inc.

3D3522M-20 Datasheet HTML 1Page - Data Delay Devices, Inc. 3D3522M-20 Datasheet HTML 2Page - Data Delay Devices, Inc. 3D3522M-20 Datasheet HTML 3Page - Data Delay Devices, Inc. 3D3522M-20 Datasheet HTML 4Page - Data Delay Devices, Inc.

3D3522M-20 Product details

FUNCTIONAL DESCRIPTION
The 3D3522 product family consists of monolithic CMOS Manchester Decoders. The unit accepts at the RX input a bi-phase-level, embedded-clock signal. In this encoding mode, a logic one is represented by a high-to-low transition within the bit cell, while a logic zero is represented by a low-to-high transition. The recovered clock and data signals are presented on CLK and DATB, respectively, with the data signal inverted. The operating baud rate (in MBaud) is specified by the dash number. The input baud rate may vary by as much as ±15% from the nominal device baud rate without compromising the integrity of the information received.

FEATURES
• All-silicon, low-power CMOS technology
• 3.3V operation
• CMOS compatible inputs and outputs
• Vapor phase, IR and wave solderable
• Auto-insertable (DIP pkg.)
• Low ground bounce noise
• Maximum data rate: 50 MBaud
• Data rate range: ±15%




Similar Part No. - 3D3522M-20

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
3D3521 DATADELAY-3D3521 Datasheet
229Kb / 4P
   MONOLITHIC MANCHESTER ENCODER
3D3521D DATADELAY-3D3521D Datasheet
229Kb / 4P
   MONOLITHIC MANCHESTER ENCODER
3D3521G DATADELAY-3D3521G Datasheet
229Kb / 4P
   MONOLITHIC MANCHESTER ENCODER
3D3521H DATADELAY-3D3521H Datasheet
229Kb / 4P
   MONOLITHIC MANCHESTER ENCODER
3D3521M DATADELAY-3D3521M Datasheet
229Kb / 4P
   MONOLITHIC MANCHESTER ENCODER
More results


Similar Description - 3D3522M-20

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
3D7522 DATADELAY-3D7522 Datasheet
257Kb / 4P
   MONOLITHIC MANCHESTER DECODER
3D7502-10 DATADELAY-3D7502-10 Datasheet
38Kb / 4P
   MONOLITHIC MANCHESTER DECODER
logo
Diodes Incorporated
3D7503 DIODES-3D7503 Datasheet
316Kb / 5P
   MONOLITHIC MANCHESTER ENCODER/DECODER
logo
Data Delay Devices, Inc...
3D7503D-20 DATADELAY-3D7503D-20 Datasheet
47Kb / 5P
   MONOLITHIC MANCHESTER ENCODER/DECODER
3D7523 DATADELAY-3D7523 Datasheet
292Kb / 5P
   MONOLITHIC MANCHESTER ENCODER/DECODER
3D3523 DATADELAY-3D3523 Datasheet
292Kb / 5P
   MONOLITHIC MANCHESTER ENCODER/DECODER
logo
Holt Integrated Circuit...
HI-15530 HOLTIC-HI-15530 Datasheet
312Kb / 11P
   Manchester Encoder / Decoder
logo
Renesas Technology Corp
HD-6409 RENESAS-HD-6409 Datasheet
687Kb / 15P
   CMOS Manchester Encoder-Decoder
logo
Intersil Corporation
HD-15530 INTERSIL-HD-15530_02 Datasheet
281Kb / 13P
   CMOS Manchester Encoder-Decoder
HD-6409883 INTERSIL-HD-6409883 Datasheet
135Kb / 7P
   CMOS Manchester Encoder-Decoder
More results




About Data Delay Devices, Inc.


Data Delay Devices, Inc. (DDD) was a semiconductor company that was founded in 1964 and based in Pennsylvania, USA. The company specialized in the design and manufacture of a range of semiconductor products, including digital delay lines, programmable timers, and other timing devices.

DDD's products were widely used in a variety of industries, including aerospace, defense, telecommunications, and industrial automation. The company was known for its high-quality and reliable products, which were often customized to meet the specific needs of its customers.

In 2006, Data Delay Devices, Inc. was acquired by Data Device Corporation (DDC), a leading supplier of high-reliability data communication and control solutions for the aerospace and defense industries. Today, DDD's products are still used by many customers in these industries, and the company's legacy of high-quality timing devices lives on through DDC's product offerings.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com