Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N5404-G Datasheet (PDF) - Comchip Technology

1N5404-G Datasheet PDF - Comchip Technology
Part # 1N5404-G
Download  1N5404-G Download

File Size   50.21 Kbytes
Page   2 Pages
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology
Description General Purpose Rectifier

1N5404-G Datasheet (PDF)

Go To PDF Page Download Datasheet
1N5404-G Datasheet PDF - Comchip Technology

Part # 1N5404-G
Download  1N5404-G Click to download

File Size   50.21 Kbytes
Page   2 Pages
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology
Description General Purpose Rectifier

1N5404-G Datasheet (HTML) - Comchip Technology

1N5404-G Datasheet HTML 1Page - Comchip Technology 1N5404-G Datasheet HTML 2Page - Comchip Technology

1N5404-G Product details

Features
- Low forward voltage drop.
- High reliability.
- High current capability.
- High surge current capability.

Mechanical data
- Case: Molded plastic
- Epoxy: UL 94V-0 rate flame retardant
- Polarity: Color band denotes cathode end
- Lead: Axial leads, solderable per MIL-STD-202, method 208 guaranteed
- Mounting position: Any
- Weight: 1.2 grams




Similar Part No. - 1N5404-G

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
1N5404-B DIODES-1N5404-B Datasheet
67Kb / 3P
   3.0A RECTIFIER
DS28007 Rev. 7 - 2
logo
Vishay Siliconix
1N5404-E3/54 VISHAY-1N5404-E3/54 Datasheet
74Kb / 4P
   General Purpose Plastic Rectifier
Revision: 04-Nov-09
1N5404-E3/73 VISHAY-1N5404-E3/73 Datasheet
74Kb / 4P
   General Purpose Plastic Rectifier
Revision: 04-Nov-09
logo
Frontier Electronics.
1N5404-LFR FRONTIER-1N5404-LFR Datasheet
122Kb / 2P
   3A GENERAL PURPOSE PLASTIC RECTIFIER
logo
Diodes Incorporated
1N5404-T DIODES-1N5404-T Datasheet
67Kb / 3P
   3.0A RECTIFIER
DS28007 Rev. 7 - 2
More results


Similar Description - 1N5404-G

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
A451 POWEREX-A451 Datasheet
430Kb / 4P
   GENERAL PURPOSE RECTIFIER
IN4587 POWEREX-IN4587 Datasheet
640Kb / 4P
   General Purpose Rectifier
logo
Yangzhou yangjie electr...
GS3AB YANGJIE-GS3AB Datasheet
140Kb / 2P
   General Purpose Rectifier
RL251 YANGJIE-RL251 Datasheet
135Kb / 2P
   General Purpose Rectifier
logo
SiPower Inc.
SPAL00340LF SIPOWER-SPAL00340LF Datasheet
288Kb / 1P
   General Purpose Rectifier
logo
Suntan Capacitors
10A05 SUNTAN-10A05 Datasheet
270Kb / 2P
   GENERAL PURPOSE RECTIFIER
logo
Inchange Semiconductor ...
1N4590 ISC-1N4590 Datasheet
210Kb / 2P
   General Purpose Rectifier
logo
New Jersey Semi-Conduct...
IN4587 NJSEMI-IN4587 Datasheet
145Kb / 2P
   General Purpose Rectifier
logo
Yangzhou yangjie electr...
GS3A YANGJIE-GS3A Datasheet
148Kb / 2P
   General Purpose Rectifier
GS5A YANGJIE-GS5A_17 Datasheet
201Kb / 2P
   General Purpose Rectifier
More results




About Comchip Technology


Comchip Technology is a global manufacturer of high-quality discrete semiconductors and passive components. The company was founded in 1987 and is headquartered in Taiwan.

Comchip Technology offers a wide range of products, including diodes, rectifiers, bridge rectifiers, transient voltage suppressors, and zener diodes. The company also produces a variety of passive components, such as ceramic capacitors, tantalum capacitors, and inductors.

Comchip Technology has a strong focus on research and development, and has developed a number of proprietary technologies that have helped to establish the company as a leader in its field. The company has also established strategic partnerships with other leading semiconductor manufacturers in order to further enhance its capabilities.

Comchip Technology's products are used in a variety of applications, including power management, consumer electronics, automotive, telecommunications, and industrial equipment. The company is committed to providing high-quality products and exceptional customer service, and is continuously improving its products and processes in order to better meet the needs of its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com