Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7840KN Datasheet (PDF) - Analog Devices

AD7840KN Datasheet PDF - Analog Devices
Part # AD7840KN
Download  AD7840KN Download

File Size   338.47 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description LC2MOS Complete 14-Bit DAC

AD7840KN Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7840KN Datasheet PDF - Analog Devices

Part # AD7840KN
Download  AD7840KN Click to download

File Size   338.47 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description LC2MOS Complete 14-Bit DAC

AD7840KN Datasheet (HTML) - Analog Devices

Back Button AD7840KN Datasheet HTML 1Page - Analog Devices AD7840KN Datasheet HTML 2Page - Analog Devices AD7840KN Datasheet HTML 3Page - Analog Devices AD7840KN Datasheet HTML 4Page - Analog Devices AD7840KN Datasheet HTML 5Page - Analog Devices AD7840KN Datasheet HTML 6Page - Analog Devices AD7840KN Datasheet HTML 7Page - Analog Devices AD7840KN Datasheet HTML 8Page - Analog Devices AD7840KN Datasheet HTML 9Page - Analog Devices AD7840KN Datasheet HTML 10Page - Analog Devices Next Button 

AD7840KN Product details

GENERAL DESCRIPTION
The AD7840 is a fast, complete 14-bit voltage output D/A converter. It consists of a 14-bit DAC, 3 V buried Zener reference, DAC output amplifier and high speed control logic.
   
FEATURES
    Complete 14-Bit Voltage Output DAC
    Parallel and Serial Interface Capability
    80 dB Signal-to-Noise Ratio
    Interfaces to High Speed DSP Processors
        e.g., ADSP-2100, TMS32010, TMS32020
    45 ns min WR Pulse Width
    Low Power – 70 mW typ.
    Operates from ±5 V Supplies
   




Similar Part No. - AD7840KN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7840 AD-AD7840_15 Datasheet
339Kb / 16P
   LC MOS Complete 14-Bit DAC
REV. B
More results


Similar Description - AD7840KN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7845 AD-AD7845 Datasheet
195Kb / 12P
   LC2MOS Complete 12-Bit Multiplying DAC
REV. B
AD7836 AD-AD7836 Datasheet
174Kb / 12P
   LC2MOS Quad 14-Bit DAC
REV. A
AD7834 AD-AD7834 Datasheet
404Kb / 16P
   LC2MOS Quad 14-Bit DAC
REV. A
AD7836ASZ AD-AD7836ASZ Datasheet
176Kb / 12P
   LC2MOS Quad 14-Bit DAC
REV. A
AD7872KRZ-REEL AD-AD7872KRZ-REEL Datasheet
324Kb / 16P
   LC2MOS Complete 14-Bit, Sampling ADCs
REV. D
AD7871 AD-AD7871 Datasheet
344Kb / 16P
   LC2MOS Complete 14-Bit, Sampling ADCs
REV. D
AD7872JRZ AD-AD7872JRZ Datasheet
267Kb / 16P
   LC2MOS Complete 14-Bit, Sampling ADCs
REV. D
AD7538JRZ AD-AD7538JRZ Datasheet
306Kb / 16P
   LC2MOS Microprocessor-Compatible 14-Bit DAC
REV. B
AD7535 AD-AD7535 Datasheet
496Kb / 12P
   LC2MOS uP-COMPATIBLE 14-BIT DAC
REV. A
AD7536 AD-AD7536 Datasheet
620Kb / 12P
   LC2MOS 14-BIT uP-COMPATIBLE DAC
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com