Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMLL5256B Datasheet (PDF) - NXP Semiconductors

PMLL5256B Datasheet PDF - NXP Semiconductors
Part # PMLL5256B
Download  PMLL5256B Download

File Size   37.87 Kbytes
Page   7 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Voltage regulator diodes

PMLL5256B Datasheet (PDF)

Go To PDF Page Download Datasheet
PMLL5256B Datasheet PDF - NXP Semiconductors

Part # PMLL5256B
Download  PMLL5256B Click to download

File Size   37.87 Kbytes
Page   7 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Voltage regulator diodes

PMLL5256B Datasheet (HTML) - NXP Semiconductors

PMLL5256B Datasheet HTML 1Page - NXP Semiconductors PMLL5256B Datasheet HTML 2Page - NXP Semiconductors PMLL5256B Datasheet HTML 3Page - NXP Semiconductors PMLL5256B Datasheet HTML 4Page - NXP Semiconductors PMLL5256B Datasheet HTML 5Page - NXP Semiconductors PMLL5256B Datasheet HTML 6Page - NXP Semiconductors PMLL5256B Datasheet HTML 7Page - NXP Semiconductors

PMLL5256B Product details

Low-power voltage regulator diodes in small hermetically sealed glass SOD80C SMD packages. The series consists of 43 types with nominal working voltages from 3.0 to 75 V.



FEATURES

• Total power dissipation : max. 500 mW

• Tolerance series:±5%

• Working voltage range : nom. 3.0 to 75 V

• Non-repetitive peak reverse power dissipation: max. 40 W.



APPLICATIONS

• Low-power voltage stabilizers or voltage references.




Similar Part No. - PMLL5256B

ManufacturerPart #DatasheetDescription
logo
Heyco.
PMLL HEYCO-PMLL Datasheet
121Kb / 1P
   Lockit™ Loops
logo
NXP Semiconductors
PMLL4148 PHILIPS-PMLL4148 Datasheet
51Kb / 8P
   High-speed diodes
1999 May 27
PMLL4148L PHILIPS-PMLL4148L Datasheet
67Kb / 11P
   High-speed switching diodes
Rev. 06-4 April 2005
PMLL4148L NXP-PMLL4148L Datasheet
74Kb / 11P
   High-speed switching diodes
Rev. 07-31 January 2007
PMLL4148L NXP-PMLL4148L Datasheet
122Kb / 11P
   High-speed switching diodes
Rev. 8-1 February 2011
More results


Similar Description - PMLL5256B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZX384 PHILIPS-BZX384 Datasheet
73Kb / 11P
   Voltage regulator diodes
2004 Mar 22
1N4728A PHILIPS-1N4728A Datasheet
31Kb / 6P
   Voltage regulator diodes
1996 Apr 26
BZD23 PHILIPS-BZD23 Datasheet
40Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZD27 PHILIPS-BZD27 Datasheet
38Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZW03 PHILIPS-BZW03 Datasheet
48Kb / 9P
   Voltage regulator diodes
1996 May 14
BZX84-A36215 PHILIPS-BZX84-A36215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZX585-B15 PHILIPS-BZX585-B15 Datasheet
646Kb / 10P
   Voltage regulator diodes
2004 Jun 22
PDZ11B PHILIPS-PDZ11B Datasheet
192Kb / 9P
   Voltage regulator diodes
2004 Mar 22
BZX84-C47215 NXP-BZX84-C47215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZV55C3V6115 NXP-BZV55C3V6115 Datasheet
126Kb / 14P
   Voltage regulator diodes
Rev. 5-26 January 2011
BZX84-B3V3 NXP-BZX84-B3V3 Datasheet
741Kb / 11P
   Voltage regulator diodes
2003 Apr 10
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com