Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T491X225K035AH Datasheet (PDF) - Kemet Corporation

T491X225K035AH Datasheet PDF - Kemet Corporation
Part # T491X225K035AH
Download  T491X225K035AH Download

File Size   10196.51 Kbytes
Page   100 Pages
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation
Description Surface Mount Capacitors

T491X225K035AH Datasheet (PDF)

Go To PDF Page Download Datasheet
T491X225K035AH Datasheet PDF - Kemet Corporation

Part # T491X225K035AH
Download  T491X225K035AH Click to download

File Size   10196.51 Kbytes
Page   100 Pages
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation
Description Surface Mount Capacitors

T491X225K035AH Datasheet (HTML) - Kemet Corporation

Back Button T491X225K035AH Datasheet HTML 1Page - Kemet Corporation T491X225K035AH Datasheet HTML 2Page - Kemet Corporation T491X225K035AH Datasheet HTML 3Page - Kemet Corporation T491X225K035AH Datasheet HTML 4Page - Kemet Corporation T491X225K035AH Datasheet HTML 5Page - Kemet Corporation T491X225K035AH Datasheet HTML 6Page - Kemet Corporation T491X225K035AH Datasheet HTML 7Page - Kemet Corporation T491X225K035AH Datasheet HTML 8Page - Kemet Corporation T491X225K035AH Datasheet HTML 9Page - Kemet Corporation T491X225K035AH Datasheet HTML 10Page - Kemet Corporation Next Button 

T491X225K035AH Product details

PRODUCT DESCRIPTION
KEMET’s family of solid tantalum chip capacitors is designed and manufactured with the demanding requirements of surface mount technology in mind.
These devices extend the advantages of solid tantalum technology to today’s surface mount circuit applications. Complementing multilayer ceramic chip convenience with capacitance ratings through 1500 µF, tantalum chip capacitors permit circuitdesigners to take full advantage of the benefits of surface mount technology.

SOLID TANTALUM CHIP CAPACITORS
T491 SERIES - Precision Molded Chip

FEATURES
• Meets or Exceeds EIA Standard 535BAAC
• Taped and Reeled per EIA 481-1
• Symmetrical, Compliant Terminations
• Optional Gold-plated Terminations
• Laser-marked Case
• 100% Surge current test on C, D, E, U, V, X sizes
• Halogen Free Epoxy
• Capacitance: 0.1 μF to 1000 μF
• Tolerance: ±10%, ±20%
• Voltage: 2.5-50 VDC
• Extended Range Values
• Low Profile Case Sizes
• RoHS Compliance & Lead Free Terminations
   (See www.kemet.com for transition information)
• Operating Temperature: -55˚C to +125˚C




Similar Part No. - T491X225K035AH

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
T491X226K004AS-F CDE-T491X226K004AS-F Datasheet
277Kb / 4P
   Solid Tantalum Chip Capacitors
logo
Freescale Semiconductor...
T491X226K035A5 FREESCALE-T491X226K035A5 Datasheet
524Kb / 15P
   N-Channel Enhancement-Mode Lateral MOSFETs
logo
Kemet Corporation
T491X226K035AH KEMET-T491X226K035AH Datasheet
2Mb / 24P
   Tantalum Surface Mount Capacitors ??Standard Tantalum T491 Series Industrial Grade MnO
logo
Freescale Semiconductor...
T491X226K035AS FREESCALE-T491X226K035AS Datasheet
594Kb / 16P
   RF LDMOS Wideband Integrated Power Amplifiers
logo
NXP Semiconductors
T491X226K035AS NXP-T491X226K035AS Datasheet
670Kb / 16P
   RF LDMOS Wideband Integrated Power Amplifier
Rev. 4, 5/2006
More results


Similar Description - T491X225K035AH

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TAJB226M010R AVX-TAJB226M010R Datasheet
902Kb / 51P
   Surface Mount Tantalum Capacitors
logo
Cornell Dubilier Electr...
FCN1913C124J-E1 CDE-FCN1913C124J-E1 Datasheet
559Kb / 8P
   Surface Mount Film Capacitors
logo
SAMWHA ELECTRIC
SCCC1A150C1B SAMWHA-SCCC1A150C1B Datasheet
320Kb / 3P
   Surface Mount Disc Capacitors
logo
Kemet Corporation
T493D227K006CH612A KEMET-T493D227K006CH612A Datasheet
3Mb / 61P
   Tantalum Surface Mount Capacitors
logo
AVX Corporation
TAJB335M016R AVX-TAJB335M016R Datasheet
31Kb / 1P
   Surface Mount Tantalum Capacitors
logo
Cornell Dubilier Electr...
FCP0603C101J-K1 CDE-FCP0603C101J-K1 Datasheet
387Kb / 6P
   Surface Mount Film Capacitors
logo
AVX Corporation
TAJA105K025RNJ AVX-TAJA105K025RNJ Datasheet
895Kb / 51P
   Surface Mount Tantalum Capacitors
logo
Kemet Corporation
T491B106K016ZT KEMET-T491B106K016ZT Datasheet
2Mb / 24P
   Tantalum Surface Mount Capacitors ??Standard Tantalum Tantalum Surface Mount Capacitors ??Standard Tantalum
logo
YAGEO Corporation
1489800 YAGEO-1489800 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
logo
NIC-Components Corp.
NAWS NIC-NAWS Datasheet
97Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com