Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDA167HCEUF Datasheet (PDF) - Solid States Devices, Inc

SDA167HCEUF Datasheet PDF - Solid States Devices, Inc
Part # SDA167HCEUF
Download  SDA167HCEUF Download

File Size   45.77 Kbytes
Page   2 Pages
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc
Description 33A / 600 - 1000V THREE PHASE BRIDGE RECTIFIER ASSEMBLY

SDA167HCEUF Datasheet (PDF)

Go To PDF Page Download Datasheet
SDA167HCEUF Datasheet PDF - Solid States Devices, Inc

Part # SDA167HCEUF
Download  SDA167HCEUF Click to download

File Size   45.77 Kbytes
Page   2 Pages
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc
Description 33A / 600 - 1000V THREE PHASE BRIDGE RECTIFIER ASSEMBLY

SDA167HCEUF Datasheet (HTML) - Solid States Devices, Inc

SDA167HCEUF Datasheet HTML 1Page - Solid States Devices, Inc SDA167HCEUF Datasheet HTML 2Page - Solid States Devices, Inc

SDA167HCEUF Product details

FEATURES:
• Up to 1000 V Blocking Voltage
• Average Output Current 33 Amps
• Low Reverse Leakage Current
• Constructed with Void-free, Hermetically Sealed Discretes
• Aluminum Case for Maximum Thermal Conductivity
• Electrically Insulated Aluminum Case
• TX and TXV Level Screening Available
• Standard and Fast Recovery Versions Available. Consult Factory.



Similar Part No. - SDA167HCEUF

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDA167 SSDI-SDA167 Datasheet
91Kb / 2P
   25 AMPS 400 - 1000V THREE PHASE BRIDGE RECTIFIER ASSEMBLY
SDA167D SSDI-SDA167D Datasheet
91Kb / 2P
   25 AMPS 400 - 1000V THREE PHASE BRIDGE RECTIFIER ASSEMBLY
SDA167DUF SSDI-SDA167DUF Datasheet
153Kb / 2P
   25 AMPS 400 - 800 VOLTS THREE PHASE BRIDGE RECTIFIER ASSEMBLY
SDA167E SSDI-SDA167E Datasheet
91Kb / 2P
   25 AMPS 400 - 1000V THREE PHASE BRIDGE RECTIFIER ASSEMBLY
SDA167EUF SSDI-SDA167EUF Datasheet
153Kb / 2P
   25 AMPS 400 - 800 VOLTS THREE PHASE BRIDGE RECTIFIER ASSEMBLY
More results


Similar Description - SDA167HCEUF

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDA669 SSDI-SDA669 Datasheet
77Kb / 2P
   30A / 600 - 1000V THREE PHASE BRIDGE RECTIFIER ASSEMBLY
SPA560 SSDI-SPA560 Datasheet
153Kb / 2P
   22A / 600-1000V THREE PHASE BRIDGE RECTIFIER ASSEMBLY ULTRA FAST - 70 ns
SDA667 SSDI-SDA667 Datasheet
40Kb / 2P
   40A / 600 - 1000V THREE PHASE BRIDGE RECTIFIER ASSEMBLY FAST RECOVERY 250 NS MAX
SDA167 SSDI-SDA167 Datasheet
91Kb / 2P
   25 AMPS 400 - 1000V THREE PHASE BRIDGE RECTIFIER ASSEMBLY
RA0018 SSDI-RA0018 Datasheet
46Kb / 2P
   THREE PHASE BRIDGE RECTIFIER ASSEMBLY
SPA612 SSDI-SPA612 Datasheet
91Kb / 2P
   THREE PHASE BRIDGE RECTIFIER ASSEMBLY
SDA669 SSDI-SDA669_1 Datasheet
85Kb / 2P
   THREE PHASE BRIDGE RECTIFIER ASSEMBLY
SDA175HF SSDI-SDA175HF Datasheet
118Kb / 2P
   Three Phase Bridge Rectifier Assembly
SDA113 SSDI-SDA113_1 Datasheet
159Kb / 2P
   THREE PHASE BRIDGE RECTIFIER ASSEMBLY
RA0022 SSDI-RA0022 Datasheet
41Kb / 2P
   THREE PHASE BRIDGE RECTIFIER ASSEMBLY
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com