Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GM432BS8B Datasheet (PDF) - Gamma Microelectronics Inc.

GM432BS8B Datasheet PDF - Gamma Microelectronics Inc.
Part # GM432BS8B
Download  GM432BS8B Download

File Size   229.47 Kbytes
Page   13 Pages
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.
Description 1.24V ADJUSTABLE PRECISION SHUNT REGULATORS

GM432BS8B Datasheet (PDF)

Go To PDF Page Download Datasheet
GM432BS8B Datasheet PDF - Gamma Microelectronics Inc.

Part # GM432BS8B
Download  GM432BS8B Click to download

File Size   229.47 Kbytes
Page   13 Pages
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.
Description 1.24V ADJUSTABLE PRECISION SHUNT REGULATORS

GM432BS8B Datasheet (HTML) - Gamma Microelectronics Inc.

Back Button GM432BS8B Datasheet HTML 1Page - Gamma Microelectronics Inc. GM432BS8B Datasheet HTML 2Page - Gamma Microelectronics Inc. GM432BS8B Datasheet HTML 3Page - Gamma Microelectronics Inc. GM432BS8B Datasheet HTML 4Page - Gamma Microelectronics Inc. GM432BS8B Datasheet HTML 5Page - Gamma Microelectronics Inc. GM432BS8B Datasheet HTML 6Page - Gamma Microelectronics Inc. GM432BS8B Datasheet HTML 7Page - Gamma Microelectronics Inc. GM432BS8B Datasheet HTML 8Page - Gamma Microelectronics Inc. GM432BS8B Datasheet HTML 9Page - Gamma Microelectronics Inc. GM432BS8B Datasheet HTML 10Page - Gamma Microelectronics Inc. Next Button 

GM432BS8B Product details

Description
The GM432s are low-voltage three-terminal adjustable precision shunt regulators with specified thermal stability over their full temperature range. Output voltage can be set to any value from Vref (1.24V) to 16V by using two external resistors. Their active output circuitry provides a very unique turn-on characteristic, making them excellent replacements for zener diodes in many applications such as onboard regulation and adjustable power supplies. In a wide range of home applications, these versatile darlings are ideal voltage references for 3.0V to 3.3V switching power suppies. With operational cathode current as low as 80µA, batteries keep on going. Whatever your application is, the GM432s offer the optimum combination of performance, reliability, and economy.

Features
◆ Low-voltage operation, down to 1.24V
◆ 0.5%, 1% or 2% reference voltage tolerance
◆ Adjustable output voltage, VO = Vref to 16V
◆ Sink Current Capability 80µA to 100mA
◆ Low dynamic output impedance, 0.05W typical
◆ Wide temperature range, 0° to +70°C
◆ Pin-to-pin replacement for TLV431, SC431L
◆ Available in SOT-23, SOT-25, SOT-89, TO-92 and SOP-8

Application
   Switching power supplies
   Linear regulators
   Adjustable supplies
   Instrumentation
   Battery-operated computers,
   PDAs portable devices
   Monitors, TVs, camcorders
   Computer disk drives




Similar Part No. - GM432BS8B

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM432B GAMMA-GM432B Datasheet
2Mb / 1P
   Adjustable Shunt Regulators
More results


Similar Description - GM432BS8B

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM432 GAMMA-GM432_12 Datasheet
756Kb / 11P
   1.24V ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Unisonic Technologies
TL432C UTC-TL432C_18 Datasheet
208Kb / 4P
   1.24V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
TL432C UTC-TL432C Datasheet
103Kb / 3P
   1.24V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
TL432C UTC-TL432C_12 Datasheet
166Kb / 3P
   1.24V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
TL432C UTC-TL432C_11 Datasheet
166Kb / 3P
   1.24V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
logo
National Semiconductor ...
LMV431 NSC-LMV431 Datasheet
556Kb / 16P
   Low-Voltage (1.24V) Adjustable Precision Shunt Regulators
logo
Texas Instruments
LMV431AIMFX-NOPB TI1-LMV431AIMFX-NOPB Datasheet
1Mb / 27P
[Old version datasheet]   Low-Voltage (1.24V) Adjustable Precision Shunt Regulators
logo
Sipex Corporation
SPX432 SIPEX-SPX432_04 Datasheet
144Kb / 11P
   1.24V Precision Adjustable Shunt Regulator
SPX432AM-L SIPEX-SPX432AM-L Datasheet
145Kb / 11P
   1.24V Precision Adjustable Shunt Regulator
SPX432M-L SIPEX-SPX432M-L Datasheet
145Kb / 11P
   1.24V Precision Adjustable Shunt Regulator
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com