Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GM1431AS8RL Datasheet (PDF) - Gamma Microelectronics Inc.

GM1431AS8RL Datasheet PDF - Gamma Microelectronics Inc.
Part # GM1431AS8RL
Download  GM1431AS8RL Download

File Size   225.63 Kbytes
Page   14 Pages
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.
Description ADJUSTABLE SHUNT REGULATOR

GM1431AS8RL Datasheet (PDF)

Go To PDF Page Download Datasheet
GM1431AS8RL Datasheet PDF - Gamma Microelectronics Inc.

Part # GM1431AS8RL
Download  GM1431AS8RL Click to download

File Size   225.63 Kbytes
Page   14 Pages
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.
Description ADJUSTABLE SHUNT REGULATOR

GM1431AS8RL Datasheet (HTML) - Gamma Microelectronics Inc.

Back Button GM1431AS8RL Datasheet HTML 1Page - Gamma Microelectronics Inc. GM1431AS8RL Datasheet HTML 2Page - Gamma Microelectronics Inc. GM1431AS8RL Datasheet HTML 3Page - Gamma Microelectronics Inc. GM1431AS8RL Datasheet HTML 4Page - Gamma Microelectronics Inc. GM1431AS8RL Datasheet HTML 5Page - Gamma Microelectronics Inc. GM1431AS8RL Datasheet HTML 6Page - Gamma Microelectronics Inc. GM1431AS8RL Datasheet HTML 7Page - Gamma Microelectronics Inc. GM1431AS8RL Datasheet HTML 8Page - Gamma Microelectronics Inc. GM1431AS8RL Datasheet HTML 9Page - Gamma Microelectronics Inc. GM1431AS8RL Datasheet HTML 10Page - Gamma Microelectronics Inc. Next Button 

GM1431AS8RL Product details

Description

The GM1431 is a three terminal adjustable shunt regulator with thermal stability guaranteed over temperature. Output voltage can be adjusted to any value between 2.5V (Vref) and 36V by using two external resistors. The GM1431 has a typical dynamic output impedance of 0.2W. Active output circuitry provides a very unique turn on characteristic, making the GM1431 an excellent tum on replacement for zener diodes in many applications such as onboard regulation and adjustable power supplies. The GM1431 is an ideal voltage reference for 3.0 to 3.3V switching power supplies.



Features

♦ Sink Current Capability 1 mA to 100mA

♦ Low dynamic output impedance, 0.2W typ.

♦ 0.5%, 1% or 2% reference voltage tolerance

♦ Alternate for TL431, TL431, LM431 & AS431

♦ Temperature range 0°C to+ 70 °C

♦ Available in SOT-23, TO-92, SOT-89 and SOP- 8 packages



Application

♦ Switching power supplies

♦ Linear regulators

♦ Adjustable supplies

♦ Battery-operated computers

♦ Computer disk drives

♦ Instrumentation



 




Similar Part No. - GM1431AS8RL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GM1431AS8R ETC-GM1431AS8R Datasheet
300Kb / 13P
   Three Terminal adjustable shunt regulator with thermal Stability Guaranteed over temperature.
More results


Similar Description - GM1431AS8RL

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
PL432XA3 CYSTEKEC-PL432XA3 Datasheet
204Kb / 9P
   Adjustable shunt regulator
logo
Semtech Corporation
SC431 SEMTECH-SC431_05 Datasheet
225Kb / 9P
   Adjustable Shunt Regulator
logo
Cystech Electonics Corp...
TL432N3 CYSTEKEC-TL432N3 Datasheet
355Kb / 15P
   Adjustable shunt regulator
logo
List of Unclassifed Man...
B3431 ETC-B3431 Datasheet
125Kb / 9P
   Adjustable Shunt Regulator
logo
Cystech Electonics Corp...
LM432XA3 CYSTEKEC-LM432XA3 Datasheet
229Kb / 9P
   Adjustable shunt regulator
logo
SHANGHAI BELLING CO., L...
BL431 BELLING-BL431 Datasheet
908Kb / 12P
   Adjustable shunt regulator
logo
List of Unclassifed Man...
AX432 ETC-AX432 Datasheet
176Kb / 7P
   Adjustable Shunt Regulator
GM432 ETC2-GM432 Datasheet
317Kb / 5P
   Adjustable Shunt Regulator
logo
Samtec, Inc
SC431CSK-1TRT SAMTEC-SC431CSK-1TRT Datasheet
229Kb / 9P
   Adjustable Shunt Regulator
logo
Hi-Sincerity Mocroelect...
H432 HSMC-H432 Datasheet
129Kb / 6P
   Adjustable Shunt Regulator
H432 HSMC-H432 Datasheet
76Kb / 6P
   ADJUSTABLE SHUNT REGULATOR
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com