Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDA253EF Datasheet (PDF) - Solid States Devices, Inc

SDA253EF Datasheet PDF - Solid States Devices, Inc
Part # SDA253EF
Download  SDA253EF Download

File Size   34.0 Kbytes
Page   2 Pages
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc
Description 50A / 400 - 800V THREE PHASE BRIDGE RECTIFIER ASSEMBLY

SDA253EF Datasheet (PDF)

Go To PDF Page Download Datasheet
SDA253EF Datasheet PDF - Solid States Devices, Inc

Part # SDA253EF
Download  SDA253EF Click to download

File Size   34.0 Kbytes
Page   2 Pages
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc
Description 50A / 400 - 800V THREE PHASE BRIDGE RECTIFIER ASSEMBLY

SDA253EF Datasheet (HTML) - Solid States Devices, Inc

SDA253EF Datasheet HTML 1Page - Solid States Devices, Inc SDA253EF Datasheet HTML 2Page - Solid States Devices, Inc

SDA253EF Product details

Features:
 • PIV: 400 – 600 Volts.
 • Higher Blocking Voltage Available. Contact Factory.
 • Average Output Current 25 Amps
 • Low Reverse Leakage Current
 • Constructed with Void-free, Hermetically Sealed Discretes
 • Aluminum Base for Maximum Thermal Conductivity
 • Small Package Size (2.00 x 1.00 x 0.750”)
 • TX and TXV & S Level Screening Available
 • Ultra Fast Versions Available. Contact Factory.



Similar Part No. - SDA253EF

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDA25-3UF SSDI-SDA25-3UF Datasheet
71Kb / 2P
   10 AMPS 70 nsec ULTRA FAST RECOVERY SINGLE PHASE BRIDGE ASSEMBLY
SDA25000 SSDI-SDA25000 Datasheet
205Kb / 2P
   5 AMP RECITIFIER ASSEMBLY
SDA25000 SSDI-SDA25000 Datasheet
105Kb / 2P
   STANDARD RECOVERY HIGH VOLTAGE RECTIFIER
SDA25000F SSDI-SDA25000F Datasheet
55Kb / 2P
   0.5 AMPS 2.5kV thru 25kV FAST RECOVERY RECTIFIER ASSEMBLY
SDA25000UF SSDI-SDA25000UF Datasheet
52Kb / 2P
   0.5 AMPS 2.5kV thru 25kV ULTRAFAST RECOVERY RECTIFIER ASSEMBLY
More results


Similar Description - SDA253EF

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
MTP50D NELLSEMI-MTP50D Datasheet
922Kb / 3P
   Three-Phase Bridge Rectifier, 50A
MTP50A NELLSEMI-MTP50A Datasheet
825Kb / 3P
   Three-Phase Bridge Rectifier, 50A
MTP50S NELLSEMI-MTP50S Datasheet
929Kb / 3P
   Three-Phase Bridge Rectifier, 50A
logo
MacMic
MMD50L160X MACMIC-MMD50L160X Datasheet
223Kb / 3P
   50A Three-Phase Rectifier Bridge Module
logo
Solid States Devices, I...
SDA167 SSDI-SDA167 Datasheet
91Kb / 2P
   25 AMPS 400 - 1000V THREE PHASE BRIDGE RECTIFIER ASSEMBLY
logo
Nell Semiconductor Co.,...
MTP50 NELLSEMI-MTP50 Datasheet
879Kb / 3P
   Glass Passivated Three-Phase Bridge Rectifier, 50A
logo
Solid States Devices, I...
RA0018 SSDI-RA0018 Datasheet
46Kb / 2P
   THREE PHASE BRIDGE RECTIFIER ASSEMBLY
SPA612 SSDI-SPA612 Datasheet
91Kb / 2P
   THREE PHASE BRIDGE RECTIFIER ASSEMBLY
SDA669 SSDI-SDA669_1 Datasheet
85Kb / 2P
   THREE PHASE BRIDGE RECTIFIER ASSEMBLY
SDA175HF SSDI-SDA175HF Datasheet
118Kb / 2P
   Three Phase Bridge Rectifier Assembly
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com