Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDA263BF-3 Datasheet (PDF) - Solid States Devices, Inc

SDA263BF-3 Datasheet PDF - Solid States Devices, Inc
Part # SDA263BF-3
Download  SDA263BF-3 Download

File Size   23.91 Kbytes
Page   1 Pages
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc
Description 75 AMPS 50 - 1000 VOLTS FAST RECOVERY THREE PHASE BRIDGE RECTIFIER

SDA263BF-3 Datasheet (PDF)

Go To PDF Page Download Datasheet
SDA263BF-3 Datasheet PDF - Solid States Devices, Inc

Part # SDA263BF-3
Download  SDA263BF-3 Click to download

File Size   23.91 Kbytes
Page   1 Pages
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc
Description 75 AMPS 50 - 1000 VOLTS FAST RECOVERY THREE PHASE BRIDGE RECTIFIER

SDA263BF-3 Datasheet (HTML) - Solid States Devices, Inc

SDA263BF-3 Datasheet HTML 1Page - Solid States Devices, Inc

SDA263BF-3 Product details

FEATURES:
• Fast Reverse Recovery Time 200 ns Max
• Average Output Current 75 Amps @ 50°C
• PIV 50 to 1000 Volts Per Leg
• Maximum Thermal Resistance 1.0°C/W
• Operating & Storage Temperature -55°C to +150°C
• Hermetically Sealed Diode Cells
• Threaded Holes for Ease of Installation
• Electrically Insulated Aluminum Case
• Available in Faster Recovery Versions
• Available in Higher Voltages
• TX, TXV, and S-Level Screening Available



Similar Part No. - SDA263BF-3

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDA263BF-1 SSDI-SDA263BF-1 Datasheet
193Kb / 2P
   75 AMP SINGLE PHASE BRIDGE RECITIFIER ASSEMBLY
More results


Similar Description - SDA263BF-3

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDA262EF-3 SSDI-SDA262EF-3 Datasheet
57Kb / 2P
   50 AMPS 600 - 1000 VOLTS FAST RECOVERY THREE PHASE BRIDGE
SDA295A SSDI-SDA295A Datasheet
53Kb / 2P
   5 AMPS 50 - 1000 VOLTS STANDARD RECOVERY THREE PHASE BRIDGE
SDA160A SSDI-SDA160A Datasheet
223Kb / 2P
   40 AMPS 50 ??300 VOLTS HYPER FAST RECOVERY THREE PHASE BRIDGE RECTIFIER
SDA267AUF SSDI-SDA267AUF Datasheet
155Kb / 2P
   10 AMPS 50 ??1000 VOLTS ULTRA FAST RECOVERY SINGLE PHASE BRIDGE RECTIFIER
logo
Naina Semiconductor ltd...
MDS50 NAINA-MDS50 Datasheet
152Kb / 2P
   Three Phase Bridge Rectifier, 50 Amps
logo
Solid States Devices, I...
SDA165A SSDI-SDA165A Datasheet
57Kb / 2P
   10 AMPS 50 - 1000 VOLTS STANDARD RECOVERY SINGLE PHASE BRIDGE
SDA403AF SSDI-SDA403AF Datasheet
147Kb / 1P
   FAST RECOVERY THREE PHASE BRIDGE RECTIFIER
RA0022 SSDI-RA0022_15 Datasheet
41Kb / 2P
   THREE PHASE BRIDGE RECTIFIER ASSEMBLY FAST RECOVERY
SDA38AHF SSDI-SDA38AHF Datasheet
147Kb / 1P
   HYPER FAST RECOVERY THREE PHASE BRIDGE RECTIFIER
SDA37AUF SSDI-SDA37AUF Datasheet
139Kb / 1P
   ULTRA FAST RECOVERY THREE PHASE BRIDGE RECTIFIER
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com