Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GM62511.8ST89B Datasheet (PDF) - Gamma Microelectronics Inc.

GM62511.8ST89B Datasheet PDF - Gamma Microelectronics Inc.
Part # GM62511.8ST89B
Download  GM62511.8ST89B Download

File Size   345.33 Kbytes
Page   13 Pages
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.
Description 250mA ULTRA-LOW DROPOUT POSITIVE VOLTAGE REGULATOR

GM62511.8ST89B Datasheet (PDF)

Go To PDF Page Download Datasheet
GM62511.8ST89B Datasheet PDF - Gamma Microelectronics Inc.

Part # GM62511.8ST89B
Download  GM62511.8ST89B Click to download

File Size   345.33 Kbytes
Page   13 Pages
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.
Description 250mA ULTRA-LOW DROPOUT POSITIVE VOLTAGE REGULATOR

GM62511.8ST89B Datasheet (HTML) - Gamma Microelectronics Inc.

Back Button GM62511.8ST89B Datasheet HTML 1Page - Gamma Microelectronics Inc. GM62511.8ST89B Datasheet HTML 2Page - Gamma Microelectronics Inc. GM62511.8ST89B Datasheet HTML 3Page - Gamma Microelectronics Inc. GM62511.8ST89B Datasheet HTML 4Page - Gamma Microelectronics Inc. GM62511.8ST89B Datasheet HTML 5Page - Gamma Microelectronics Inc. GM62511.8ST89B Datasheet HTML 6Page - Gamma Microelectronics Inc. GM62511.8ST89B Datasheet HTML 7Page - Gamma Microelectronics Inc. GM62511.8ST89B Datasheet HTML 8Page - Gamma Microelectronics Inc. GM62511.8ST89B Datasheet HTML 9Page - Gamma Microelectronics Inc. GM62511.8ST89B Datasheet HTML 10Page - Gamma Microelectronics Inc. Next Button 

GM62511.8ST89B Product details

Description
GM6251 combines high accuracy with very low power consumption, and provides high output current even when the application requires extremely low input-output voltage dropout. GM6251 includes a precision voltage reference, an error correction circuit, over-temperature protection, and a current limited output driver.
Fast transient response to load variations provides excellent stability under dynamic loads.
GM6251 comes in SOT-25 (150mW), TO92 and SOT-89 (500mW).

Features
◆ Maximum output current up 300mA
◆ Output voltage from 1.5V to 5.0V in 0.1V increments
◆ Output voltage accuracy : ±2%
◆ CMOS low power consumption, typically 1.0µA at VOUT = 5.0V
◆ Input stability: typically 0.2%/V
◆ Ultra low dropout voltage: 0.38V @ IOUT = 200mV at VOUT = 5.0V
◆ SOT-25 (150mW), SOT-89 (500mW) and TO-92 packages

Application
   Palmtops
   Portable Cameras
   Video Recorders
   Battery Powered Equipment
   Reference Voltage Sources




Similar Part No. - GM62511.8ST89B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GM6251 ETC2-GM6251 Datasheet
140Kb / 12P
   ULTRA - LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Gamma Microelectronics ...
GM6251 GAMMA-GM6251 Datasheet
146Kb / 12P
   300mA ULTRA LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
List of Unclassifed Man...
GM6251-1.8ST25R ETC2-GM6251-1.8ST25R Datasheet
140Kb / 12P
   ULTRA - LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Gamma Microelectronics ...
GM6251-1.8ST25R GAMMA-GM6251-1.8ST25R Datasheet
146Kb / 12P
   300mA ULTRA LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
List of Unclassifed Man...
GM6251-1.8ST89R ETC2-GM6251-1.8ST89R Datasheet
140Kb / 12P
   ULTRA - LOW DROPOUT POSITIVE VOLTAGE REGULATOR
More results


Similar Description - GM62511.8ST89B

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
FC6251 FCI-FC6251 Datasheet
174Kb / 12P
   250mA Ultra-Low Droupout Positive Voltage Regulator
logo
Sipex Corporation
SPX2954 SIPEX-SPX2954 Datasheet
178Kb / 17P
   250mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS2954 ADMOS-AMS2954_08 Datasheet
188Kb / 15P
   250mA LOW DROPOUT VOLTAGE REGULATOR
logo
Eorex Corporation
EP1202 EOREX-EP1202_15 Datasheet
391Kb / 8P
   250mA Ultra Low Dropout Linear Regulator
EP1202 EOREX-EP1202 Datasheet
385Kb / 8P
   250mA Ultra Low Dropout Linear Regulator
EP1201 EOREX-EP1201 Datasheet
386Kb / 8P
   250mA Ultra Low Dropout Linear Regulator
logo
List of Unclassifed Man...
GM6250 ETC2-GM6250 Datasheet
142Kb / 12P
   ULTRA - LOW DROPOUT POSITIVE VOLTAGE REGULATOR
GM6251 ETC2-GM6251 Datasheet
140Kb / 12P
   ULTRA - LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Advanced Monolithic Sys...
AMS2954 ADMOS-AMS2954 Datasheet
169Kb / 15P
   250mA LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX2954 SIPEX-SPX2954_05 Datasheet
214Kb / 17P
   250mA Low Dropout Voltage Regulator
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com