Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3.0SMCJ8.5C Datasheet (PDF) - Won-Top Electronics

3.0SMCJ8.5C Datasheet PDF - Won-Top Electronics
Part # 3.0SMCJ8.5C
Download  3.0SMCJ8.5C Download

File Size   81.64 Kbytes
Page   6 Pages
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics
Description 3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR

3.0SMCJ8.5C Datasheet (PDF)

Go To PDF Page Download Datasheet
3.0SMCJ8.5C Datasheet PDF - Won-Top Electronics

Part # 3.0SMCJ8.5C
Download  3.0SMCJ8.5C Click to download

File Size   81.64 Kbytes
Page   6 Pages
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics
Description 3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR

3.0SMCJ8.5C Datasheet (HTML) - Won-Top Electronics

3.0SMCJ8.5C Datasheet HTML 1Page - Won-Top Electronics 3.0SMCJ8.5C Datasheet HTML 2Page - Won-Top Electronics 3.0SMCJ8.5C Datasheet HTML 3Page - Won-Top Electronics 3.0SMCJ8.5C Datasheet HTML 4Page - Won-Top Electronics 3.0SMCJ8.5C Datasheet HTML 5Page - Won-Top Electronics 3.0SMCJ8.5C Datasheet HTML 6Page - Won-Top Electronics



Similar Part No. - 3.0SMCJ8.5C

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
3.0SMCJ8.5C WTE-3.0SMCJ8.5C Datasheet
65Kb / 5P
   3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Shenzhen Taychipst Elec...
3.0SMCJ8.5C TAYCHIPST-3.0SMCJ8.5C Datasheet
2Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Won-Top Electronics
3.0SMCJ8.5CA WTE-3.0SMCJ8.5CA Datasheet
65Kb / 5P
   3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
MDE Semiconductor, Inc.
3.0SMCJ8.5CA MDE-3.0SMCJ8.5CA Datasheet
117Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ8.5CA DIOTECH-3.0SMCJ8.5CA Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Similar Description - 3.0SMCJ8.5C

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
3.0SMCJ WEITRON-3.0SMCJ Datasheet
330Kb / 4P
   3000W Surface Mount Transient Voltage Suppressor
logo
Diodes Incorporated
3.0SMCJ58A-13 DIODES-3.0SMCJ58A-13 Datasheet
99Kb / 4P
   3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Won-Top Electronics
3.0SMCJ180 WTE-3.0SMCJ180 Datasheet
71Kb / 5P
   3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Frontier Electronics.
3.0SMCJ5.0-LFR FRONTIER-3.0SMCJ5.0-LFR Datasheet
134Kb / 4P
   3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
3.0SMCJ5.0 FRONTIER-3.0SMCJ5.0 Datasheet
192Kb / 4P
   3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
3.0SMCJ5.0A DIODES-3.0SMCJ5.0A Datasheet
99Kb / 4P
   3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
3.0SMCJ24A-13 DIODES-3.0SMCJ24A-13 Datasheet
99Kb / 4P
   3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Guangdong Juxing Electr...
SMDJ JUXING-SMDJ Datasheet
1Mb / 4P
   Surface Mount Transient Voltage Suppressor Power 3000W
logo
Taiwan Semiconductor Co...
SMDJ10A TSC-SMDJ10A Datasheet
407Kb / 7P
   3000W, 10V - 100V Surface Mount Transient Voltage Suppressor
3KSMC12AH TSC-3KSMC12AH Datasheet
459Kb / 5P
   3000W, 12V- 47V Surface Mount Transient Voltage Suppressor
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com