Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B40C800 Datasheet (PDF) - Won-Top Electronics

B40C800 Datasheet PDF - Won-Top Electronics
Part # B40C800
Download  B40C800 Download

File Size   46.71 Kbytes
Page   4 Pages
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics
Description 0.8A SINGLE-PHASE BRIDGE RECTIFIER

B40C800 Datasheet (PDF)

Go To PDF Page Download Datasheet
B40C800 Datasheet PDF - Won-Top Electronics

Part # B40C800
Download  B40C800 Click to download

File Size   46.71 Kbytes
Page   4 Pages
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics
Description 0.8A SINGLE-PHASE BRIDGE RECTIFIER

B40C800 Datasheet (HTML) - Won-Top Electronics

B40C800 Datasheet HTML 1Page - Won-Top Electronics B40C800 Datasheet HTML 2Page - Won-Top Electronics B40C800 Datasheet HTML 3Page - Won-Top Electronics B40C800 Datasheet HTML 4Page - Won-Top Electronics



Similar Part No. - B40C800

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
B40C800 WTE-B40C800 Datasheet
45Kb / 3P
   0.8A BRIDGE RECTIFIER
logo
Olitech Electronics Co....
B40C800 OLITECH-B40C800 Datasheet
532Kb / 2P
   0.8A SINGLE-PHASE BRIDGE RECTIFIER
logo
General Semiconductor
B40C800DM GE-B40C800DM Datasheet
84Kb / 2P
   MINIATURE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Vishay Siliconix
B40C800DM VISHAY-B40C800DM Datasheet
87Kb / 4P
   Glass Passivated Ultrafast Bridge Rectifier
09-Oct-06
B40C800DM VISHAY-B40C800DM Datasheet
97Kb / 4P
   Glass Passivated Ultrafast Bridge Rectifier
Revision: 29-May-08
More results


Similar Description - B40C800

ManufacturerPart #DatasheetDescription
logo
Olitech Electronics Co....
B40C800 OLITECH-B40C800 Datasheet
532Kb / 2P
   0.8A SINGLE-PHASE BRIDGE RECTIFIER
logo
Sanyo Semicon Device
DBB08 SANYO-DBB08 Datasheet
51Kb / 2P
   0.8A Single-Phase Bridge Rectifier
logo
SMC Diode Solutions Co....
MB05S SMCDIODE-MB05S Datasheet
345Kb / 5P
   Single-Phase 0.8A Surface Mount Glass Passivated Bridge Rectifier
Rev. C
logo
ON Semiconductor
DBB08 ONSEMI-DBB08 Datasheet
211Kb / 3P
   0.8A Single-Phase Bridge Rectifi er
September, 2013
logo
Won-Top Electronics
B40C800 WTE-B40C800 Datasheet
45Kb / 3P
   0.8A BRIDGE RECTIFIER
logo
Gulf Semiconductor
MD12 GULFSEMI-MD12 Datasheet
196Kb / 2P
   SINGLE PHASE GLASS PASSIVATED SURFACE MOUNT BRIDGE RECTIFIER VOLTAGE: 1200V CURRENT:0.8A
logo
Rectron Semiconductor
BR1505 RECTRON-BR1505 Datasheet
276Kb / 3P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Formosa MS
MB2M FORMOSA-MB2M Datasheet
158Kb / 6P
   0.8A Glass Passivated Single-Phase Bridge Rectifiers-200-1000V
logo
General Semiconductor
KBU4A GE-KBU4A Datasheet
83Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
logo
IXYS Corporation
VBO25 IXYS-VBO25 Datasheet
87Kb / 2P
   Single Phase Rectifier Bridge
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com