Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA190CA-T8 Datasheet (PDF) - Won-Top Electronics

SA190CA-T8 Datasheet PDF - Won-Top Electronics
Part # SA190CA-T8
Download  SA190CA-T8 Download

File Size   72.36 Kbytes
Page   5 Pages
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics
Description 500W TRANSIENT VOLTAGE SUPPRESSOR

SA190CA-T8 Datasheet (PDF)

Go To PDF Page Download Datasheet
SA190CA-T8 Datasheet PDF - Won-Top Electronics

Part # SA190CA-T8
Download  SA190CA-T8 Click to download

File Size   72.36 Kbytes
Page   5 Pages
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics
Description 500W TRANSIENT VOLTAGE SUPPRESSOR

SA190CA-T8 Datasheet (HTML) - Won-Top Electronics

SA190CA-T8 Datasheet HTML 1Page - Won-Top Electronics SA190CA-T8 Datasheet HTML 2Page - Won-Top Electronics SA190CA-T8 Datasheet HTML 3Page - Won-Top Electronics SA190CA-T8 Datasheet HTML 4Page - Won-Top Electronics SA190CA-T8 Datasheet HTML 5Page - Won-Top Electronics

SA190CA-T8 Product details

500W TRANSIENT VOLTAGE SUPPRESSOR



Features

! Glass Passivated Die Construction

! 500W Peak Pulse Power Dissipation

! 180V – 220V Standoff Voltage

! Uni- and Bi-Directional Versions Available

! Excellent Clamping Capability

! Fast Response Time

! Plastic Case Material has UL Flammability Classification Rating 94V-O




Similar Part No. - SA190CA-T8

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SA190CA PANJIT-SA190CA Datasheet
110Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
MERITEK ELECTRONICS COR...
SA190CA MERITEK-SA190CA Datasheet
293Kb / 4P
   Transient Voltage Suppressors
logo
Socay Electornics Co., ...
SA190CA SOCAY-SA190CA Datasheet
475Kb / 6P
   Axial Lead Transient Voltage Suppressors (TVS)
SA190CA SOCAY-SA190CA Datasheet
3Mb / 56P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Shanghai Yint Electroni...
SA190CA YINT-SA190CA Datasheet
843Kb / 5P
   SA Transient Voltage Suppressor Diode Series
More results


Similar Description - SA190CA-T8

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SA20A-T DIODES-SA20A-T Datasheet
202Kb / 4P
   500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Won-Top Electronics
SA5.0 WTE-SA5.0_06 Datasheet
82Kb / 6P
   500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
SA26A-T DIODES-SA26A-T Datasheet
202Kb / 4P
   500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Frontier Electronics.
SA5.0(C) FRONTIER-SA5.0(C) Datasheet
132Kb / 5P
   500W TRANSIENT VOLTAGE SUPPRESSOR
SA5.0(C)-LFR FRONTIER-SA5.0(C)-LFR Datasheet
132Kb / 5P
   500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Luguang Electr...
SA5.0 LUGUANG-SA5.0 Datasheet
196Kb / 3P
   500W Transient Voltage Suppressor
logo
Diodes Incorporated
SA5V0A DIODES-SA5V0A Datasheet
66Kb / 3P
   500W TRANSIENT VOLTAGE SUPPRESSOR
DS21501 Rev. 10 - 2
logo
Shenzhen Luguang Electr...
SA5V0CA LUGUANG-SA5V0CA Datasheet
2Mb / 3P
   500W Transient Voltage Suppressor
logo
Sensitron
1N6102A SENSITRON-1N6102A_08 Datasheet
50Kb / 3P
   Transient Voltage Suppressor Diode, 500W
SS6102A SENSITRON-SS6102A Datasheet
50Kb / 3P
   Transient Voltage Suppressor Diode, 500W
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com