Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SZ25A10 Datasheet (PDF) - Solid States Devices, Inc

SZ25A10 Datasheet PDF - Solid States Devices, Inc
Part # SZ25A10
Download  SZ25A10 Download

File Size   108.96 Kbytes
Page   2 Pages
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc
Description 250mW and 400mW 2.4 - 43 VOLTS ZENER DIODES

SZ25A10 Datasheet (PDF)

Go To PDF Page Download Datasheet
SZ25A10 Datasheet PDF - Solid States Devices, Inc

Part # SZ25A10
Download  SZ25A10 Click to download

File Size   108.96 Kbytes
Page   2 Pages
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc
Description 250mW and 400mW 2.4 - 43 VOLTS ZENER DIODES

SZ25A10 Datasheet (HTML) - Solid States Devices, Inc

SZ25A10 Datasheet HTML 1Page - Solid States Devices, Inc SZ25A10 Datasheet HTML 2Page - Solid States Devices, Inc



Similar Part No. - SZ25A10

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SZ25A2.4 SSDI-SZ25A2.4 Datasheet
127Kb / 2P
   2.4 ??43 VOLTS ZENER DIODES
SZ25A2.4 SSDI-SZ25A2.4_1 Datasheet
127Kb / 2P
   2.4 ??43 VOLTS ZENER DIODES
More results


Similar Description - SZ25A10

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
Z00001M SSDI-Z00001M Datasheet
130Kb / 2P
   250mW and 400mW 2.4 ??43 VOLTS ZENER DIODES
SZ25A2.4 SSDI-SZ25A2.4_1 Datasheet
127Kb / 2P
   2.4 ??43 VOLTS ZENER DIODES
SZN6309 SSDI-SZN6309 Datasheet
180Kb / 4P
   2.4 ??200 VOLTS ZENER DIODES
SZ5A2.4 SSDI-SZ5A2.4_1 Datasheet
131Kb / 2P
   2.4 ??200 VOLTS ZENER DIODES
logo
Central Semiconductor C...
CMDZ2L4 CENTRAL-CMDZ2L4 Datasheet
100Kb / 2P
   SUPERmini. LOW LEVEL ZENER DIODE 250mW, 2.4 VOLTS THRU 36 VOLTS
logo
Micro Commercial Compon...
BZT52C2V4 MCC-BZT52C2V4_10 Datasheet
208Kb / 3P
   500 mW Zener Diode 2.4 to 43 Volts
logo
Central Semiconductor C...
CMDZ2V4 CENTRAL-CMDZ2V4 Datasheet
110Kb / 2P
   SUPERmini ZENER DIODE 2.4 VOLTS THRU 47 VOLTS 250mW, 5% TOLERANCE
logo
Solid States Devices, I...
SZ5A2.4 SSDI-SZ5A2.4 Datasheet
112Kb / 2P
   500mW and 800mW 2.4 - 200 VOLTS ZENER DIODES
logo
Digitron Semiconductors
1N4678 DIGITRON-1N4678 Datasheet
120Kb / 2P
   SILICON 250mW ZENER DIODES
logo
Central Semiconductor C...
CMOZ2V4 CENTRAL-CMOZ2V4 Datasheet
97Kb / 2P
   ULTRAmini. ZENER DIODE 2.4 VOLTS THRU 43 VOLTS 350mW, 5% TOLERANCE
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com