Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SST32HF202 Datasheet (PDF) - Silicon Storage Technology, Inc

SST32HF202 Datasheet PDF - Silicon Storage Technology, Inc
Part # SST32HF202
Download  SST32HF202 Download

File Size   410.24 Kbytes
Page   30 Pages
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc
Description Multi-Purpose Flash (MPF) SRAM ComboMemory

SST32HF202 Datasheet (PDF)

Go To PDF Page Download Datasheet
SST32HF202 Datasheet PDF - Silicon Storage Technology, Inc

Part # SST32HF202
Download  SST32HF202 Click to download

File Size   410.24 Kbytes
Page   30 Pages
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc
Description Multi-Purpose Flash (MPF) SRAM ComboMemory

SST32HF202 Datasheet (HTML) - Silicon Storage Technology, Inc

Back Button SST32HF202 Datasheet HTML 1Page - Silicon Storage Technology, Inc SST32HF202 Datasheet HTML 2Page - Silicon Storage Technology, Inc SST32HF202 Datasheet HTML 3Page - Silicon Storage Technology, Inc SST32HF202 Datasheet HTML 4Page - Silicon Storage Technology, Inc SST32HF202 Datasheet HTML 5Page - Silicon Storage Technology, Inc SST32HF202 Datasheet HTML 6Page - Silicon Storage Technology, Inc SST32HF202 Datasheet HTML 7Page - Silicon Storage Technology, Inc SST32HF202 Datasheet HTML 8Page - Silicon Storage Technology, Inc SST32HF202 Datasheet HTML 9Page - Silicon Storage Technology, Inc SST32HF202 Datasheet HTML 10Page - Silicon Storage Technology, Inc Next Button 

SST32HF202 Product details

PRODUCT DESCRIPTION
The SST32HF20x/40x ComboMemory devices integrate a 128K x16 or 256K x16 CMOS flash memory bank with a 64K x16 or 128K x16 CMOS SRAM memory bank in a Multi-Chip Package (MCP), manufactured with SST’s proprietary, high performance SuperFlash technology.

FEATURES:
• MPF + SRAM ComboMemory
    – SST32HF201: 128K x16 Flash + 64K x16 SRAM
    – SST32HF202: 128K x16 Flash + 128K x16 SRAM
    – SST32HF401: 256K x16 Flash + 64K x16 SRAM
    – SST32HF402: 256K x16 Flash + 128K x16 SRAM
• Single 2.7-3.3V Read and Write Operations
• Concurrent Operation
    – Read from or write to SRAM while Erase/Program Flash
• Superior Reliability
    – Endurance: 100,000 Cycles (typical)
    – Greater than 100 years Data Retention
• Low Power Consumption:
    – Active Current: 15 mA (typical) for Flash or SRAM Read
    – Standby Current: 20 µA (typical)
• Flexible Erase Capability
    – Uniform 2 KWord sectors
    – Uniform 32 KWord size blocks
• Fast Read Access Times:
    – Flash: 70 and 90 ns
    – SRAM: 70 and 90 ns
• Latched Address and Data for Flash
• Flash Fast Erase and Word-Program:
    – Sector-Erase Time: 18 ms (typical)
    – Block-Erase Time: 18 ms (typical)
    – Chip-Erase Time: 70 ms (typical)
    – Word-Program Time: 14 µs (typical)
    – Chip Rewrite Time:
        SST32HF201/202: 2 seconds (typical)
        SST32HF401/402: 4 seconds (typical)
• Flash Automatic Erase and Program Timing
    – Internal VPP Generation
• Flash End-of-Write Detection
    – Toggle Bit
    – Data# Polling
• CMOS I/O Compatibility
• JEDEC Standard Command Set
• Conforms to Flash pinout
• Package Available
    – 48-ball LFBGA (6mm x 8mm)



Similar Part No. - SST32HF202

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST32HF202 SST-SST32HF202 Datasheet
325Kb / 26P
   Multi-Purpose Flash (MPF) SRAM ComboMemory
SST32HF202-70-4C-L3K SST-SST32HF202-70-4C-L3K Datasheet
325Kb / 26P
   Multi-Purpose Flash (MPF) SRAM ComboMemory
SST32HF202-70-4E-L3K SST-SST32HF202-70-4E-L3K Datasheet
325Kb / 26P
   Multi-Purpose Flash (MPF) SRAM ComboMemory
SST32HF202-90-4C-L3K SST-SST32HF202-90-4C-L3K Datasheet
325Kb / 26P
   Multi-Purpose Flash (MPF) SRAM ComboMemory
SST32HF202-90-4E-L3K SST-SST32HF202-90-4E-L3K Datasheet
325Kb / 26P
   Multi-Purpose Flash (MPF) SRAM ComboMemory
More results


Similar Description - SST32HF202

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST32HF802 SST-SST32HF802 Datasheet
342Kb / 28P
   Multi-Purpose Flash (MPF) SRAM ComboMemory
SST32HF201 SST-SST32HF201 Datasheet
325Kb / 26P
   Multi-Purpose Flash (MPF) SRAM ComboMemory
SST32HF1642 SST-SST32HF1642 Datasheet
432Kb / 36P
   Multi-Purpose Flash Plus SRAM ComboMemory
SST32HF324C SST-SST32HF324C Datasheet
357Kb / 28P
   Multi-Purpose Flash Plus SRAM ComboMemory
SST32HF1641 SST-SST32HF1641 Datasheet
431Kb / 36P
   Multi-Purpose Flash Plus SRAM ComboMemory
SST32HF32A2 SST-SST32HF32A2 Datasheet
421Kb / 35P
   Multi-Purpose Flash Plus PSRAM ComboMemory
SST32HF64A2 SST-SST32HF64A2 Datasheet
827Kb / 38P
   Multi-Purpose Flash Plus PSRAM ComboMemory
SST32HF32A1 SST-SST32HF32A1 Datasheet
421Kb / 35P
   Multi-Purpose Flash Plus PSRAM ComboMemory
SST31LF021 SST-SST31LF021_07 Datasheet
350Kb / 24P
   2 Mbit Flash 1 Mbit SRAM ComboMemory
SST31LF041 SST-SST31LF041_03 Datasheet
332Kb / 26P
   4 Mbit Flash 1 Mbit SRAM ComboMemory
More results




About Silicon Storage Technology, Inc


Silicon Storage Technology, Inc. (SST) was an American technology company that specialized in the design and manufacture of non-volatile memory solutions, including flash memory and microcontrollers.
The company was founded in 1991 and had its headquarters in Sunnyvale, California.
SST was known for its innovative technology and high-quality products, and it had a strong reputation in the memory and storage industry.
In 2010, SST was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
Today, SST operates as a subsidiary of Microchip and continues to provide non-volatile memory solutions for a variety of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com