Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HM51-680KLF Datasheet (PDF) - Bi technologies

HM51-680KLF Datasheet PDF - Bi technologies
Part # HM51-680KLF
Download  HM51-680KLF Download

File Size   257.87 Kbytes
Page   1 Pages
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies
Description Axially Leaded Miniature Power Inductors

HM51-680KLF Datasheet (PDF)

Go To PDF Page Download Datasheet
HM51-680KLF Datasheet PDF - Bi technologies

Part # HM51-680KLF
Download  HM51-680KLF Click to download

File Size   257.87 Kbytes
Page   1 Pages
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies
Description Axially Leaded Miniature Power Inductors

HM51-680KLF Datasheet (HTML) - Bi technologies

HM51-680KLF Datasheet HTML 1Page - Bi technologies

HM51-680KLF Product details

Axially Leaded Miniature Power Inductors

• Inductance Range 3.9µH to 10,000µH
• Standard Tolerance ±10%
• Operating Temperature Range -55C to +105°C




Similar Part No. - HM51-680KLF

ManufacturerPart #DatasheetDescription
logo
Bi technologies
HM51-680KLF BITECH-HM51-680KLF Datasheet
382Kb / 1P
   Axially Leaded Miniature Power Inductors
logo
TT Electronics.
HM51-680KLF TTELEC-HM51-680KLF Datasheet
638Kb / 1P
   Axially Leaded Miniature Power Inductors
More results


Similar Description - HM51-680KLF

ManufacturerPart #DatasheetDescription
logo
Bi technologies
HM50 BITECH-HM50 Datasheet
253Kb / 1P
   Axially Leaded Miniature Power Inductors
logo
TT Electronics.
HM51 TTELEC-HM51 Datasheet
638Kb / 1P
   Axially Leaded Miniature Power Inductors
logo
Bi technologies
HM51 BITECH-HM51_15 Datasheet
382Kb / 1P
   Axially Leaded Miniature Power Inductors
HM50 BITECH-HM50_15 Datasheet
363Kb / 1P
   Axially Leaded Miniature Power Inductors
logo
TT Electronics.
HM50 TTELEC-HM50 Datasheet
593Kb / 1P
   Axially Leaded Miniature Power Inductors
logo
Tyco Electronics
SC308R2KT MACOM-SC308R2KT Datasheet
99Kb / 5P
   Axial Leaded Power Inductors
62403-1 MACOM-62403-1 Datasheet
110Kb / 5P
   Axial Leaded Power Inductors
SC30R22KT MACOM-SC30R22KT Datasheet
99Kb / 5P
   Axial Leaded Power Inductors
logo
Coilcraft lnc.
HCT-1-152-15L COILCRAFT-HCT-1-152-15L Datasheet
86Kb / 1P
   Self Leaded Power Inductors
logo
Golledge Electronics Lt...
UM-5 GOLLEDGE-UM-5 Datasheet
540Kb / 6P
   Miniature Leaded Crystal
More results




About Bi technologies


BI Technologies, now known as TT Electronics, is a company that specializes in the design and manufacture of a wide range of electronic components and systems. The company was founded in 1965 and is based in the United Kingdom, with operations around the world.

BI Technologies offers a broad range of products, including resistors, capacitors, magnetics, and sensors, which are used in a variety of industries, including aerospace, defense, medical, and industrial markets. The company's products are known for their quality, reliability, and performance, and are used in a range of applications, including power management, control systems, and signal conditioning.

In addition to its product offerings, BI Technologies also provides design and manufacturing services, including custom product design, prototyping, and testing. The company has a strong focus on research and development, and is committed to providing innovative solutions that meet the evolving needs of its customers.

In 2017, BI Technologies was acquired by TT Electronics, a global provider of engineered electronics for performance-critical applications. Today, BI Technologies continues to operate as a division of TT Electronics, providing a wide range of high-quality electronic components and systems to customers around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com