Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

515-1054 Datasheet (PDF) - Dialight Corporation

515-1054 Datasheet PDF - Dialight Corporation
Part # 515-1054
Download  515-1054 Download

File Size   451.24 Kbytes
Page   1 Pages
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation
Description 2 x 5mm Rectangular Optopipe Optical Light Pipe, Single

515-1054 Datasheet (PDF)

Go To PDF Page Download Datasheet
515-1054 Datasheet PDF - Dialight Corporation

Part # 515-1054
Download  515-1054 Click to download

File Size   451.24 Kbytes
Page   1 Pages
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation
Description 2 x 5mm Rectangular Optopipe Optical Light Pipe, Single

515-1054 Datasheet (HTML) - Dialight Corporation

515-1054 Datasheet HTML 1Page - Dialight Corporation

515-1054 Product details

Dialight Optopipe Light Pipe Description
This Optopipe® functions as a through-the-case indicator with the appearance of a single 2 x 5mm rectangular LED. It can utilize either a single or multi-color SMT LED, and can be used to form longer arrays with the 515-1051 light pipe. It is held to the PCB by 2 press-fit pins. The light pipe material is water clear transmissive polycarbonate rated UL94-V0, and has a 35% oxygen index. Dialight can provide custom Optopipe® solutions for your applications.

Features
• Compatible with Dialight’s 515-1051
• High transmissivity polycarbonate material
• UL94V-0 compliance
• ESD protection (circuit isolation from front panel)
• Wide viewing angle
• Secures to PCB by press-fit




Similar Part No. - 515-1054

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
515-1054F DIALIGHT-515-1054F Datasheet
1Mb / 20P
   Light Pipe Selector Guide Optopipe짰 Lightpipes
More results


Similar Description - 515-1054

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
515-1070 DIALIGHT-515-1070 Datasheet
409Kb / 1P
   3 x 5mm Rectangular Optopipe Optical Light Pipe, 2 Array (RJ45 Jack)
597-3021-507 DIALIGHT-597-3021-507 Datasheet
180Kb / 2P
   2mm Round MicroLED Optopipe Optical Light Pipe, 2 Array
515-1001 DIALIGHT-515-1001 Datasheet
406Kb / 1P
   3 x 5.5mm Rectangular Optical Light Pipe
515-1069 DIALIGHT-515-1069 Datasheet
404Kb / 1P
   3mm Round Optopipe Optical Light Pipe, 3 Array
C-17856 DIALIGHT-C-17856 Datasheet
83Kb / 1P
   2.5mm X 5mm RECTANGULAR PANEL MOUNT LIGHT PIPE
515-1071 DIALIGHT-515-1071 Datasheet
15Kb / 1P
   Optical Light Pipe, 2 Array
515-1038 DIALIGHT-515-1038 Datasheet
454Kb / 1P
   5.8mm Round Optical Light Pipe, Single
515-1061 DIALIGHT-515-1061 Datasheet
19Kb / 1P
   Optical Light Pipe, Bi-Level
logo
Chicago Miniature Lamp,...
CMD53123 CML-CMD53123 Datasheet
61Kb / 1P
   2 x 5mm Rectangular LED Lamps
logo
Dialight Corporation
515-1033 DIALIGHT-515-1033 Datasheet
419Kb / 1P
   3.2mm Round Optical Light Pipe, 2 Array, Panel Mounted
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com