Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ABS09 Datasheet (PDF) - Abracon Corporation

ABS09 Datasheet PDF - Abracon Corporation
Part # ABS09
Download  ABS09 Download

File Size   245.44 Kbytes
Page   2 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description 32.768kHz SMD LOW PROFILE CRYSTAL

ABS09 Datasheet (PDF)

Go To PDF Page Download Datasheet
ABS09 Datasheet PDF - Abracon Corporation

Part # ABS09
Download  ABS09 Click to download

File Size   245.44 Kbytes
Page   2 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description 32.768kHz SMD LOW PROFILE CRYSTAL

ABS09 Datasheet (HTML) - Abracon Corporation

ABS09 Datasheet HTML 1Page - Abracon Corporation ABS09 Datasheet HTML 2Page - Abracon Corporation

ABS09 Product details

FEATURES:
• Low frequency in small size SMD
• 0.9mm height ideal for high density circuit boards
• Ceramic package offers excellent environmental & heat resistance
• Extended temperature -40°C to +85°C for industrial applications

APPLICATIONS:
• Wide range in communication & measuring equipment
• Commercial & Industrial applications
• Wireless communications
• PDA and Palm Pilots




Similar Part No. - ABS09

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABS09 ABRACON-ABS09 Datasheet
733Kb / 2P
   32.768kHz SMD LOW PROFILE CRYSTAL
09.24.08
logo
SOURIAU-SUNBANK Connect...
ABS0963 SOURIAU-ABS0963 Datasheet
2Mb / 6P
   ARINC 801 Fiber Optic Connectors
logo
Abracon Corporation
ABS09 ABRACON-ABS09_08 Datasheet
733Kb / 2P
   32.768kHz SMD LOW PROFILE CRYSTAL
09.24.08
ABS09 ABRACON-ABS09_15 Datasheet
909Kb / 2P
   32 .768 kHz SMD LOW PR OFILE CRYSTAL
07.20.10
More results


Similar Description - ABS09

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABS09 ABRACON-ABS09_08 Datasheet
733Kb / 2P
   32.768kHz SMD LOW PROFILE CRYSTAL
09.24.08
ABS06L ABRACON-ABS06L Datasheet
1Mb / 2P
   32.768kHz SMD LOW PROFILE CRYSTAL
09.21.14
ABS25 ABRACON-ABS25 Datasheet
253Kb / 2P
   32.768kHz SMD LOW PROFILE CRYSTAL
07.11.07
ABS06-32.768KHZ-T ABRACON-ABS06-32.768KHZ-T Datasheet
892Kb / 2P
   32.768kHz SMD LOW PROFILE CRYSTAL
07.29.11
ABS13 ABRACON-ABS13 Datasheet
230Kb / 2P
   32.768kHz SMD LOW PROFILE CRYSTAL
07.11.07
ABS05 ABRACON-ABS05 Datasheet
2Mb / 2P
   32.768kHz SMD LOW PROFILE CRYSTAL
06.03.15
ABS06 ABRACON-ABS06_15 Datasheet
1Mb / 2P
   32.768kHz SMD LOW PROFILE CRYSTAL
04.09.15
ABS07 ABRACON-ABS07_13 Datasheet
1Mb / 3P
   32.768kHz SMD LOW PROFILE CRYSTAL
04.03.13
ABS07 ABRACON-ABS07 Datasheet
237Kb / 2P
   32.768kHz SMD LOW PROFILE CRYSTAL
07.09.07
ABS10 ABRACON-ABS10 Datasheet
242Kb / 2P
   32.768kHz SMD LOW PROFILE CRYSTAL
07.09.07
More results




About Abracon Corporation


Abracon Corporation is a global manufacturer of frequency control, signal conditioning, and magnetic components. The company was founded in 1992 and is headquartered in Austin, Texas. Abracon offers a wide range of products, including quartz crystals, MEMS oscillators, resonators, filters, and antennas. These components are used in a variety of applications, including telecommunications, automotive, industrial, consumer electronics, and Internet of Things (IoT) devices.

Abracon is known for its commitment to quality and innovation. The company has won numerous awards for its products and services, including Supplier of the Year awards from several major electronics manufacturers. Abracon's products are available through a global network of distributors and sales representatives. The company also offers custom design and engineering services to meet the specific needs of its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com