Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

24AA174 Datasheet (PDF) - Microchip Technology

24AA174 Datasheet PDF - Microchip Technology
Part # 24AA174
Download  24AA174 Download

File Size   168.76 Kbytes
Page   12 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 16K 1.8V Cascadable I2C??Serial EEPROM with OTP Security Page

24AA174 Datasheet (PDF)

Go To PDF Page Download Datasheet
24AA174 Datasheet PDF - Microchip Technology

Part # 24AA174
Download  24AA174 Click to download

File Size   168.76 Kbytes
Page   12 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 16K 1.8V Cascadable I2C??Serial EEPROM with OTP Security Page

24AA174 Datasheet (HTML) - Microchip Technology

Back Button 24AA174 Datasheet HTML 1Page - Microchip Technology 24AA174 Datasheet HTML 2Page - Microchip Technology 24AA174 Datasheet HTML 3Page - Microchip Technology 24AA174 Datasheet HTML 4Page - Microchip Technology 24AA174 Datasheet HTML 5Page - Microchip Technology 24AA174 Datasheet HTML 6Page - Microchip Technology 24AA174 Datasheet HTML 7Page - Microchip Technology 24AA174 Datasheet HTML 8Page - Microchip Technology 24AA174 Datasheet HTML 9Page - Microchip Technology 24AA174 Datasheet HTML 10Page - Microchip Technology Next Button 

24AA174 Product details

DESCRIPTION
The Microchip Technology Inc. 24AA174 is a cascadable 16K bit Electrically Erasable PROM. The device is organized as eight blocks of 256 x 8-bit memory with a 2-wire serial interface and provides a specially addressed OTP (one-time programmable) 16 byte security block. Low voltage design permits operation down to 1.8 volts (end-of-life voltage for most popular battery technologies) with standby and active currents of only 5 µA and 1 mA respectively. The 24AA174 also has a page-write capability for up to 16 bytes of data. The 24AA174 is available in the standard 8-pin DIP and 8-lead surface mount SOIC packages.

FEATURES
• Single supply with operation down to 1.8V
• 16 bytes OTP Secure Memory
• Low power CMOS technology
   - 1 mA active current typical
   - 10 µA standby current typical at 5.5V
   - 5 µA standby current typical at 3.0V
• Organized as eight blocks of 256 bytes (8 x 256 x 8)
• 2-wire serial interface bus, I2C compatible
• Functional address inputs for cascading up to 8 devices
• Schmitt trigger, filtered inputs for noise suppression
• Output slope control to eliminate ground bounce
• 100 kHz (1.8V) and 400 kHz (5V) compatibility
• Self-timed write cycle (including auto-erase)
• Page-write buffer for up to 16 bytes
• 2 ms typical write cycle time for page-write
• Hardware write protect for entire memory
• Can be operated as a serial ROM
• Factory programming (QTP) available
• ESD protection > 4,000V
• 1,000,000 Erase/Write cycles guaranteed
• Data retention > 200 years
• 8 pin DIP, 8-lead SOIC packages
• Available for commercial temperature range
   - Commercial (C): 0°C to +70°C




Similar Part No. - 24AA174

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24AA1025 MICROCHIP-24AA1025 Datasheet
366Kb / 22P
   1024K I2C??CMOS Serial EEPROM
2007
24AA1025 MICROCHIP-24AA1025 Datasheet
365Kb / 24P
   1024K I2C??CMOS Serial EEPROM
2008
24AA1025 MICROCHIP-24AA1025 Datasheet
304Kb / 26P
   1024K I2C??CMOS Serial EEPROM
2010
24AA1025 MICROCHIP-24AA1025 Datasheet
447Kb / 28P
   1024K I2C??CMOS Serial EEPROM
2011
24AA1025 MICROCHIP-24AA1025 Datasheet
447Kb / 28P
   1024K I2C??Serial EEPROM
11/29/11
More results


Similar Description - 24AA174

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24LC174 MICROCHIP-24LC174 Datasheet
169Kb / 14P
   16K 2.5V Cascadable I2C??Serial EEPROM with OTP Security Page
2004
21054E MICROCHIP-21054E Datasheet
76Kb / 12P
   16K 1.8V I2C SERIAL EEPROM
1996
24AA164 MICROCHIP-24AA164 Datasheet
124Kb / 12P
   16K 1.8V Cascadable I2CTM Serial EEPROM
1999
24LC164 MICROCHIP-24LC164 Datasheet
161Kb / 16P
   16K 2.5V Cascadable I2C??Serial EEPROM
2004
24AA16 MICROCHIP-24AA16_09 Datasheet
557Kb / 32P
   16K I2C??Serial EEPROM
2009
24LC16B MICROCHIP-24LC16B Datasheet
423Kb / 26P
   16K I2C Serial EEPROM
12/08/06
24AA16 MICROCHIP-24AA16_03 Datasheet
317Kb / 24P
   16K I2C??Serial EEPROM
2003
24LC16B MICROCHIP-24LC16B_16 Datasheet
381Kb / 26P
   16K I2C Serial EEPROM
07/14/15
24AA16 MICROCHIP-24AA16_12 Datasheet
1Mb / 40P
   16K I2C??Serial EEPROM
11/29/12
24AA16T-I MICROCHIP-24AA16T-I Datasheet
423Kb / 26P
   16K I2C Serial EEPROM
12/08/06
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com