Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

517D476M016JA6AE3 Datasheet (PDF) - Vishay Siliconix

517D476M016JA6AE3 Datasheet PDF - Vishay Siliconix
Part # 517D476M016JA6AE3
Download  517D476M016JA6AE3 Download

File Size   103.89 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Aluminum Capacitors 105 °C, General Purpose Miniature, Radial Lead

517D476M016JA6AE3 Datasheet (PDF)

Go To PDF Page Download Datasheet
517D476M016JA6AE3 Datasheet PDF - Vishay Siliconix

Part # 517D476M016JA6AE3
Download  517D476M016JA6AE3 Click to download

File Size   103.89 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Aluminum Capacitors 105 °C, General Purpose Miniature, Radial Lead

517D476M016JA6AE3 Datasheet (HTML) - Vishay Siliconix

517D476M016JA6AE3 Datasheet HTML 1Page - Vishay Siliconix 517D476M016JA6AE3 Datasheet HTML 2Page - Vishay Siliconix 517D476M016JA6AE3 Datasheet HTML 3Page - Vishay Siliconix 517D476M016JA6AE3 Datasheet HTML 4Page - Vishay Siliconix 517D476M016JA6AE3 Datasheet HTML 5Page - Vishay Siliconix 517D476M016JA6AE3 Datasheet HTML 6Page - Vishay Siliconix 517D476M016JA6AE3 Datasheet HTML 7Page - Vishay Siliconix 517D476M016JA6AE3 Datasheet HTML 8Page - Vishay Siliconix

517D476M016JA6AE3 Product details

FEATURES

• High CV per case size

• Low cost

• Solvent resistant construction (through 100 WVDC)

• High temperature operation

• Life test to 2000 h at + 105 °C

• Material categorization: For definitions of compliance please see www.vishay.com/doc?99912



 




Similar Part No. - 517D476M016JA6AE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
517D476M016JA6AE3 VISHAY-517D476M016JA6AE3 Datasheet
117Kb / 8P
   Aluminum Capacitors 105 °C, General Purpose Miniature, Radial Lead
01-Jan-2022
More results


Similar Description - 517D476M016JA6AE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
517D VISHAY-517D_12 Datasheet
98Kb / 8P
   Aluminum Capacitors 105 °C, General Purpose Miniature, Radial Lead
Revision: 13-Apr-12
517D VISHAY-517D_V01 Datasheet
117Kb / 8P
   Aluminum Capacitors 105 °C, General Purpose Miniature, Radial Lead
01-Jan-2022
672D VISHAY-672D Datasheet
116Kb / 8P
   Aluminum Capacitors 105 °C, Miniature, Radial Lead
Revision: 22-May-13
678D VISHAY-678D Datasheet
105Kb / 6P
   Aluminum Capacitors 105 °C, Miniature, Radial Lead
Revision: 23-May-13
672D VISHAY-672D_V01 Datasheet
121Kb / 8P
   Aluminum Capacitors 105 °C, Miniature, Radial Lead
18-Jul-16
678D VISHAY-678D_V01 Datasheet
109Kb / 6P
   Aluminum Capacitors 105 °C, Miniature, Radial Lead
18-Jul-16
30D VISHAY-30D_13 Datasheet
76Kb / 5P
   Aluminum Capacitors 105 °C, Miniature, Axial Lead, General Purpose
Revision: 16-Apr-13
30D VISHAY-30D Datasheet
174Kb / 5P
   Aluminum Capacitors 105 °C, Miniature, Axial Lead, General Purpose
Revision: 22-Jul-08
511D VISHAY-511D Datasheet
268Kb / 6P
   Aluminum Capacitors General Purpose, Miniature, Radial Lead
Revision: 22-Jul-08
logo
Illinois Capacitor, Inc...
104CKH050M ILLINOISCAPACITOR-104CKH050M_13 Datasheet
541Kb / 4P
   105 General Purpose Radial Lead Aluminum Electrolytic Capacitors
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com