Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1864 Datasheet (PDF) - Dallas Semiconductor

DS1864 Datasheet PDF - Dallas Semiconductor
Part # DS1864
Download  DS1864 Download

File Size   644.48 Kbytes
Page   72 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description SFP Laser Controller and Diagnostic IC

DS1864 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS1864 Datasheet PDF - Dallas Semiconductor

Part # DS1864
Download  DS1864 Click to download

File Size   644.48 Kbytes
Page   72 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description SFP Laser Controller and Diagnostic IC

DS1864 Datasheet (HTML) - Dallas Semiconductor

Back Button DS1864 Datasheet HTML 1Page - Dallas Semiconductor DS1864 Datasheet HTML 2Page - Dallas Semiconductor DS1864 Datasheet HTML 3Page - Dallas Semiconductor DS1864 Datasheet HTML 4Page - Dallas Semiconductor DS1864 Datasheet HTML 5Page - Dallas Semiconductor DS1864 Datasheet HTML 6Page - Dallas Semiconductor DS1864 Datasheet HTML 7Page - Dallas Semiconductor DS1864 Datasheet HTML 8Page - Dallas Semiconductor DS1864 Datasheet HTML 9Page - Dallas Semiconductor DS1864 Datasheet HTML 10Page - Dallas Semiconductor Next Button 

DS1864 Product details

General Description

The DS1864 is an SFF-8472 multisource agreement (MSA)-compliant laser controller/monitor that is ideal for SFP optical-transceiver module designs. It controls laser driver bias and modulation currents through a pair of temperature-controlled current-sink DACs. System diagnostics are provided by monitoring three analog inputs, VCC, and temperature through the internal temperature sensor. The device also contains all EEPROM required by the SFF-8472 MSA, including all A0h and A2h EEPROM. The DS1864’s memory map can be configured to be compatible with both the DS1852/DS1856 and the DS1859 memory maps. Additionally, memory is secured with customer configurable two-level password protection.



Features

♦ SFF-8472 MSA Compatible

♦ Five Monitored Channels (Temperature, VCC, MON1, MON2, MON3)

Three External Analog Inputs (MON1, MON2, MON3) Support Internal and External Calibration

Enhanced RSSI Monitoring (26dB Range, 0.5dB Accuracy)

Scalable Dynamic Range for External Analog Inputs

Internal Direct-to-Digital Temperature Sensor Alarm and Warning Flags for All Monitored Channels

♦ Two Linear 8-Bit Current-Sink DACs Two User-Selectable Full-Scale Ranges (0.5mA or 1.5mA) Values Changeable Every 2°C

♦ Three Fast-Trip Comparators (Tx Power High,

Tx Power Low, and Bias Current) for Eye Safety

♦ Flexible, Two Level Password Scheme Provides

Three Levels of Security

♦ Provides All Optional and Required SFF-8472

MSA EEPROM (Both A0h and A2h Memory)

♦ I2C-Compatible Serial Interface

♦ Operates from a 3.3V or 5V Supply

♦ -40°C to +95°C Operating Temperature Range

♦ 28-Pin TQFN Package (5mm x 5mm)




Similar Part No. - DS1864

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1864 MAXIM-DS1864 Datasheet
644Kb / 72P
   SFP Laser Controller and Diagnostic IC
Rev 0; 4/06
DS1864T MAXIM-DS1864T Datasheet
644Kb / 72P
   SFP Laser Controller and Diagnostic IC
Rev 0; 4/06
DS1864T++ MAXIM-DS1864T+ Datasheet
644Kb / 72P
   SFP Laser Controller and Diagnostic IC
Rev 0; 4/06
More results


Similar Description - DS1864

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1864 MAXIM-DS1864 Datasheet
644Kb / 72P
   SFP Laser Controller and Diagnostic IC
Rev 0; 4/06
DS1862A MAXIM-DS1862A Datasheet
582Kb / 42P
   XFP Laser Control and Digital Diagnostic IC
Rev 0; 10/08
DS1862 MAXIM-DS1862 Datasheet
533Kb / 42P
   XFP Laser Control and Digital Diagnostic IC
Rev 0; 2/06
logo
NXP Semiconductors
TZA1032 PHILIPS-TZA1032 Datasheet
102Kb / 24P
   Laser driver and controller circuit
2002 May 06
logo
Analog Devices
ADN8820 AD-ADN8820 Datasheet
288Kb / 9P
   EDFA and CW Laser Controller
Rev. PrB
ADN8820 AD-ADN8820_15 Datasheet
293Kb / 9P
   EDFA and CW Laser Controller
Rev. PrB
logo
Maxim Integrated Produc...
DS1875 MAXIM-DS1875 Datasheet
1Mb / 92P
   PON Triplexer and SFP Controller
Rev 1; 10/08
logo
TEMIC Semiconductors
U8600B TEMIC-U8600B Datasheet
228Kb / 12P
   Laser Controller
logo
IC-Haus GmbH
IC-VJ ICHAUS-IC-VJ Datasheet
293Kb / 10P
   LASER DIODE CONTROLLER
VJSO16N ICHAUS-VJSO16N Datasheet
293Kb / 10P
   LASER DIODE CONTROLLER
More results




About Dallas Semiconductor


Dallas Semiconductor was an American company that was founded in 1984 and was a supplier of mixed-signal and digital semiconductors.
The company was headquartered in Dallas, Texas, and was known for its innovative products and technology in the field of real-time clocks, temperature sensors, and other integrated circuits.
In 2002, Dallas Semiconductor was acquired by Maxim Integrated, a multinational semiconductor company, and became a subsidiary of Maxim.
The Dallas Semiconductor brand is no longer in use, but its products and technology continue to be a part of Maxim's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com