Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B39389-K3565-M201 Datasheet (PDF) - EPCOS

B39389-K3565-M201 Datasheet PDF - EPCOS
Part # B39389-K3565-M201
Download  B39389-K3565-M201 Download

File Size   105.23 Kbytes
Page   8 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description IF Filter for Quasi/Split Sound Applications 38,90 MHz

B39389-K3565-M201 Datasheet (PDF)

Go To PDF Page Download Datasheet
B39389-K3565-M201 Datasheet PDF - EPCOS

Part # B39389-K3565-M201
Download  B39389-K3565-M201 Click to download

File Size   105.23 Kbytes
Page   8 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description IF Filter for Quasi/Split Sound Applications 38,90 MHz

B39389-K3565-M201 Datasheet (HTML) - EPCOS

B39389-K3565-M201 Datasheet HTML 1Page - EPCOS B39389-K3565-M201 Datasheet HTML 2Page - EPCOS B39389-K3565-M201 Datasheet HTML 3Page - EPCOS B39389-K3565-M201 Datasheet HTML 4Page - EPCOS B39389-K3565-M201 Datasheet HTML 5Page - EPCOS B39389-K3565-M201 Datasheet HTML 6Page - EPCOS B39389-K3565-M201 Datasheet HTML 7Page - EPCOS B39389-K3565-M201 Datasheet HTML 8Page - EPCOS

B39389-K3565-M201 Product details

SAW Components

IF Filter for Quasi/Split Sound Applications

38,90 MHz



Features

■TV IF filter for quasi/split sound applications (separate picture and sound channel)

■Picture channel with Nyquist slope and sound suppression, symmetrical output

■Customized group delay predistortion

■Sound channel with pass band for sound carriers between 32,4 MHz and 33,4 MHz



Standard

■B/G

■D/K



Terminals

■Tinned CuFe alloy




Similar Part No. - B39389-K3565-M201

ManufacturerPart #DatasheetDescription
logo
EPCOS
B39389-K3350-K100 EPCOS-B39389-K3350-K100 Datasheet
104Kb / 8P
   IF Filter for Quasi/Split Sound Applications
B39389-K3953-M100 EPCOS-B39389-K3953-M100 Datasheet
90Kb / 6P
   IF Filter for Video Applications 33,90 MHz and 38,90 MHz
More results


Similar Description - B39389-K3565-M201

ManufacturerPart #DatasheetDescription
logo
EPCOS
J3353K EPCOS-J3353K Datasheet
103Kb / 8P
   IF Filter for Quasi/Split Sound Applications 38,90 MHz
K3562M EPCOS-K3562M Datasheet
107Kb / 8P
   IF Filter for Quasi/Split Sound Applications 38,00 MHz
K3352K EPCOS-K3352K Datasheet
107Kb / 8P
   IF Filter for Quasi/Split Sound Applications 38,00 MHz
M3654K EPCOS-M3654K Datasheet
113Kb / 8P
   IF Filter for Quasi/Split Sound Applications
M3565M EPCOS-M3565M Datasheet
99Kb / 8P
   IF Filter for Quasi/Split Sound Applications
M3568M EPCOS-M3568M Datasheet
101Kb / 8P
   IF Filter for Quasi/Split Sound Applications
K3350K EPCOS-K3350K Datasheet
104Kb / 8P
   IF Filter for Quasi/Split Sound Applications
K9353M EPCOS-K9353M Datasheet
63Kb / 5P
   IF Filter for Audio Applications 38,90 MHz
G9353M EPCOS-G9353M Datasheet
69Kb / 5P
   IF Filter for Audio Applications 38,90 MHz
G1962M EPCOS-G1962M Datasheet
89Kb / 6P
   IF Filter for Intercarrier Applications 38,90 MHz
More results




About EPCOS


EPCOS AG (now TDK Electronics AG) was a German company that specialized in the design and manufacture of electronic components, including capacitors, inductors, and EMI filters.

The company was founded in 1919 and had its headquarters in Munich, Germany.

EPCOS was known for its high-quality products and innovative solutions, and it had a strong reputation in the electronics industry.

In 2009, EPCOS became a subsidiary of TDK Corporation, a multinational electronics company based in Japan.

Today, EPCOS operates as TDK Electronics and continues to provide a wide range of electronic components and solutions for use in a variety of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com