Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT311 Datasheet (PDF) - Seoul Semiconductor

LT311 Datasheet PDF - Seoul Semiconductor
Part # LT311
Download  LT311 Download

File Size   392.15 Kbytes
Page   14 Pages
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor
Description BLUE OVAL LAMP LED

LT311 Datasheet (PDF)

Go To PDF Page Download Datasheet
LT311 Datasheet PDF - Seoul Semiconductor

Part # LT311
Download  LT311 Click to download

File Size   392.15 Kbytes
Page   14 Pages
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor
Description BLUE OVAL LAMP LED

LT311 Datasheet (HTML) - Seoul Semiconductor

Back Button LT311 Datasheet HTML 1Page - Seoul Semiconductor LT311 Datasheet HTML 2Page - Seoul Semiconductor LT311 Datasheet HTML 3Page - Seoul Semiconductor LT311 Datasheet HTML 4Page - Seoul Semiconductor LT311 Datasheet HTML 5Page - Seoul Semiconductor LT311 Datasheet HTML 6Page - Seoul Semiconductor LT311 Datasheet HTML 7Page - Seoul Semiconductor LT311 Datasheet HTML 8Page - Seoul Semiconductor LT311 Datasheet HTML 9Page - Seoul Semiconductor LT311 Datasheet HTML 10Page - Seoul Semiconductor Next Button 

LT311 Product details

Description
Lamp LEDs are effective in hot thermal and humid condition. This high brightness and weather-resistant packaging design makes these Lamp LEDs ideal for Outdoor applications such as traffic signals, variable message signs and backlighting for transparent sign panels.

• Non-standoff leads
• 5mm type package
• Color Diffused epoxy lens
• Viewing angle : 50/100 º
• Dominant Wavelength :470nm Features

Applications
• Electronic signs and signals
• Specialty lighting
• Small area illumination
• Backlighting
• Other outdoor displays




Similar Part No. - LT311

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
LT311 SEOUL-LT311 Datasheet
376Kb / 14P
   INFRARED LAMP LED
LT311 SEOUL-LT311 Datasheet
360Kb / 13P
   CYAN LAMP LED
LT311 SEOUL-LT311 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
LT311 SEOUL-LT311 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
LT311 SEOUL-LT311 Datasheet
378Kb / 14P
   RED LAMP LED
More results


Similar Description - LT311

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
LB700D SEOUL-LB700D_1 Datasheet
410Kb / 12P
   BLUE OVAL LAMP LED
LB770D SEOUL-LB770D_1 Datasheet
397Kb / 12P
   BLUE OVAL LAMP LED
LB770D SEOUL-LB770D Datasheet
390Kb / 14P
   BLUE OVAL LAMP LED
logo
OPTEK Technologies
OVLKBGT6 OPTEK-OVLKBGT6 Datasheet
769Kb / 4P
   Oval Blue LED Lamp (3mm)
logo
TT Electronics.
OVLHBKD8 TTELEC-OVLHBKD8 Datasheet
663Kb / 4P
   Oval Blue LED Lamp (5mm)
logo
LightKey Optoelectronic...
LLO346UBD-B90 LIGHTKEY-LLO346UBD-B90 Datasheet
81Kb / 2P
   3mm Oval Blue LED Lamp
logo
TT Electronics.
OVLJBGD8 TTELEC-OVLJBGD8 Datasheet
624Kb / 4P
   Oval Blue LED Lamp (4mm)
OVLKBGT6 TTELEC-OVLKBGT6 Datasheet
771Kb / 4P
   Oval Blue LED Lamp (3mm)
logo
OPTEK Technologies
OVLJBGD8 OPTEK-OVLJBGD8 Datasheet
622Kb / 4P
   Oval Blue LED Lamp (4mm)
OVLHBKD8 OPTEK-OVLHBKD8 Datasheet
586Kb / 3P
   Oval Blue LED Lamp (5 mm)
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com