Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AIC1532CS Datasheet (PDF) - Analog Intergrations Corporation

AIC1532CS Datasheet PDF - Analog Intergrations Corporation
Part # AIC1532CS
Download  AIC1532CS Download

File Size   59.18 Kbytes
Page   4 Pages
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation
Description 500mA DUAL REGULATOR WITH VAUX DRIVE

AIC1532CS Datasheet (PDF)

Go To PDF Page Download Datasheet
AIC1532CS Datasheet PDF - Analog Intergrations Corporation

Part # AIC1532CS
Download  AIC1532CS Click to download

File Size   59.18 Kbytes
Page   4 Pages
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation
Description 500mA DUAL REGULATOR WITH VAUX DRIVE

AIC1532CS Datasheet (HTML) - Analog Intergrations Corporation

AIC1532CS Datasheet HTML 1Page - Analog Intergrations Corporation AIC1532CS Datasheet HTML 2Page - Analog Intergrations Corporation AIC1532CS Datasheet HTML 3Page - Analog Intergrations Corporation AIC1532CS Datasheet HTML 4Page - Analog Intergrations Corporation

AIC1532CS Product details

DESCRIPTION
AIC1532 is a dual input regulator with VAUX drive control capable of delivering 3.3V/500mA continuously. The output power is provided from three independent input voltage sources on a prioritized basis. Power is always taken in priority using the following order VCC, VSBY, and VAUX .

FEATURES
• Continuous 3.3V Output from Three Inputs.
• Complete Power Management Solution.
• VCC, VSBY Regulator Supplies 500mA Output.
• Built-in Hysteresis When Selecting Input Supplies.
• Drive Control Signal for External VAUX Switch.
• Output can be Forced Higher than Input (Off-State).

APPLICATIONS
• Desktop Computers.
• PCI Adapter Cards with Wake-On-LAN.
• Network Interface Cards (NICs).
• Multi Power System.
• System with Standby Capabilities.




Similar Part No. - AIC1532CS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AIC1531 ETC2-AIC1531 Datasheet
1Mb / 10P
   500mA Dual Linear Regulator with Internal Power Switch
AIC1531CNTB ETC2-AIC1531CNTB Datasheet
1Mb / 10P
   500mA Dual Linear Regulator with Internal Power Switch
AIC1531CNTR ETC2-AIC1531CNTR Datasheet
1Mb / 10P
   500mA Dual Linear Regulator with Internal Power Switch
AIC1531CSTB ETC2-AIC1531CSTB Datasheet
1Mb / 10P
   500mA Dual Linear Regulator with Internal Power Switch
AIC1531CSTR ETC2-AIC1531CSTR Datasheet
1Mb / 10P
   500mA Dual Linear Regulator with Internal Power Switch
More results


Similar Description - AIC1532CS

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
SS6532 SSC-SS6532 Datasheet
639Kb / 9P
   500mA Dual Linear Regulator with VAUX Driver
logo
California Micro Device...
CMPWR280 CALMIRCO-CMPWR280 Datasheet
242Kb / 10P
   1.5A SMARTOR Dual Regulator with Vaux Drive
logo
ON Semiconductor
CMPWR101 ONSEMI-CMPWR101 Datasheet
137Kb / 12P
   250mA SmartORTM Regulator with VAUX Switch
June 2010 Rev. 3
CMPWR330 ONSEMI-CMPWR330 Datasheet
162Kb / 13P
   400mA SmartOR Regulator with VAUX Switch
June 2010 Rev. 3
logo
Global Mixed-mode Techn...
G926 GMT-G926 Datasheet
137Kb / 1P
   Dual 500mA LDO Regulator
G926 GMT-G926_06 Datasheet
335Kb / 8P
   Dual 500mA LDO Regulator
logo
Micrel Semiconductor
MIC5212 MICREL-MIC5212 Datasheet
171Kb / 9P
   Dual 500mA LDO Regulator
logo
California Micro Device...
CMPWR300 CALMIRCO-CMPWR300 Datasheet
365Kb / 11P
   500mA SMARTOR Dual Regulator with V switch?
logo
Anpec Electronics Corop...
APL5551 ANPEC-APL5551 Datasheet
316Kb / 17P
   Dual Channel 500mA/500mA Regulator Reset IC
APL5546 ANPEC-APL5546 Datasheet
311Kb / 17P
   Dual Channel 500mA/500mA Regulator Reset IC
More results




About Analog Intergrations Corporation


Analog Integrations Corporation (AIC) is a semiconductor company that specializes in the design and manufacture of analog and mixed-signal integrated circuits (ICs). The company was founded in 1997 and is headquartered in Hsinchu, Taiwan.

AIC's product portfolio includes a wide range of analog ICs, such as voltage regulators, DC-DC converters, power management ICs, and LED drivers. These products are used in a variety of applications, including automotive, industrial, communication, and consumer electronics.

One of AIC's main areas of expertise is in the design of high-efficiency power management ICs. The company's DC-DC converters and voltage regulators are known for their high efficiency, low power consumption, and small size, making them well-suited to battery-powered applications.

In addition to its standard product offerings, AIC also offers custom design services, working closely with customers to develop ICs that meet their specific needs. The company has a strong focus on research and development, investing heavily in new technologies and design methodologies to stay at the forefront of the industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com