Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OP290 Datasheet (PDF) - OPTEK Technologies

OP290 Datasheet PDF - OPTEK Technologies
Part # OP290
Download  OP290 Download

File Size   343.42 Kbytes
Page   8 Pages
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies
Description Plastic Infrared Emitting Diode

OP290 Datasheet (PDF)

Go To PDF Page Download Datasheet
OP290 Datasheet PDF - OPTEK Technologies

Part # OP290
Download  OP290 Click to download

File Size   343.42 Kbytes
Page   8 Pages
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies
Description Plastic Infrared Emitting Diode

OP290 Datasheet (HTML) - OPTEK Technologies

OP290 Datasheet HTML 1Page - OPTEK Technologies OP290 Datasheet HTML 2Page - OPTEK Technologies OP290 Datasheet HTML 3Page - OPTEK Technologies OP290 Datasheet HTML 4Page - OPTEK Technologies OP290 Datasheet HTML 5Page - OPTEK Technologies OP290 Datasheet HTML 6Page - OPTEK Technologies OP290 Datasheet HTML 7Page - OPTEK Technologies OP290 Datasheet HTML 8Page - OPTEK Technologies

OP290 Product details

Plastic Infrared Emitting Diode OP290 Series

Description:
Each device in this series, is a gallium aluminum arsenide infrared Light Emitting Diode (LED) that is molded in an IR-transmissive package with a wavelength centered at 890 nm, which closely matches the spectral response of silicon phototransistors, exceptfor OP298 (AA, AB, AC, AD), which has an 875 nm wavelength. For identification purposes, each LED anode lead is longer than the cathode lead. Package T-1¾ devices include: OP290, OP291, OP292, OP294, OP295, OP296, OP297, OP299 (A, B, C). Plastic Package TO-18 or TO-46 devices include:  OP293and OP298 (A, B, C, AA, AB, AC, AD).
Each OP290, OP291 and OP292series come in three electrical parameters options A, B and C. The OP290 series forward current is specified underpulse conditions up to 1.5 amps, the OP291series forward current is specified under pulse conditions up to 100 milliamps and the OP292series forward current is specified under pulse conditions up to 1 amp. The Cathode Lead length is 0.06” (1.52 mm) shorter than the Anode Lead. The silver-copper lead frame offers excellent thermal characteristics.
Each OP293and OP298series come in three electrical parameter options A, B and C. The OP293 series has an included emission angle of 60° while the OP298 series has an included emission angle of 25°. The Cathode Lead length is 0.06” (1.52 mm) shorter than the Anode Lead. These devices, which come in a variety of power ranges offering a low cost replacement for TO-18 or TO-46 hermetic packages.
Each OP298series come with a high irradiance output versionswith four electrical parameter options AA, AB, AC and AD. These power options are in the range of 5Xgreater than the A, B or C options. The OP298 series has an included emission angle of 25°. The Cathode Lead length is0.06” (1.52 mm) shorter than the Anode Lead. These devices, which come in a variety of power ranges offering a low cost replacement for TO-18 or TO-46 hermetic packages.

Features:
• Choice of narrow or wide irradiance pattern
• Choice of power ranges
• Choice of T-1¾, TO-18 or T-46 package
• Higher power output than GaAs at equivalent LEDs




Similar Part No. - OP290

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP290 AD-OP290 Datasheet
165Kb / 12P
   Precision, Low Power, Micropower Dual Operational Amplifier
REV. A
OP290 AD-OP290 Datasheet
189Kb / 12P
   Precision, Low Power, Micropower Dual Operational Amplifier
REV. B
logo
TT Electronics.
OP290 TTELEC-OP290 Datasheet
1Mb / 9P
   Plastic Infrared Emitting Diode
logo
OPTEK Technologies
OP290A OPTEK-OP290A Datasheet
290Kb / 8P
   Plastic Infrared Emitting Diode
logo
TT Electronics.
OP290A TTELEC-OP290A Datasheet
1Mb / 9P
   Plastic Infrared Emitting Diode
More results


Similar Description - OP290

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OP265 OPTEK-OP265_14 Datasheet
232Kb / 4P
   Plastic Infrared Emitting Diode
OP265 OPTEK-OP265_06 Datasheet
334Kb / 4P
   Plastic Infrared Emitting Diode
logo
TT Electronics.
OP265FAA TTELEC-OP265FAA Datasheet
376Kb / 3P
   Plastic Infrared Emitting Diode
OP168F TTELEC-OP168F Datasheet
380Kb / 6P
   Plastic Infrared Emitting Diode
logo
OPTEK Technologies
OP168 OPTEK-OP168_14 Datasheet
230Kb / 6P
   Plastic Infrared Emitting Diode
OP240 OPTEK-OP240_14 Datasheet
235Kb / 3P
   Plastic Infrared Emitting Diode
OP165 OPTEK-OP165_06 Datasheet
387Kb / 4P
   Plastic Infrared Emitting Diode
logo
TT Electronics.
OP265WPS TTELEC-OP265WPS Datasheet
339Kb / 3P
   Plastic Infrared Emitting Diode
OP290 TTELEC-OP290 Datasheet
1Mb / 9P
   Plastic Infrared Emitting Diode
logo
OPTEK Technologies
OP165 OPTEK-OP165_14 Datasheet
277Kb / 4P
   Plastic Infrared Emitting Diode
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com