Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HDSP-313G Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

HDSP-313G Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
Part # HDSP-313G
Download  HDSP-313G Download

File Size   67.89 Kbytes
Page   12 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description 10.16 mm (0.4 inch) Single Digit General Purpose Seven Segment Display

HDSP-313G Datasheet (PDF)

Go To PDF Page Download Datasheet
HDSP-313G Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

Part # HDSP-313G
Download  HDSP-313G Click to download

File Size   67.89 Kbytes
Page   12 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description 10.16 mm (0.4 inch) Single Digit General Purpose Seven Segment Display

HDSP-313G Datasheet (HTML) - AVAGO TECHNOLOGIES LIMITED

Back Button HDSP-313G Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HDSP-313G Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HDSP-313G Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HDSP-313G Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HDSP-313G Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HDSP-313G Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HDSP-313G Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HDSP-313G Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HDSP-313G Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HDSP-313G Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED Next Button 

HDSP-313G Product details

Description

This 10.16 mm (0.4 inch) LED single digit seven segment display uses industry standard size package and pinout. The device is available in either common anode or common cathode. The choice of colors includes High Efficiency Red (HER), Green, AlGaAs Red, and Yellow. The gray face displays are suitable for indoor use.



Features

• Industry standard size

• Industry standard pinout

  10.16 mm (0.4 inch) character height DIP lead on 2.54 mm

• Choice of colors

  High Efficiency Red (HER), Green, AlGaAs Red, and Yellow

• Excellent appearance

  Evenly lighted segments gray package gives optimum contrast

  ± 50 ft. viewing angle

• Design flexibility

  Common anode right hand decimal point or common cathode right hand decimal point

• Categorized for luminous intensity Green and yellow categorized for color



Applications

• Suitable for indoor use

• Not recommended for industrial application, i.e., operating temperature requirements exceeding +85˚C or below –25˚C[1]

• Extreme temperature cycling not recommended



 




Similar Part No. - HDSP-313G

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-313G AVAGO-HDSP-313G Datasheet
80Kb / 11P
   10.16 mm (0.4 inch) Single Digit General Purpose Seven Segment Display
HDSP-313G AVAGO-HDSP-313G Datasheet
82Kb / 12P
   7.62 mm (0.3 inch) General Purpose Seven-Segment Display
HDSP-313G AVAGO-HDSP-313G Datasheet
82Kb / 12P
   7.62 mm (0.3 inch) General Purpose Seven-Segment Display
More results


Similar Description - HDSP-313G

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-311E AVAGO-HDSP-311E_12 Datasheet
80Kb / 11P
   10.16 mm (0.4 inch) Single Digit General Purpose Seven Segment Display
HDSP-G01E AVAGO-HDSP-G01E_12 Datasheet
76Kb / 10P
   10.16 mm (0.4 inch) Dual Digit General Purpose Seven-Segment Display
HDSP-G01X AVAGO-HDSP-G01X Datasheet
76Kb / 10P
   10.16 mm (0.4 inch) Dual Digit General Purpose Seven-Segment Display
logo
Agilent(Hewlett-Packard...
HDSP-G01X HP-HDSP-G01X Datasheet
111Kb / 12P
   Agilent HDSP-G01x/G03x 10.16 mm (0.4 inch) Dual Digit General Purpose Seven-Segment Display
logo
Lite-On Technology Corp...
LTS-4640AE LITEON-LTS-4640AE Datasheet
106Kb / 5P
   The LTS-4640AE is a 0.4-inch (10.16-mm) digit height single digit seven-segment display.
LTS4301G LITEON-LTS4301G Datasheet
130Kb / 5P
   0.4 INCH DIGIT HEIGHT SINGLE DIGIT SEVEN SEGMENT DISPLAY
LTS4801G LITEON-LTS4801G Datasheet
128Kb / 5P
   0.4 INCH DIGIT HEIGHT SINGLE DIGIT SEVEN SEGMENT DISPLAY
logo
LUMEX INC.
LDS-A402RI LUMEX-LDS-A402RI Datasheet
70Kb / 1P
   0.4 SINGLE DIGIT SEVEN SEGMENT DISPLAY
logo
Lite-On Technology Corp...
LTS-4301E LITEON-LTS-4301E Datasheet
132Kb / 5P
   0.4 inch (10.0mm) digit height single digit, seven-segment display
LTC-4625G LITEON-LTC-4625G Datasheet
390Kb / 6P
   0.4 inch (10 mm) digit height quadruple digit seven-segment display
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com