Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HDSP-U301 Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

HDSP-U301 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
Part # HDSP-U301
Download  HDSP-U301 Download

File Size   133.16 Kbytes
Page   11 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description 8 mm (0.31 inch) Ultra Mini Seven Segment Displays

HDSP-U301 Datasheet (PDF)

Go To PDF Page Download Datasheet
HDSP-U301 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

Part # HDSP-U301
Download  HDSP-U301 Click to download

File Size   133.16 Kbytes
Page   11 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description 8 mm (0.31 inch) Ultra Mini Seven Segment Displays

HDSP-U301 Datasheet (HTML) - AVAGO TECHNOLOGIES LIMITED

Back Button HDSP-U301 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HDSP-U301 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HDSP-U301 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HDSP-U301 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HDSP-U301 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HDSP-U301 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HDSP-U301 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HDSP-U301 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HDSP-U301 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HDSP-U301 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED Next Button 

HDSP-U301 Product details

Description
The 8 mm (0.31 inch) LED seven segment displays are Avago’s most space-efficient character size. They are designed for viewing distances up to 3 metres (10 feet). The numeric devices feature a right hand decimal point. All devices are available as either common anode or common cathode.
Typical applications include appliances, temperature con trollers, and digital panel meters.

Features
• Compact package
• 8 mm (0.31 inch) character height
• Choice of colors:
    – Wide range of colors
• Excellent appearance:
    – Evenly lighted segments
    – Mitered corners on segments
    – Gray/black surface gives optimum contrast
    – ±50° viewing angle
• Design flexibility:
    – Common anode or common cathode
    – Right hand decimal point
• Categorized for luminous intensity:
    – Yellow and Green also categorized for color
    – Use of like categories yields a uniform display
• High light output
• High peak current
• Excellent for long digit string multiplexing
• Intensity and color selection option




Similar Part No. - HDSP-U301

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDSP-U301 HP-HDSP-U301 Datasheet
375Kb / 11P
   8 mm (0.31 inch) Ultra Mini Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-U301 AVAGO-HDSP-U301 Datasheet
189Kb / 10P
   8 mm (0.31 inch) Ultra Mini Seven Segment Displays
HDSP-U301 AVAGO-HDSP-U301 Datasheet
359Kb / 9P
   8 mm (0.31 inch) Ultra Mini Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP-U301-00000 HP-HDSP-U301-00000 Datasheet
375Kb / 11P
   8 mm (0.31 inch) Ultra Mini Seven Segment Displays
HDSP-U301-00000 HP-HDSP-U301-00000 Datasheet
380Kb / 11P
   8 mm (0.31 inch) Ultra Mini Seven Segment Displays
More results


Similar Description - HDSP-U301

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDSP-U1XX HP-HDSP-U1XX Datasheet
380Kb / 11P
   8 mm (0.31 inch) Ultra Mini Seven Segment Displays
HDSP-U HP-HDSP-U Datasheet
375Kb / 11P
   8 mm (0.31 inch) Ultra Mini Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-UXXX AVAGO-HDSP-UXXX Datasheet
359Kb / 9P
   8 mm (0.31 inch) Ultra Mini Seven Segment Displays
HDSP-U101 AVAGO-HDSP-U101_12 Datasheet
189Kb / 10P
   8 mm (0.31 inch) Ultra Mini Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP530X HP-HDSP530X Datasheet
264Kb / 8P
   14.2 mm (0.56 inch) Seven Segment Displays
HDSP-F15 HP-HDSP-F15 Datasheet
482Kb / 11P
   10 mm (0.40 inch) Seven Segment Displays
HDSP-340X HP-HDSP-340X Datasheet
185Kb / 8P
   20 mm (0.8 inch) Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-F151 AVAGO-HDSP-F151 Datasheet
284Kb / 10P
   10 mm (0.40 inch) Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP-5700 HP-HDSP-5700 Datasheet
264Kb / 8P
   14.2 mm (0.56 inch) Seven Segment Displays
HDSP-5301 HP-HDSP-5301 Datasheet
264Kb / 8P
   14.2 mm (0.56 inch) Seven Segment Displays
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com