Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HDSP-A511 Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

HDSP-A511 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
Part # HDSP-A511
Download  HDSP-A511 Download

File Size   264.8 Kbytes
Page   14 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description Black Surface Seven Segment Displays

HDSP-A511 Datasheet (PDF)

Go To PDF Page Download Datasheet
HDSP-A511 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

Part # HDSP-A511
Download  HDSP-A511 Click to download

File Size   264.8 Kbytes
Page   14 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description Black Surface Seven Segment Displays

HDSP-A511 Datasheet (HTML) - AVAGO TECHNOLOGIES LIMITED

Back Button HDSP-A511 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HDSP-A511 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HDSP-A511 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HDSP-A511 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HDSP-A511 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HDSP-A511 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HDSP-A511 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HDSP-A511 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HDSP-A511 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HDSP-A511 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED Next Button 

HDSP-A511 Product details

Description

These devices use industry standard size package and pinout. Available with black surface finish. All devices are available as either common anode or common cathode.

Typical applications include appliances, channel indicators of TV, CATV converters, game machines, and point of sale terminals.



Features

• Black surface and color tinted epoxy

• Industry standard size

• Industry standard pinout

• Choice of character size

   7.6 mm (0.30 in.), 10 mm (0.40 in.), 14.2 mm (0.56 in.)

• Choice of colors

   AlGaAs Red, High Efficiency Red (HER), Green, Orange

• Excellent appearance

   Evenly lighted segments

   ± 50° Viewing angle

• Design flexibility

   Common anode or common cathode

   Single and two digit

• Categorized for luminous intensity

   Categorized for color: Green

   Use of like categories yields a uniform display

• Excellent for long digit string multiplexing



 




Similar Part No. - HDSP-A511

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDSP-A511 HP-HDSP-A511 Datasheet
189Kb / 14P
   Black Surface Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-A511 AVAGO-HDSP-A511 Datasheet
1Mb / 13P
   Black Surface Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP-A511-00200 HP-HDSP-A511-00200 Datasheet
189Kb / 14P
   Black Surface Seven Segment Displays
HDSP-A511-00300 HP-HDSP-A511-00300 Datasheet
189Kb / 14P
   Black Surface Seven Segment Displays
HDSP-A511-00400 HP-HDSP-A511-00400 Datasheet
189Kb / 14P
   Black Surface Seven Segment Displays
More results


Similar Description - HDSP-A511

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-A413 AVAGO-HDSP-A413_10 Datasheet
1Mb / 13P
   Black Surface Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP-AX11 HP-HDSP-AX11 Datasheet
189Kb / 14P
   Black Surface Seven Segment Displays
logo
Fairchild Semiconductor
MAN70A FAIRCHILD-MAN70A Datasheet
721Kb / 9P
   SEVEN SEGMENT DISPLAYS
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-550X AVAGO-HDSP-550X Datasheet
352Kb / 10P
   Seven Segment Displays
logo
QT Optoelectronics
FND367 QT-FND367 Datasheet
409Kb / 4P
   SEVEN SEGMENT DISPLAYS
MAN6600 QT-MAN6600 Datasheet
527Kb / 5P
   0.560-INCH SEVEN SEGMENT DISPLAYS
5082-7650 QT-5082-7650 Datasheet
526Kb / 5P
   0.43-INCH SEVEN SEGMENT DISPLAYS
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-335X AVAGO-HDSP-335X Datasheet
1Mb / 18P
   Low Current Seven Segment Displays
HDSP-H103 AVAGO-HDSP-H103 Datasheet
1Mb / 18P
   Low Current Seven Segment Displays
logo
QT Optoelectronics
MAN8900 QT-MAN8900 Datasheet
453Kb / 4P
   0.800-INCH SEVEN SEGMENT DISPLAYS
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com