Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XA-S3 Datasheet (PDF) - NXP Semiconductors

XA-S3 Datasheet PDF - NXP Semiconductors
Part # XA-S3
Download  XA-S3 Download

File Size   281.25 Kbytes
Page   52 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description XA 16-bit microcontroller 32K/1K OTP/ROM/ROMless, 8-channel 8-bit A/D, low voltage 2.7 V.5.5 V, I2C, 2 UARTs, 16MB address range

XA-S3 Datasheet (PDF)

Go To PDF Page Download Datasheet
XA-S3 Datasheet PDF - NXP Semiconductors

Part # XA-S3
Download  XA-S3 Click to download

File Size   281.25 Kbytes
Page   52 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description XA 16-bit microcontroller 32K/1K OTP/ROM/ROMless, 8-channel 8-bit A/D, low voltage 2.7 V.5.5 V, I2C, 2 UARTs, 16MB address range

XA-S3 Datasheet (HTML) - NXP Semiconductors

Back Button XA-S3 Datasheet HTML 1Page - NXP Semiconductors XA-S3 Datasheet HTML 2Page - NXP Semiconductors XA-S3 Datasheet HTML 3Page - NXP Semiconductors XA-S3 Datasheet HTML 4Page - NXP Semiconductors XA-S3 Datasheet HTML 5Page - NXP Semiconductors XA-S3 Datasheet HTML 6Page - NXP Semiconductors XA-S3 Datasheet HTML 7Page - NXP Semiconductors XA-S3 Datasheet HTML 8Page - NXP Semiconductors XA-S3 Datasheet HTML 9Page - NXP Semiconductors XA-S3 Datasheet HTML 10Page - NXP Semiconductors Next Button 



Similar Part No. - XA-S3

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
XA-S3 PHILIPS-XA-S3 Datasheet
295Kb / 52P
   XA 16-bit microcontroller 32 K/1 K OTP/ROM/ROMless, 8-channel 8-bit A/D, low voltage 2.7 V.5.5 V, I2C, 2 UARTs, 16 MB address range
2000 Dec 01
More results


Similar Description - XA-S3

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
XA-S3 PHILIPS-XA-S3 Datasheet
295Kb / 52P
   XA 16-bit microcontroller 32 K/1 K OTP/ROM/ROMless, 8-channel 8-bit A/D, low voltage 2.7 V.5.5 V, I2C, 2 UARTs, 16 MB address range
2000 Dec 01
XA-G3 PHILIPS-XA-G3 Datasheet
208Kb / 36P
   XA 16-bit microcontroller family 32K/512 OTP/ROM/ROMless, watchdog, 2 UARTs
1999 Apr 07
XA-G39 PHILIPS-XA-G39 Datasheet
217Kb / 42P
   XA 16-bit microcontroller family XA 16-bit microcontroller 32K FLASH/1K RAM, watchdog, 2 UARTs
2002 Mar 13
logo
ATMEL Corporation
TS80C32X2 ATMEL-TS80C32X2_08 Datasheet
603Kb / 55P
   8-bit Microcontroller 8 Kbytes ROM/OTP, ROMless
logo
NXP Semiconductors
XA-G37 PHILIPS-XA-G37 Datasheet
226Kb / 37P
   XA 16-bit microcontroller family 32K OTP, 512 B RAM, watchdog, 2 UARTs
2002 Mar 25
80C550 PHILIPS-80C550 Datasheet
190Kb / 28P
   80C51 8-bit microcontroller family 4K/128 OTP/ROM/ROMless, 8 channel 8 bit A/D, watchdog timer
1998 May 01
P80C31SBAA PHILIPS-P80C31SBAA Datasheet
263Kb / 38P
   80C51 8-bit microcontroller family 4 K/8 K OTP/ROM low voltage (2.7 V??.5 V)
2000 Aug 07
logo
SHENZHEN FUMAN ELECTRON...
TC78P153 FUMAN-TC78P153 Datasheet
1Mb / 29P
   8-bit OTP ROM microcontroller
TC8P53 FUMAN-TC8P53 Datasheet
1Mb / 29P
   8-bit OTP ROM microcontroller
logo
List of Unclassifed Man...
NT68P62-01 ETC-NT68P62-01 Datasheet
528Kb / 56P
   8-Bit Microcontroller for Monitor (32K OTP ROM Type)
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com