Manufacturer | Part # | Datasheet | Description |
Teledyne Technologies I... |
G24R12-06
|
84Kb / 2P |
Output to 12A 280 Vac DC Control
|
FS24R10-06
|
96Kb / 3P |
Output to 20A 280 Vac DC Control
|
L24D25C
|
70Kb / 2P |
Single Output to 25A, 280 Vac DC control
|
SQ24D25
|
60Kb / 2P |
Quad Output 25A 280 Vac DC control
|
C3P24D25
|
85Kb / 2P |
Three-Phase Output 25A 280 Vac DC control
|
Willow Technologies Ltd |
C3P24D25C
|
164Kb / 2P |
Three-Phase Output to 25A 280 Vac
|
Teledyne Technologies I... |
S48D95
|
370Kb / 5P |
Single Output to 660 Vac AC/DC Control
|
TS24D2G
|
113Kb / 4P |
Output to 2.5A, 275 Vac AC/DC Control
|
SD24R50-06
|
133Kb / 4P |
Dual Output to 50A 600 Vac DC Control
|
S24D40
|
578Kb / 6P |
Single Output to 660 Vac AC/DC Control
04/2023 |