Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S48R75-22 Datasheet (PDF) - Teledyne Technologies Incorporated

S48R75-22 Datasheet PDF - Teledyne Technologies Incorporated
Part # S48R75-22
Download  S48R75-22 Download

File Size   132.33 Kbytes
Page   5 Pages
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated
Description Single Output to 125A 660 Vac AC/DC Control

S48R75-22 Datasheet (PDF)

Go To PDF Page Download Datasheet
S48R75-22 Datasheet PDF - Teledyne Technologies Incorporated

Part # S48R75-22
Download  S48R75-22 Click to download

File Size   132.33 Kbytes
Page   5 Pages
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated
Description Single Output to 125A 660 Vac AC/DC Control

S48R75-22 Datasheet (HTML) - Teledyne Technologies Incorporated

S48R75-22 Datasheet HTML 1Page - Teledyne Technologies Incorporated S48R75-22 Datasheet HTML 2Page - Teledyne Technologies Incorporated S48R75-22 Datasheet HTML 3Page - Teledyne Technologies Incorporated S48R75-22 Datasheet HTML 4Page - Teledyne Technologies Incorporated S48R75-22 Datasheet HTML 5Page - Teledyne Technologies Incorporated



Similar Part No. - S48R75-22

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
S48R75 TELEDYNE-S48R75 Datasheet
578Kb / 6P
   Single Output to 660 Vac AC/DC Control
04/2023
More results


Similar Description - S48R75-22

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
S48D95 TELEDYNE-S48D95 Datasheet
370Kb / 5P
   Single Output to 660 Vac AC/DC Control
S24D40 TELEDYNE-S24D40 Datasheet
578Kb / 6P
   Single Output to 660 Vac AC/DC Control
04/2023
TS24D2G TELEDYNE-TS24D2G Datasheet
113Kb / 4P
   Output to 2.5A, 275 Vac AC/DC Control
SH24D25 TELEDYNE-SH24D25 Datasheet
913Kb / 8P
   Output to 125A, 690 Vac
L24D25C TELEDYNE-L24D25C Datasheet
70Kb / 2P
   Single Output to 25A, 280 Vac DC control
logo
Crydom Inc.,
H12WD4850PG CRYDOM-H12WD4850PG Datasheet
1Mb / 5P
   Ratings from 25A to 125A @ 48-660 V AC
logo
Teledyne Technologies I...
G24R12-06 TELEDYNE-G24R12-06 Datasheet
84Kb / 2P
   Output to 12A 280 Vac DC Control
X24D12 TELEDYNE-X24D12 Datasheet
102Kb / 3P
   Output to 16A 280 Vac DC Control
FS24R10-06 TELEDYNE-FS24R10-06 Datasheet
96Kb / 3P
   Output to 20A 280 Vac DC Control
SD24R50-06 TELEDYNE-SD24R50-06 Datasheet
133Kb / 4P
   Dual Output to 50A 600 Vac DC Control
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com