Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMP1304 Datasheet (PDF) - Skyworks Solutions Inc.

SMP1304 Datasheet PDF - Skyworks Solutions Inc.
Part # SMP1304
Download  SMP1304 Download

File Size   374.6 Kbytes
Page   6 Pages
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.
Description Low-Distortion Attenuator Plastic Packaged PIN Diodes

SMP1304 Datasheet (PDF)

Go To PDF Page Download Datasheet
SMP1304 Datasheet PDF - Skyworks Solutions Inc.

Part # SMP1304
Download  SMP1304 Click to download

File Size   374.6 Kbytes
Page   6 Pages
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.
Description Low-Distortion Attenuator Plastic Packaged PIN Diodes

SMP1304 Datasheet (HTML) - Skyworks Solutions Inc.

SMP1304 Datasheet HTML 1Page - Skyworks Solutions Inc. SMP1304 Datasheet HTML 2Page - Skyworks Solutions Inc. SMP1304 Datasheet HTML 3Page - Skyworks Solutions Inc. SMP1304 Datasheet HTML 4Page - Skyworks Solutions Inc. SMP1304 Datasheet HTML 5Page - Skyworks Solutions Inc. SMP1304 Datasheet HTML 6Page - Skyworks Solutions Inc.

SMP1304 Product details

Description

The SMP1304 series of plastic packaged, surface mountable, low capacitance (0.3 pF), silicon PIN diodes is designed for use in attenuator applications from 5 MHz to beyond 2 GHz. The thick 100 µm I region of these PIN diodes makes them very attractive for use in low-distortion PI and TEE attenuators commonly used in TV distribution applications. The 1 µs typical carrier lifetime of these diodes results in resistance of 20 Ω maximum at 1 mA and 7 Ω maximum at 10 mA.



Features

● Low-distortion design

● Frequency range from HF to > 2 GHz

● Designed for base station applications

● Configured for PI and TEE attenuators

● Available lead (Pb)-free and RoHS-compliant MSL-1 @ 260 °C(1) per JEDEC J-STD-020




Similar Part No. - SMP1304

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
SMP1304-001 ALPHA-SMP1304-001 Datasheet
500Kb / 4P
   Low Distortion Attenuator Plastic Packaged PIN Diodes
SMP1304-004 ALPHA-SMP1304-004 Datasheet
500Kb / 4P
   Low Distortion Attenuator Plastic Packaged PIN Diodes
SMP1304-005 ALPHA-SMP1304-005 Datasheet
500Kb / 4P
   Low Distortion Attenuator Plastic Packaged PIN Diodes
logo
Skyworks Solutions Inc.
SMP1304-005 SKYWORKS-SMP1304-005 Datasheet
775Kb / 8P
   Low-Distortion Attenuator Plastic Packaged PIN Diodes
SMP1304-005LF SKYWORKS-SMP1304-005LF Datasheet
775Kb / 8P
   Low-Distortion Attenuator Plastic Packaged PIN Diodes
More results


Similar Description - SMP1304

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
SMP1304-005 ALPHA-SMP1304-005 Datasheet
500Kb / 4P
   Low Distortion Attenuator Plastic Packaged PIN Diodes
logo
Skyworks Solutions Inc.
SMP1304 SKYWORKS-SMP1304_15 Datasheet
775Kb / 8P
   Low-Distortion Attenuator Plastic Packaged PIN Diodes
SMP1307 SKYWORKS-SMP1307_15 Datasheet
755Kb / 9P
   Very Low Distortion Attenuator Plastic Packaged PIN Diodes
SMP1307 SKYWORKS-SMP1307 Datasheet
89Kb / 6P
   Very Low Distortion Attenuator Plastic Packaged PIN Diodes
logo
Alpha Industries
SMP1307 ALPHA-SMP1307 Datasheet
501Kb / 4P
   Very Low Distortion Attenuator Plastic Packaged PIN Diodes
SMP1302 ALPHA-SMP1302 Datasheet
496Kb / 3P
   Switch and Attenuator Plastic Packaged PIN Diodes
logo
Skyworks Solutions Inc.
SMP1302 SKYWORKS-SMP1302_15 Datasheet
1Mb / 11P
   Switch and Attenuator Plastic Packaged PIN Diodes
SMP1302 SKYWORKS-SMP1302 Datasheet
458Kb / 5P
   Switch and Attenuator Plastic Packaged PIN Diodes
SMP1322 SKYWORKS-SMP1322_15 Datasheet
879Kb / 9P
   Low Resistance, Plastic Packaged PIN Diodes
SMP1331 SKYWORKS-SMP1331 Datasheet
668Kb / 8P
   Low Capacitance, Plastic Packaged PIN Diodes
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com