Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKY13272-340LF Datasheet (PDF) - Skyworks Solutions Inc.

SKY13272-340LF Datasheet PDF - Skyworks Solutions Inc.
Part # SKY13272-340LF
Download  SKY13272-340LF Download

File Size   544.0 Kbytes
Page   5 Pages
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.
Description 4 x 2 Switch Matrix 250 MHz-2.15 GHz

SKY13272-340LF Datasheet (PDF)

Go To PDF Page Download Datasheet
SKY13272-340LF Datasheet PDF - Skyworks Solutions Inc.

Part # SKY13272-340LF
Download  SKY13272-340LF Click to download

File Size   544.0 Kbytes
Page   5 Pages
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.
Description 4 x 2 Switch Matrix 250 MHz-2.15 GHz

SKY13272-340LF Datasheet (HTML) - Skyworks Solutions Inc.

SKY13272-340LF Datasheet HTML 1Page - Skyworks Solutions Inc. SKY13272-340LF Datasheet HTML 2Page - Skyworks Solutions Inc. SKY13272-340LF Datasheet HTML 3Page - Skyworks Solutions Inc. SKY13272-340LF Datasheet HTML 4Page - Skyworks Solutions Inc. SKY13272-340LF Datasheet HTML 5Page - Skyworks Solutions Inc.



Similar Part No. - SKY13272-340LF

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY13270-92LF SKYWORKS-SKY13270-92LF Datasheet
212Kb / 5P
   GaAs SPDT Switch 100 MHz-2.5 GHz
SKY13270-92LF SKYWORKS-SKY13270-92LF Datasheet
1Mb / 17P
   The Right Products for Your System Applications
SKY13274-349LF SKYWORKS-SKY13274-349LF Datasheet
309Kb / 6P
   PHEMT SP2T Switch 0.5-6.0 GHz
SKY13277-355LF SKYWORKS-SKY13277-355LF Datasheet
330Kb / 6P
   GaAs SP3T Absorptive Switch 500 MHz-2.5 GHz
SKY13278-313LF SKYWORKS-SKY13278-313LF Datasheet
261Kb / 6P
   GaAs SPDT Switch 100 MHz-2.5 GHz
More results


Similar Description - SKY13272-340LF

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY13264-340LF SKYWORKS-SKY13264-340LF Datasheet
112Kb / 3P
   4 x 2 Switch Matrix 250 MHz-2.15 GHz
SKY13292-365LF SKYWORKS-SKY13292-365LF Datasheet
1Mb / 14P
   4 x 2 Switch Matrix with Tone/Voltage Decoder 250 MHz-2.15 GHz
logo
Hexawave, Inc
HWS433_V3 HW-HWS433_V3_15 Datasheet
76Kb / 3P
   GaAs 0.95-2.15 GHz 2x2 Switch Matrix
HWS417 HW-HWS417 Datasheet
133Kb / 3P
   GaAs 0.95-2.15 GHz 2x2 Switch Matrix
HWS433 HW-HWS433 Datasheet
77Kb / 3P
   GaAs 0.95-2.15 GHz 2x2 Switch Matrix
HWS388 HW-HWS388 Datasheet
140Kb / 3P
   GaAs 0.95-2.15 GHz 4x2 Switch Matrix
logo
Skyworks Solutions Inc.
AS212-93 SKYWORKS-AS212-93 Datasheet
646Kb / 4P
   GaAs IC 4 x 2 Switch Matrix 0.7-3.0 GHz
logo
NEC
UPD5716GR NEC-UPD5716GR Datasheet
176Kb / 14P
   CMOS MMIC 4 x 2 IF SWITCH MATRIX
UPD5715GR NEC-UPD5715GR Datasheet
284Kb / 14P
   CMOS MMIC 4 x 2 IF SWITCH MATRIX
logo
Renesas Technology Corp
PD5716GR RENESAS-PD5716GR Datasheet
303Kb / 16P
   CMOS MMIC 4 x 2 IF SWITCH MATRIX
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com