Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1224N472H Datasheet (PDF) - RICOH electronics devices division

R1224N472H Datasheet PDF - RICOH electronics devices division
Part # R1224N472H
Download  R1224N472H Download

File Size   1494.66 Kbytes
Page   42 Pages
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division
Description PWM/VFM step-down DC/DC Converter

R1224N472H Datasheet (PDF)

Go To PDF Page Download Datasheet
R1224N472H Datasheet PDF - RICOH electronics devices division

Part # R1224N472H
Download  R1224N472H Click to download

File Size   1494.66 Kbytes
Page   42 Pages
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division
Description PWM/VFM step-down DC/DC Converter

R1224N472H Datasheet (HTML) - RICOH electronics devices division

Back Button R1224N472H Datasheet HTML 1Page - RICOH electronics devices division R1224N472H Datasheet HTML 2Page - RICOH electronics devices division R1224N472H Datasheet HTML 3Page - RICOH electronics devices division R1224N472H Datasheet HTML 4Page - RICOH electronics devices division R1224N472H Datasheet HTML 5Page - RICOH electronics devices division R1224N472H Datasheet HTML 6Page - RICOH electronics devices division R1224N472H Datasheet HTML 7Page - RICOH electronics devices division R1224N472H Datasheet HTML 8Page - RICOH electronics devices division R1224N472H Datasheet HTML 9Page - RICOH electronics devices division R1224N472H Datasheet HTML 10Page - RICOH electronics devices division Next Button 

R1224N472H Product details

OUTLINE
The R1224N Series are CMOS-based PWM step-down DC/DC Converter controllers with low supply current. Each of these ICs consists of an oscillator, a PWM control circuit, a reference voltage unit, an error amplifier, a phase compensation circuit, a soft-start circuit, a protection circuit, a PWM/VFM alternative circuit, a chip enable circuit, resistors for output voltage detect, and input voltage detect circuit. A low ripple, high efficiency step-down DC/DC converter can be easily composed of this IC with only several external components, or a power-transistor, an inductor, a diode and capacitors. Output Voltage is fixed or can be adjusted with external resistors (Adjustable types are without PWM/VFM alternative circuit).

FEATURES
• Supply Current .............................................Typ. 20µA (R1224Nxx2E/F/M/L, R1224N102M)
                                                                        Typ. 30µA (R1224Nxx2G, R1224N102G)
                                                                        Typ. 40µA (R1224Nxx2H, R1224N102H)
• Standby Current ...........................................Typ. 0µA
• Input Voltage Range ....................................2.3V~18.5V
• Output Voltage Range..................................1.2V to 6.0V (R1224Nxx2x)
   1.0V to VIN (R1224N102x)
• Output Voltage Accuracy............................±2.0%
• Oscillator Frequency...................................Typ. 180kHz (R1224Nxx2M, R1224N102M)
                                                                       Typ. 300kHz (R1224Nxx2E/G, R1224N102G)
                                                                       Typ. 500kHz (R1224Nxx2F/H, R1224N102H)
• Efficiency.........................................................................Typ. 90%
• Low Temperature-Drift Coefficient of Output Voltage......Typ. ±100ppm/°C
• Package .......................................................................... SOT-23-5
• Built-in Soft-start Function............................................... Typ. 10ms
• Built-in Current Limit Circuit

APPLICATIONS
• Power source for hand-held communication equipment, cameras, video instruments such as VCRs, camcorders.
• Power source for battery-powered equipment.
• Power source for household electrical appliances.




Similar Part No. - R1224N472H

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1221N RICOH-R1221N Datasheet
218Kb / 21P
   Step-down DC/DC Converter with Voltage Detector
R1221N15AA RICOH-R1221N15AA Datasheet
218Kb / 21P
   Step-down DC/DC Converter with Voltage Detector
R1221N15AA-TR RICOH-R1221N15AA-TR Datasheet
218Kb / 21P
   Step-down DC/DC Converter with Voltage Detector
R1221N15AC RICOH-R1221N15AC Datasheet
218Kb / 21P
   Step-down DC/DC Converter with Voltage Detector
R1221N15AC-TR RICOH-R1221N15AC-TR Datasheet
218Kb / 21P
   Step-down DC/DC Converter with Voltage Detector
More results


Similar Description - R1224N472H

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1225N RICOH-R1225N Datasheet
263Kb / 31P
   PWM/VFM step-down DC/DC Converter
R1223N RICOH-R1223N Datasheet
207Kb / 19P
   PWM/VFM Step-down DC/DC Converter
R1230D RICOH-R1230D Datasheet
881Kb / 20P
   PWM/VFM Step-down DC/DC Converter with Synchronous Rectifier
R1234D RICOH-R1234D Datasheet
915Kb / 26P
   PWM/VFM Step-Down DC/DC CONVERTER with Synchronous Rectifier
logo
Richtek Technology Corp...
RT9261 RICHTEK-RT9261_07 Datasheet
153Kb / 12P
   VFM Step-Up DC/DC Converter
logo
ELM Technology Corporat...
ELM600-SERIES ELM-TECH-ELM600-SERIES Datasheet
1Mb / 7P
   PWM step down DC/DC converter
logo
RICOH electronics devic...
RH5RI301B RICOH-RH5RI301B Datasheet
179Kb / 24P
   VFM STEP-UP DC/DC CONVERTER?
logo
Richtek Technology Corp...
RT9261B RICHTEK-RT9261B_07 Datasheet
127Kb / 8P
   VFM Step-Up DC/DC Converter
RT9261 RICHTEK-RT9261 Datasheet
219Kb / 14P
   VFM Step-up DC/DC Converter
logo
RICOH electronics devic...
RH5RIXX1B RICOH-RH5RIXX1B Datasheet
178Kb / 24P
   VFM STEP-UP DC/DC CONVERTER
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com