Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R3112Q111C Datasheet (PDF) - RICOH electronics devices division

R3112Q111C Datasheet PDF - RICOH electronics devices division
Part # R3112Q111C
Download  R3112Q111C Download

File Size   951.56 Kbytes
Page   30 Pages
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division
Description LOW VOLTAGE DETECTOR WITH OUTPUT DELAY

R3112Q111C Datasheet (PDF)

Go To PDF Page Download Datasheet
R3112Q111C Datasheet PDF - RICOH electronics devices division

Part # R3112Q111C
Download  R3112Q111C Click to download

File Size   951.56 Kbytes
Page   30 Pages
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division
Description LOW VOLTAGE DETECTOR WITH OUTPUT DELAY

R3112Q111C Datasheet (HTML) - RICOH electronics devices division

Back Button R3112Q111C Datasheet HTML 1Page - RICOH electronics devices division R3112Q111C Datasheet HTML 2Page - RICOH electronics devices division R3112Q111C Datasheet HTML 3Page - RICOH electronics devices division R3112Q111C Datasheet HTML 4Page - RICOH electronics devices division R3112Q111C Datasheet HTML 5Page - RICOH electronics devices division R3112Q111C Datasheet HTML 6Page - RICOH electronics devices division R3112Q111C Datasheet HTML 7Page - RICOH electronics devices division R3112Q111C Datasheet HTML 8Page - RICOH electronics devices division R3112Q111C Datasheet HTML 9Page - RICOH electronics devices division R3112Q111C Datasheet HTML 10Page - RICOH electronics devices division Next Button 

R3112Q111C Product details

OUTLINE
The R3112x Series are CMOS-based voltage detector ICs with high detector threshold accuracy and ultra-low supply current, which can be operated at an extremely low voltage and is used for system reset as an example.
Each of these ICs consists of a voltage reference unit, a comparator, resistor net for detector threshold setting, an output driver, a hysteresis circuit, and an output delay circuit. The detector threshold is fixed with high accuracy internally and does not require any adjustment. Two output types, Nch open drain type and CMOS type are available.
Three types of packages, SOT-23-5, small SC-82AB, and ultra-small SON1612-6 can be selected so that high density mounting on boards is possible.

FEATURES
• Built-in Output Delay Circuit................................. Typ. 100ms with an external capacitor: 0.022µF
• Supply Current .................................................... Typ. 0.5µA (R3112x271A/C, VDD=2.6V)
• Operating Voltage ............................................... 0.7 to 6.0V(Topt=25°C)
• Detector Threshold............................................... 0.9V to 5.0V
• High Accuracy Detector Threshold ...................... ±2.0%
• Low Temperature-Drift Coefficient of Detector Threshold ...Typ. ±100ppm/°C
• Two Output Types ............................................... Nch Open Drain and CMOS
• Packages ............................................................. SOT-23-5(Mini-mold),SC-82AB, SON1612-6

APPLICATIONS
• CPU and Logic Circuit Reset
• Battery Checker
• Window Comparator
• Wave Shaping Circuit
• Battery Back-up Circuit
• Power Failure Detector




Similar Part No. - R3112Q111C

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R3112Q131A RICOH-R3112Q131A Datasheet
267Kb / 16P
   LOW VOLTAGE DETECTOR WITH OUTPUT DELAY
R3112Q131A-TR RICOH-R3112Q131A-TR Datasheet
267Kb / 16P
   LOW VOLTAGE DETECTOR WITH OUTPUT DELAY
R3112Q131C RICOH-R3112Q131C Datasheet
267Kb / 16P
   LOW VOLTAGE DETECTOR WITH OUTPUT DELAY
R3112Q131C-TR RICOH-R3112Q131C-TR Datasheet
267Kb / 16P
   LOW VOLTAGE DETECTOR WITH OUTPUT DELAY
More results


Similar Description - R3112Q111C

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R3112X091A RICOH-R3112X091A Datasheet
267Kb / 16P
   LOW VOLTAGE DETECTOR WITH OUTPUT DELAY
R3115Z RICOH-R3115Z Datasheet
884Kb / 28P
   LOW VOLTAGE DETECTOR WITH OUTPUT DELAY
RN5VD RICOH-RN5VD Datasheet
198Kb / 28P
   VOLTAGE DETECTOR WITH OUTPUT DELAY
logo
Rohm
BU42XXG ROHM-BU42XXG Datasheet
341Kb / 6P
   Low Voltage Detector IC with Adjustable Output Delay
BU42XXFVE ROHM-BU42XXFVE Datasheet
349Kb / 6P
   Low Voltage Detector IC with Adjustable Output Delay
BU43XXG ROHM-BU43XXG Datasheet
326Kb / 6P
   Low Voltage Detector IC with Adjustable Output Delay
BU42XXF ROHM-BU42XXF Datasheet
341Kb / 6P
   Low Voltage Detector IC with Adjustable Output Delay
BU43XXF ROHM-BU43XXF Datasheet
326Kb / 6P
   Low Voltage Detector IC with Adjustable Output Delay
BU43XXFVE ROHM-BU43XXFVE Datasheet
329Kb / 6P
   Low Voltage Detector IC with Adjustable Output Delay
logo
Microchip Technology
TC51N5002ECBTR MICROCHIP-TC51N5002ECBTR Datasheet
449Kb / 14P
   1A Voltage Detector with Output Delay
05/01/02
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com