Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZX85C2V7 Datasheet (PDF) - Taiwan Semiconductor Company, Ltd

BZX85C2V7 Datasheet PDF - Taiwan Semiconductor Company, Ltd
Part # BZX85C2V7
Download  BZX85C2V7 Download

File Size   150.36 Kbytes
Page   5 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description Voltage Range 2.4 to 212 Volts 1.3Watts Power Dissipation

BZX85C2V7 Datasheet (PDF)

Go To PDF Page Download Datasheet
BZX85C2V7 Datasheet PDF - Taiwan Semiconductor Company, Ltd

Part # BZX85C2V7
Download  BZX85C2V7 Click to download

File Size   150.36 Kbytes
Page   5 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description Voltage Range 2.4 to 212 Volts 1.3Watts Power Dissipation

BZX85C2V7 Datasheet (HTML) - Taiwan Semiconductor Company, Ltd

BZX85C2V7 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BZX85C2V7 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BZX85C2V7 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BZX85C2V7 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd BZX85C2V7 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd

BZX85C2V7 Product details

Features
◇ Silicon Planar Power Zener Diodes
◇ For use in stabilizing and clipping circuits with high power rating
◇ The Zener voltages are graded according to the international E24 standard. Replace suffix “C”




Similar Part No. - BZX85C2V7

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZX85C2V7 VISHAY-BZX85C2V7 Datasheet
58Kb / 5P
   Silicon Epitaxial Planar Z-Diodes
Rev. 3, 01-Apr-99
BZX85C2V7 VISHAY-BZX85C2V7 Datasheet
100Kb / 6P
   Zener Diodes
Rev. 2.1, 22-Nov-11
logo
EIC discrete Semiconduc...
BZX85C2V7 EIC-BZX85C2V7 Datasheet
18Kb / 2P
   SILICON ZENER DIODES
logo
SHENZHEN YONGERJIA INDU...
BZX85C2V7 WINNERJOIN-BZX85C2V7 Datasheet
512Kb / 4P
   Zener diode
logo
GOOD-ARK Electronics
BZX85C2V7 GOOD-ARK-BZX85C2V7 Datasheet
129Kb / 3P
   SILICON PLANAR POWER ZENER DIODES
More results


Similar Description - BZX85C2V7

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BZX84C2V4 TSC-BZX84C2V4 Datasheet
71Kb / 3P
   Voltage Range 2.4 to 51 Volts 350m Watts Power Dissipation
logo
GOOD-ARK Electronics
1N5221 GOOD-ARK-1N5221_15 Datasheet
115Kb / 3P
   Zener Diodes Zener Voltage Range: 2.4 to 200 Volts Power Dissipation: 500mW
1N4728 GOOD-ARK-1N4728_15 Datasheet
93Kb / 3P
   Zener Diodes VZ Range: 3.3 to 100 Volts Power Dissipation: 1.0W
1N746 GOOD-ARK-1N746_15 Datasheet
57Kb / 2P
   Zener Diodes VZ Range 3.3 to 12 Volts Power Dissipation 500mW
logo
Rectron Semiconductor
MMSZ4681 RECTRON-MMSZ4681 Datasheet
373Kb / 5P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 43 Volts POWER RATING 500 mWatts
MM1Z5221B RECTRON-MM1Z5221B Datasheet
1Mb / 4P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 47 Volts POWER RATING 500 mWatts
BZT52C2V4 RECTRON-BZT52C2V4 Datasheet
214Kb / 4P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 39 Volts POWER RATING 500 mWatts
MMSZ5221B RECTRON-MMSZ5221B Datasheet
201Kb / 4P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 43 Volts POWER RATING 500 mWatts
BZM55C2V4 RECTRON-BZM55C2V4 Datasheet
460Kb / 5P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 47 Volts POWER RATING 500 mWatts
BZX84C2V4 RECTRON-BZX84C2V4 Datasheet
179Kb / 3P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 39 Volts POWER RATING 350 mWatts
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com