Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP101N201B Datasheet (PDF) - RICOH electronics devices division

RP101N201B Datasheet PDF - RICOH electronics devices division
Part # RP101N201B
Download  RP101N201B Download

File Size   705.89 Kbytes
Page   31 Pages
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division
Description LOW NOISE 300mA LDO REGULATOR

RP101N201B Datasheet (PDF)

Go To PDF Page Download Datasheet
RP101N201B Datasheet PDF - RICOH electronics devices division

Part # RP101N201B
Download  RP101N201B Click to download

File Size   705.89 Kbytes
Page   31 Pages
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division
Description LOW NOISE 300mA LDO REGULATOR

RP101N201B Datasheet (HTML) - RICOH electronics devices division

Back Button RP101N201B Datasheet HTML 1Page - RICOH electronics devices division RP101N201B Datasheet HTML 2Page - RICOH electronics devices division RP101N201B Datasheet HTML 3Page - RICOH electronics devices division RP101N201B Datasheet HTML 4Page - RICOH electronics devices division RP101N201B Datasheet HTML 5Page - RICOH electronics devices division RP101N201B Datasheet HTML 6Page - RICOH electronics devices division RP101N201B Datasheet HTML 7Page - RICOH electronics devices division RP101N201B Datasheet HTML 8Page - RICOH electronics devices division RP101N201B Datasheet HTML 9Page - RICOH electronics devices division RP101N201B Datasheet HTML 10Page - RICOH electronics devices division Next Button 

RP101N201B Product details

OUTLINE
The RP101x Series are CMOS-based voltage regulator ICs with high output voltage accuracy, extremely low supply current, low ON-resistance, and high ripple rejection. Each of these ICs consists of a voltage reference unit, an error amplifier, resistor-net for voltage setting, a current limit circuit, and a chip enable circuit.
These ICs perform with low dropout voltage and a chip enable function. The line transient response and load transient response of the RP101x Series are excellent, thus these ICs are very suitable for the power supply for hand-held communication equipment.
The output voltage of these ICs is fixed with high accuracy. Since the packages for these ICs are SOT-23-5 and PLP1612-4 (t=0.6mm type) or PLP1612-4B (t=0.4mm type), therefore high density mounting of the ICs on boards is possible.

FEATURES
• Supply Current ..........................................Typ. 18µA
• Standby Current ........................................Typ. 0.1µA
• Dropout Voltage.........................................Typ. 0.13V (IOUT=150mA, VOUT=2.8V)
• Ripple Rejection ........................................Typ. 75dB (f=1kHz)
• Temperature-Drift Coefficient of Output Voltage ..........Typ. ±30ppm/°C
• Line Regulation .........................................Typ. 0.02%/V
• Output Voltage Accuracy...........................±0.8%
• Packages...................................................PLP1612-4, PLP1612-4B, SOT-23-5
• Input Voltage Range..................................1.7V to 5.25V
• Output Voltage...........................................1.2V, 1.3V, 1.5V, 1.8V, 1.85V, 1.9V, 2.0V, 2.1V, 2.5V,
                                                                      2.6V, 2.7V, 2.8V, 2.85V, 2.9V, 3.0V, 3.1V, 3.3V
• Built-in Fold Back Protection Circuit.............................Typ. 40mA (Current at short mode)
• Ceramic capacitors are recommended to be used with this IC .... 1.0µF or more

APPLICATIONS
• Power source for portable communication equipment.
• Power source for electrical appliances such as cameras, VCRs and camcorders.
• Power source for battery-powered equipment.
• Power source for home appliances.




Similar Part No. - RP101N201B

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP101N201B-TR-FE RICOH-RP101N201B-TR-FE Datasheet
394Kb / 33P
   Supply Current Typ. 18uA
More results


Similar Description - RP101N201B

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR9101 UTC-LR9101_17 Datasheet
216Kb / 5P
   LOW NOISE 300mA LDO REGULATOR
LR9102 UTC-LR9102_17 Datasheet
274Kb / 6P
   LOW NOISE 300mA LDO REGULATOR
LR9102 UTC-LR9102 Datasheet
166Kb / 4P
   LOW NOISE 300mA LDO REGULATOR
LR9133 UTC-LR9133 Datasheet
194Kb / 4P
   LOW NOISE 300mA LDO REGULATOR
logo
RICOH electronics devic...
RP102X RICOH-RP102X Datasheet
1Mb / 32P
   LOW NOISE 300mA LDO REGULATOR
RP102K121B RICOH-RP102K121B_17 Datasheet
376Kb / 30P
   LOW NOISE 300mA LDO REGULATOR
logo
Unisonic Technologies
LR9113 UTC-LR9113 Datasheet
536Kb / 10P
   LOW NOISE 300mA LDO REGULATOR
LR9101 UTC-LR9101 Datasheet
191Kb / 4P
   LOW NOISE 300mA LDO REGULATOR
logo
Semtech Corporation
SC573 SEMTECH-SC573 Datasheet
1Mb / 17P
   300mA Low-Noise LDO Regulator
logo
Global Mixed-mode Techn...
AT1203 GMT-AT1203 Datasheet
199Kb / 2P
   Low Noise, 300mA CMOS LDO Regulator
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com