Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMBJ150A Datasheet (PDF) - Taiwan Semiconductor Company, Ltd

SMBJ150A Datasheet PDF - Taiwan Semiconductor Company, Ltd
Part # SMBJ150A
Download  SMBJ150A Download

File Size   99.18 Kbytes
Page   4 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description Surface Mount Transient Voltage Suppressor

SMBJ150A Datasheet (PDF)

Go To PDF Page Download Datasheet
SMBJ150A Datasheet PDF - Taiwan Semiconductor Company, Ltd

Part # SMBJ150A
Download  SMBJ150A Click to download

File Size   99.18 Kbytes
Page   4 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description Surface Mount Transient Voltage Suppressor

SMBJ150A Datasheet (HTML) - Taiwan Semiconductor Company, Ltd

SMBJ150A Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SMBJ150A Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SMBJ150A Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd SMBJ150A Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd

SMBJ150A Product details

Features
◇ For surface mounted application
◇ Low profile package
◇ Built-in strain relief
◇ Glass passivated junction
◇ Excellent clamping capability
◇ Fast response time: Typically less than 1.0ps from 0 volt to BV min
◇ Typical IR less than 1uA above 10V
◇ High temperature soldering guaranteed:
   260℃ / 10 seconds at terminals
◇ Plastic material used carried Underwriters
   Laboratory Flammability Classification 94V-0
◇ 600 watts peak pulse power capability with a 10/1000 us waveform
◇ Green compound with suffix "G" on packing code & prefix "G" on datecode




Similar Part No. - SMBJ150A

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMBJ150A MCC-SMBJ150A Datasheet
202Kb / 9P
   Transient Voltage Suppressor 5.0 to 440 Volts 600 Watt
logo
Guangdong Juxing Electr...
SMBJ150A JUXING-SMBJ150A Datasheet
898Kb / 4P
   Surface Mount Transient Voltage Suppressor Power 600W
logo
Jinan Gude Electronic D...
SMBJ150A JGD-SMBJ150A Datasheet
301Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Digitron Semiconductors
SMBJ150A DIGITRON-SMBJ150A Datasheet
188Kb / 4P
   SURFACE MOUNT 600W TVS
logo
Formosa MS
SMBJ150A FORMOSA-SMBJ150A Datasheet
855Kb / 10P
   SMD Transient Voltage Suppressor
More results


Similar Description - SMBJ150A

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SMBJ50 EIC-SMBJ50 Datasheet
110Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
3.0SMCJ11 EIC-3.0SMCJ11 Datasheet
58Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
3.0SMCJ11C EIC-3.0SMCJ11C Datasheet
57Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
MIC GROUP RECTIFIERS
SMB5.0 MIC-SMB5.0 Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SMF5.0A_SERIES PANJIT-SMF5.0A_SERIES_14 Datasheet
84Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Sangdest Microelectroni...
3.0SMCJ-GT3 SMC-3.0SMCJ-GT3 Datasheet
291Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
PACELEADER INDUSTRIAL
SMAJ PACELEADER-SMAJ Datasheet
4Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ PACELEADER-SMBJ Datasheet
342Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ PACELEADER-SMCJ Datasheet
349Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com