Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RD5RW53BA Datasheet (PDF) - RICOH electronics devices division

RD5RW53BA Datasheet PDF - RICOH electronics devices division
Part # RD5RW53BA
Download  RD5RW53BA Download

File Size   642.5 Kbytes
Page   23 Pages
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division
Description The Rx5RW Series are CMOS-based voltage regulator ICs with high accuracy output voltage and ultra-low

RD5RW53BA Datasheet (PDF)

Go To PDF Page Download Datasheet
RD5RW53BA Datasheet PDF - RICOH electronics devices division

Part # RD5RW53BA
Download  RD5RW53BA Click to download

File Size   642.5 Kbytes
Page   23 Pages
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division
Description The Rx5RW Series are CMOS-based voltage regulator ICs with high accuracy output voltage and ultra-low

RD5RW53BA Datasheet (HTML) - RICOH electronics devices division

Back Button RD5RW53BA Datasheet HTML 1Page - RICOH electronics devices division RD5RW53BA Datasheet HTML 2Page - RICOH electronics devices division RD5RW53BA Datasheet HTML 3Page - RICOH electronics devices division RD5RW53BA Datasheet HTML 4Page - RICOH electronics devices division RD5RW53BA Datasheet HTML 5Page - RICOH electronics devices division RD5RW53BA Datasheet HTML 6Page - RICOH electronics devices division RD5RW53BA Datasheet HTML 7Page - RICOH electronics devices division RD5RW53BA Datasheet HTML 8Page - RICOH electronics devices division RD5RW53BA Datasheet HTML 9Page - RICOH electronics devices division RD5RW53BA Datasheet HTML 10Page - RICOH electronics devices division Next Button 

RD5RW53BA Product details

OUTLINE

The Rx5RW Series are CMOS-based voltage regulator ICs with high accuracy output voltage and ultra-low supply current developed. Each of these ICs consists of a driver transistor, a voltage reference unit, an error amplifier, resistors for setting output volt-age and a current limit circuit. The output voltage of these ICs is fixed with high accuracy.

Even if VOUT is shorted to GND, the included current limit circuit protects the ICs from the destruction.

Furthermore, Rx5RWxxA/B have a chip enable function, so that the supply current on standby can be minimized.

Since the packages for these ICs are SC-82AB (Super Mini-mold) package and SON1612-6, high density mounting of the ICs on boards is possible.



FEATURES

• Ultra-Low Supply Current.............................................Typ. 1.5µA

   (except pull-up/pull-down current for CE /CE pin)

• Standby Current ...........................................................Typ. 0.1µA

• Dropout Voltage ...........................................................Typ. 40mV (IOUT=1mA, Rx5RW30A/B)

• Low Temperature-Drift Coefficient of Output Voltage...Typ. ±100ppm/°C

• Excellent Line Regulation ............................................Typ. 0.05%/V

• High Accuracy Output Voltage .....................................±2.0%

• Ultra-Small Packages ..................................................SC-82AB (Super Mini-mold), SON1612-6

• Built-in Current Limit Circuits



APPLICATIONS

• Power source for battery-powered equipment.

• Power source for cameras, VCRs, camcorders, hand-held audio instruments and hand-held communication equipment.

• Precision voltage references.



 




Similar Part No. - RD5RW53BA

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RD5RW50AA-TR-FE RICOH-RD5RW50AA-TR-FE Datasheet
268Kb / 19P
   Supply Current Typ. 1.5uA (except pull-up/pull-down current for CE /CE pin)
RD5RW50BA-TR-FE RICOH-RD5RW50BA-TR-FE Datasheet
268Kb / 19P
   Supply Current Typ. 1.5uA (except pull-up/pull-down current for CE /CE pin)
RD5RW50CA-TR-FE RICOH-RD5RW50CA-TR-FE Datasheet
268Kb / 19P
   Supply Current Typ. 1.5uA (except pull-up/pull-down current for CE /CE pin)
More results


Similar Description - RD5RW53BA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP7179D DIODES-AP7179D Datasheet
2Mb / 20P
   3A, ULTRA LOW NOISE, HIGH ACCURACY, LDO VOLTAGE REGULATOR
January 2023 Rev. 2 - 2
logo
Panasonic Semiconductor
AN1433SSM PANASONIC-AN1433SSM Datasheet
98Kb / 7P
   High accuracy, variable output, low voltage operation shunt regulator
logo
Rohm
BU4848 ROHM-BU4848_13 Datasheet
405Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs Ultra-low current consumption
logo
ON Semiconductor
NCP114 ONSEMI-NCP114 Datasheet
136Kb / 8P
   High Accuracy Very Low Dropout Bias Rail CMOS Voltage Regulator
March, 2015 ??Rev. 0
logo
Texas Instruments
LP2980IM5X-3.3 TI-LP2980IM5X-3.3 Datasheet
1Mb / 25P
[Old version datasheet]   Ultra Low Dropout Voltage, Output Voltage Accuracy 0.5% (A Grade)
logo
Rohm
BU42XXG-E ROHM-BU42XXG-E Datasheet
386Kb / 16P
   CMOS Voltage Detector ICs with adjustable output delay.
BDXXFA1FP3 ROHM-BDXXFA1FP3 Datasheet
459Kb / 17P
   High accuracy output voltage
logo
Micross Components
AS29372 MICROSS-AS29372 Datasheet
660Kb / 10P
   High output voltage accuracy
logo
STMicroelectronics
L6706 STMICROELECTRONICS-L6706 Datasheet
623Kb / 47P
   High output voltage accuracy
January 2010 Rev 2
logo
Unisonic Technologies
LR8XXYYBG-AE6-R UTC-LR8XXYYBG-AE6-R Datasheet
176Kb / 6P
   High Output Voltage Accuracy
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com