Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2204-05-411 Datasheet (PDF) - Coto Technology

2204-05-411 Datasheet PDF - Coto Technology
Part # 2204-05-411
Download  2204-05-411 Download

File Size   291.97 Kbytes
Page   2 Pages
Manufacturer  COTO [Coto Technology]
Direct Link  http://www.cotorelay.com
Logo COTO - Coto Technology
Description Reed Relays

2204-05-411 Datasheet (PDF)

Go To PDF Page Download Datasheet
2204-05-411 Datasheet PDF - Coto Technology

Part # 2204-05-411
Download  2204-05-411 Click to download

File Size   291.97 Kbytes
Page   2 Pages
Manufacturer  COTO [Coto Technology]
Direct Link  http://www.cotorelay.com
Logo COTO - Coto Technology
Description Reed Relays

2204-05-411 Datasheet (HTML) - Coto Technology

2204-05-411 Datasheet HTML 1Page - Coto Technology 2204-05-411 Datasheet HTML 2Page - Coto Technology

2204-05-411 Product details

2200 Series Reed Relays



Ideally suited to the needs of Automated Test Equipment and RF requirements. The specification tables allow you to select the appropriate relay for your particular application. If your requirements differ, please consult your local representative or Coto’s Factory.



2200 Series Features

 Very small (0.17 in2), high reliability reed relays

 High Insulation Resistance - 1012 Ω available with some models

 High speed switching compared to electromechanical relays

 Hermetically sealed contacts for long life

 Epoxy coated steel shell provides magnetic shielding

 Optional Electrostatic Shield for reducing capacitive coupling

 Optional Coaxial Shield for 50 Ω impedance and switching of fast rise time digital pulses offered on some models

 Relay models 2200-2301, 2200-2302, are ATE industry standards.

  Specifically engineered for OEM designs and maintenance of existing production fixtures




Similar Part No. - 2204-05-411

ManufacturerPart #DatasheetDescription
logo
WAGO Kontakttechnik Gmb...
2204-1201 WAGO-2204-1201 Datasheet
828Kb / 16P
   2-conductor through terminal block; with push-button; 4 mm짼; with test port; side and center marking; for DIN-rail 35 x 15 and 35 x 7.5; Push-in CAGE CLAMP짰; 4,00 mm짼; gray
24.11.2021
2204-1207 WAGO-2204-1207 Datasheet
790Kb / 14P
   2-conductor ground terminal block; with push-button; 4 mm짼; with test port; side and center marking; for DIN-rail 35 x 15 and 35 x 7.5; Push-in CAGE CLAMP짰; 4,00 mm짼; green-yellow
24.11.2021
2204-1301 WAGO-2204-1301 Datasheet
822Kb / 16P
   3-conductor through terminal block; with push-button; 4 mm짼; with test port; side and center marking; for DIN-rail 35 x 15 and 35 x 7.5; Push-in CAGE CLAMP짰; 4,00 mm짼; gray
24.11.2021
2204-1307 WAGO-2204-1307 Datasheet
806Kb / 14P
   3-conductor ground terminal block; with push-button; 4 mm짼; with test port; side and center marking; for DIN-rail 35 x 15 and 35 x 7.5; Push-in CAGE CLAMP짰; 4,00 mm짼; green-yellow
24.11.2021
2204-1401 WAGO-2204-1401 Datasheet
817Kb / 16P
   4-conductor through terminal block; with push-button; 4 mm짼; with test port; side and center marking; for DIN-rail 35 x 15 and 35 x 7.5; Push-in CAGE CLAMP짰; 4,00 mm짼; gray
23.11.2021
More results


Similar Description - 2204-05-411

ManufacturerPart #DatasheetDescription
logo
Coto Technology
2904-05-101 COTO-2904-05-101 Datasheet
255Kb / 2P
   Reed Relays
logo
Meder Electronic
1624185000 MEDER-1624185000 Datasheet
158Kb / 3P
   Reed Relays
1605185000 MEDER-1605185000 Datasheet
150Kb / 3P
   Reed Relays
1612185000 MEDER-1612185000 Datasheet
166Kb / 3P
   Reed Relays
DIL05-1A66-10C MEDER-DIL05-1A66-10C Datasheet
97Kb / 2P
   DIL Reed Relays
DIL05-2A75-21Q MEDER-DIL05-2A75-21Q Datasheet
88Kb / 1P
   DIL Reed Relays
DIL-CL-1A66-15-13M MEDER-DIL-CL-1A66-15-13M Datasheet
96Kb / 2P
   DIL Reed Relays
logo
DB Lectro Inc
20D-1A12E1 DBLECTRO-20D-1A12E1 Datasheet
986Kb / 2P
   MINIATURE REED RELAYS
20D-1A12N1 DBLECTRO-20D-1A12N1 Datasheet
1Mb / 2P
   MINIATURE REED RELAYS
21D-1E12N0 DBLECTRO-21D-1E12N0 Datasheet
873Kb / 2P
   MINIATURE REED RELAYS
More results




About Coto Technology


Coto Technology is a company that specializes in the design, development, and manufacturing of high-quality magnetic reed switches and other related products. The company was founded in 1917 and is based in North Kingstown, Rhode Island, USA.

Coto Technology offers a wide range of magnetic reed switches and related products, including high-voltage reed relays, automotive-grade reed switches, and surface-mount reed switches. These products are used in a variety of applications, including telecommunications, medical equipment, automotive electronics, and industrial controls.

In addition to magnetic reed switches, Coto Technology also offers a range of complementary products, including dry reed switches, reed sensors, and magnetic proximity sensors. The company has a reputation for producing high-quality, reliable products, and has won numerous awards and accolades for its work in the industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com