Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSMX-C150 Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

HSMX-C150 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
Part # HSMX-C150
Download  HSMX-C150 Download

File Size   420.99 Kbytes
Page   11 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description High Performance ChipLED

HSMX-C150 Datasheet (PDF)

Go To PDF Page Download Datasheet
HSMX-C150 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

Part # HSMX-C150
Download  HSMX-C150 Click to download

File Size   420.99 Kbytes
Page   11 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description High Performance ChipLED

HSMX-C150 Datasheet (HTML) - AVAGO TECHNOLOGIES LIMITED

Back Button HSMX-C150 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HSMX-C150 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HSMX-C150 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HSMX-C150 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HSMX-C150 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HSMX-C150 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HSMX-C150 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HSMX-C150 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HSMX-C150 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HSMX-C150 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED Next Button 

HSMX-C150 Product details

Description
These chip LEDs are designed in an industry standard package for ease of handling and use. Various different LED colors are available in nine compact, single color packages.

Features
• Small size
• Industry standard footprint
• Compatible with IR solder
• Diffused optics
• Operating temperature range of -40°C to +85°C
• Right angle & reverse mount package available
• Various colors available
• Available in 8 mm tape on 7 in. (178 mm) diameter reels

Applications
• Keypad backlighting
• Push-button backlighting
• LCD backlighting
• Symbol backlighting
• Front panel indicator




Similar Part No. - HSMX-C150

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSMX-C150 HP-HSMX-C150 Datasheet
229Kb / 8P
   SMT ChipLEDs
HSMX-C150 HP-HSMX-C150 Datasheet
310Kb / 13P
   Surface Mount Chip LEDs
HSMX-C150 HP-HSMX-C150 Datasheet
260Kb / 8P
   Surface Mount Chip LEDs
More results


Similar Description - HSMX-C150

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSMW-C170 AVAGO-HSMW-C170 Datasheet
369Kb / 8P
   High Performance ChipLED
logo
Broadcom Corporation.
HSMA-C170-T0000 BOARDCOM-HSMA-C170-T0000 Datasheet
1Mb / 9P
   High Performance ChipLED
HSMX-C110 BOARDCOM-HSMX-C110 Datasheet
191Kb / 9P
   High Performance ChipLED
logo
List of Unclassifed Man...
HSMA-C110 ETC1-HSMA-C110 Datasheet
230Kb / 11P
   High Performance ChipLED
logo
Broadcom Corporation.
HSMA-C191-T0000 BOARDCOM-HSMA-C191-T0000 Datasheet
1Mb / 9P
   High Performance ChipLED
HSMC-C170-T0000 BOARDCOM-HSMC-C170-T0000 Datasheet
1Mb / 10P
   High Performance Surface Mount ChipLED
HSML-C170-T0000 BOARDCOM-HSML-C170-T0000 Datasheet
1Mb / 10P
   High Performance Surface Mount ChipLED
HSML-C191-T0000 BOARDCOM-HSML-C191-T0000 Datasheet
1Mb / 10P
   High Performance Surface Mount ChipLED
logo
AVAGO TECHNOLOGIES LIMI...
ASDL-4561 AVAGO-ASDL-4561 Datasheet
162Kb / 6P
   High Performance Infrared Emitter (870nm) ChipLED
ASDL-4560 AVAGO-ASDL-4560 Datasheet
158Kb / 6P
   High Performance Infrared Emitter (875nm) ChipLED
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com