Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HLMP-AB87-MQ0DD Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

HLMP-AB87-MQ0DD Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
Part # HLMP-AB87-MQ0DD
Download  HLMP-AB87-MQ0DD Download

File Size   353.58 Kbytes
Page   12 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description Precision Optical Performance Red, Green and Blue 5mm Mini Oval LEDs

HLMP-AB87-MQ0DD Datasheet (PDF)

Go To PDF Page Download Datasheet
HLMP-AB87-MQ0DD Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

Part # HLMP-AB87-MQ0DD
Download  HLMP-AB87-MQ0DD Click to download

File Size   353.58 Kbytes
Page   12 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description Precision Optical Performance Red, Green and Blue 5mm Mini Oval LEDs

HLMP-AB87-MQ0DD Datasheet (HTML) - AVAGO TECHNOLOGIES LIMITED

Back Button HLMP-AB87-MQ0DD Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-AB87-MQ0DD Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-AB87-MQ0DD Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-AB87-MQ0DD Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-AB87-MQ0DD Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-AB87-MQ0DD Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-AB87-MQ0DD Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-AB87-MQ0DD Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-AB87-MQ0DD Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HLMP-AB87-MQ0DD Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED Next Button 

HLMP-AB87-MQ0DD Product details

Description
These Precision Optical Performance Oval LEDs are specifcally designed for full color/video and passenger information signs. The oval shaped radiation pattern and high luminous intensity ensure these devices are excellent for wide feld of view outdoor applications where a wide viewing angle and readability in sunlight are essential.

Features
•  Well defned spatial radiation pattern
•  High brightness material
•  Available in red, green and blue color
  - Red AlInGaP 630nm
  -  Green InGaN 525nm
  -  Blue InGaN 470nm
•  Superior resistance to moisture
•  Tinted and diffused

Benefts
•  Viewing angle designed for wide feld of view applications
•  Superior performance for outdoor environments.

Applications
•  Full color signs
•  Commercial outdoor advertising




Similar Part No. - HLMP-AB87-MQ0DD

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HLMP-AB87-MQ0XX HP-HLMP-AB87-MQ0XX Datasheet
78Kb / 8P
   5mm Mini Oval Precision Optical Performance Red, Blue and Green LEDs.
More results


Similar Description - HLMP-AB87-MQ0DD

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-AD61 AVAGO-HLMP-AD61 Datasheet
204Kb / 12P
   Precision Optical Performance Red, Green and Blue 5mm Mini Oval LEDs
logo
Agilent(Hewlett-Packard...
HLMP-AB87 HP-HLMP-AB87 Datasheet
78Kb / 8P
   5mm Mini Oval Precision Optical Performance Red, Blue and Green LEDs.
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-AG64 AVAGO-HLMP-AG64 Datasheet
231Kb / 12P
   Precision Optical Performance Red Green and Blue New 5mm Mini Oval LEDs
logo
Broadcom Corporation.
HLMP-AG64 BOARDCOM-HLMP-AG64 Datasheet
231Kb / 12P
   Precision Optical Performance Red Green and Blue New 5mm Mini Oval LEDs
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-HD61 AVAGO-HLMP-HD61 Datasheet
272Kb / 12P
   Precision Optical Performance Red, Green and Blue 5mm Standard Oval LEDs
HLMP-HG63 AVAGO-HLMP-HG63 Datasheet
449Kb / 12P
   Precision Optical Performance Red, Green and Blue New 5mm Standard Oval LEDs
HLMP-HG64 AVAGO-HLMP-HG64 Datasheet
265Kb / 12P
   Precision Optical Performance Red, Green and Blue New 5mm Standard Oval LEDs
HLMP-HG65 AVAGO-HLMP-HG65 Datasheet
884Kb / 14P
   Precision Optical Performance Red, Green, and Blue New 5mm Standard Oval LEDs
HLMP-LD15 AVAGO-HLMP-LD15 Datasheet
428Kb / 12P
   Precision Optical Performance Red, Green and Blue 4mm Standard Oval LEDs
HLMP-HD55 AVAGO-HLMP-HD55 Datasheet
333Kb / 12P
   Precision Optical Performance Red, Green and Blue 5 mm Standard Oval LEDs
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com