Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HLMP-RB11-D0000 Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

HLMP-RB11-D0000 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
Part # HLMP-RB11-D0000
Download  HLMP-RB11-D0000 Download

File Size   205.42 Kbytes
Page   7 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description 4 mm Oval Precision Optical Performance Best Value AlInGaP and InGaN Lamps

HLMP-RB11-D0000 Datasheet (PDF)

Go To PDF Page Download Datasheet
HLMP-RB11-D0000 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

Part # HLMP-RB11-D0000
Download  HLMP-RB11-D0000 Click to download

File Size   205.42 Kbytes
Page   7 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description 4 mm Oval Precision Optical Performance Best Value AlInGaP and InGaN Lamps

HLMP-RB11-D0000 Datasheet (HTML) - AVAGO TECHNOLOGIES LIMITED

HLMP-RB11-D0000 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-RB11-D0000 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-RB11-D0000 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-RB11-D0000 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-RB11-D0000 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-RB11-D0000 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-RB11-D0000 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED

HLMP-RB11-D0000 Product details

Description
These Precision Optical Performance Oval LEDs are specifically designed for Full Color/Video and Passenger Information signs. The oval shaped radiation pattern (60° x 120°) and high luminous intensity ensure that these devices are excellent for wide field of view outdoor applications where a wide viewing angle and readability in sunlight are essential. These lamps have very smooth, matched radiation patterns ensuring consistent color mixing in full color applications, message uniformity across the viewing angle of the sign.
High efficiency LED materials are used in these lamps: Aluminum Indium Gallium Phosphide (AlInGaP) for Red and Amber color and Indium Gallium Nitride (InGaN) for Blue and Green. There are two families of red and amber lamps, AlInGaP and the higher performance AlInGaP II. Each lamp is made with an advanced optical grade epoxy offering superior high temperature and high moisture resistance in outdoor applications. The package epoxy contains both uv-a and uv-b inhibitors to reduce the effects of long term exposure to direct sunlight.

Features
• Well defined spatial radiation pattern
• Viewing angle:
   major axis 120°
   minor axis 60°
• High luminous output
• Two red and amber intensity levels:
   AlInGaP (bright) and AlInGaP II (brightest)
• Colors:
   626/630 nm red
   590/592 nm amber526 nm green
   470 nm blue
• Superior resistance to moisture
• UV resistant epoxy

Benefits
• Viewing angle designed for wide field of view applications
• Superior performance for outdoor environments
• Radiation pattern matched for red, green, and blue for full color sign

Applications
• Full color signs




Similar Part No. - HLMP-RB11-D0000

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HLMP-RB11-D0000 HP-HLMP-RB11-D0000 Datasheet
362Kb / 7P
   Optical Performance Best Value AlInGaP and InGaN Lamps
More results


Similar Description - HLMP-RB11-D0000

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HLMP-SL11 HP-HLMP-SL11 Datasheet
362Kb / 7P
   Optical Performance Best Value AlInGaP and InGaN Lamps
HLMP-ABXX HP-HLMP-ABXX Datasheet
103Kb / 10P
   Oval Precision Optical Performance AlInGaP and InGaN Lamps
ALMP-ALXX HP-ALMP-ALXX Datasheet
92Kb / 10P
   Oval Precision Optical Performance AlInGaP and InGaN Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-RG10 AVAGO-HLMP-RG10 Datasheet
239Kb / 9P
   4 mm Super Oval Precision Optical Performance AlInGaP and InGaN LEDs
HLMP-LB11 AVAGO-HLMP-LB11 Datasheet
369Kb / 8P
   4 mm Precision Optical Performance InGaN Standard Oval LED Lamps
HLMP-HB55 AVAGO-HLMP-HB55 Datasheet
101Kb / 12P
   5 mm Precision Optical Performance InGaN Oval LED Lamps
HLMP-BL06-QRKDD AVAGO-HLMP-BL06-QRKDD Datasheet
379Kb / 12P
   5mm mini Oval Precision Optical Performance AlInGaP Lamps
HLMP-AD06-NSTXX AVAGO-HLMP-AD06-NSTXX Datasheet
379Kb / 12P
   5mm mini Oval Precision Optical Performance AlInGaP Lamps
logo
Agilent(Hewlett-Packard...
HLMP-RG10 HP-HLMP-RG10 Datasheet
274Kb / 8P
   4 mm Oval Precision Optical Performance LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-EL32-PQ0DD AVAGO-HLMP-EL32-PQ0DD Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com